Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA6420 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TEA6420
Description  BUS-CONTROLLED AUDIO MATRIX SWITCH
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA6420 Datasheet(HTML) 5 Page - STMicroelectronics

  TEA6420 Datasheet HTML 1Page - STMicroelectronics TEA6420 Datasheet HTML 2Page - STMicroelectronics TEA6420 Datasheet HTML 3Page - STMicroelectronics TEA6420 Datasheet HTML 4Page - STMicroelectronics TEA6420 Datasheet HTML 5Page - STMicroelectronics TEA6420 Datasheet HTML 6Page - STMicroelectronics TEA6420 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TEA6420
5/7
TYPICAL APPLICATION
Figure 3.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
µ
22 F
100nF
C1
C2
C3
C4
C5
C11
C12
C13
C14
CH2
Output
L
R
L
R
CH1
Output
Left
Inputs
C15
C16
C
C
17
18
C10
C
C
9
8
C
C
7
6
SW
R
L
CH3
Output
R
L
CH4
Output
Right
Inputs
Bus
Inputs
SCL
SDA
T
E
A
6
4
2
0
+9V
1


Similar Part No. - TEA6420

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA6420 STMICROELECTRONICS-TEA6420 Datasheet
152Kb / 7P
   BUS-CONTROLLED AUDIO MATRIX SWITCH
TEA6420DT STMICROELECTRONICS-TEA6420DT Datasheet
152Kb / 7P
   BUS-CONTROLLED AUDIO MATRIX SWITCH
More results

Similar Description - TEA6420

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA6420DT STMICROELECTRONICS-TEA6420DT Datasheet
152Kb / 7P
   BUS-CONTROLLED AUDIO MATRIX SWITCH
TEA6422 STMICROELECTRONICS-TEA6422 Datasheet
168Kb / 10P
   BUS-CONTROLLED AUDIO MATRIX
TEA6417 STMICROELECTRONICS-TEA6417 Datasheet
283Kb / 7P
   BUS-CONTROLLED VIDEO MATRIX SWITCH
TEA6414A STMICROELECTRONICS-TEA6414A Datasheet
304Kb / 9P
   BUS-CONTROLLED VIDEO MATRIX SWITCH
TEA6415C STMICROELECTRONICS-TEA6415C Datasheet
95Kb / 10P
   BUS-CONTROLLED VIDEO MATRIX SWITCH
STV6415A STMICROELECTRONICS-STV6415A Datasheet
197Kb / 15P
   I짼C bus-controlled video matrix switch
logo
ON Semiconductor
NCS6416 ONSEMI-NCS6416 Datasheet
143Kb / 9P
   Low-Voltage, Bus-Controlled Video Matrix Switch
June, 2007 - Rev.0
logo
STMicroelectronics
STV6410A STMICROELECTRONICS-STV6410A Datasheet
205Kb / 22P
   AUDIO/VIDEO SWITCH MATRIX
STV6414A STMICROELECTRONICS-STV6414A Datasheet
483Kb / 32P
   Audio/video switch matrix
STV6413 STMICROELECTRONICS-STV6413 Datasheet
626Kb / 28P
   Audio/Video Switch Matrix
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com