Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBLF25L30CTHE3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SBLF25L30CTHE3
Description  Dual Low VF Common Cathode Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SBLF25L30CTHE3 Datasheet(HTML) 3 Page - Vishay Siliconix

  SBLF25L30CTHE3 Datasheet HTML 1Page - Vishay Siliconix SBLF25L30CTHE3 Datasheet HTML 2Page - Vishay Siliconix SBLF25L30CTHE3 Datasheet HTML 3Page - Vishay Siliconix SBLF25L30CTHE3 Datasheet HTML 4Page - Vishay Siliconix SBLF25L30CTHE3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SBL(F,B)25L20CT thru SBL(F,B)25L30CT
Vishay General Semiconductor
Document Number: 88731
Revision: 08-Apr-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
Figure 3. Typical Instantaneous Forward Characteristics Per Diode
Figure 4. Typical Reverse Characteristics Per Diode
0
0.2
0.4
0.6
0.01
0.1
10
1
100
0.1
0.3
0.5
T
J = 150 °C
T
J = 25 °C
Instantaneous Forward Voltage (V)
T
J = 100 °C
T
J = 125 °C
60
40
20
10
100
80
0.01
1
10
1000
0.1
T
J = 125 °C
T
J = 25 °C
T
J = 100 °C
Percent of Rated Peak Reverse Voltage (%)
100
70
50
30
90
T
J = 150 °C
Figure 5. Typical Junction Capacitance Per Diode
Figure 6. Typical Transient Thermal Impedance Per Diode
0.1
10
1
100
10 000
1000
100
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
Reverse Voltage (V)
0.1
0.01
10
1
100
100
10
1
0.1
t - Pulse Duration (s)


Similar Part No. - SBLF25L30CTHE3

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SBLF25L30CT GE-SBLF25L30CT Datasheet
112Kb / 2P
   LOW VF SCHOTTKY ISOLATED PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
SBLF25L30CT GOOD-ARK-SBLF25L30CT Datasheet
247Kb / 3P
   Dual Low VF Schottky Barrier Rectifiers
logo
Vishay Siliconix
SBLF25L30CT VISHAY-SBLF25L30CT Datasheet
160Kb / 5P
   Dual Low VF Common Cathode Schottky Rectifier
01-Jan-2022
More results

Similar Description - SBLF25L30CTHE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SBL25LXXCT VISHAY-SBL25LXXCT Datasheet
144Kb / 5P
   Dual Low VF Common Cathode Schottky Rectifier
Revision: 12-Jun-13
SBL25L30CT VISHAY-SBL25L30CT_V01 Datasheet
160Kb / 5P
   Dual Low VF Common Cathode Schottky Rectifier
01-Jan-2022
SBL25L20CT VISHAY-SBL25L20CT_15 Datasheet
148Kb / 6P
   Dual Low VF Common Cathode Schottky Rectifier
Revision: 12-Jun-13
SBLFB25L20CT VISHAY-SBLFB25L20CT Datasheet
149Kb / 5P
   Dual Low VF Common Cathode Schottky Rectifier
12-Mar-12
logo
Bruckewell Technology L...
MBRF20200CT BWTECH-MBRF20200CT Datasheet
346Kb / 4P
   Dual Common-Cathode Ultra Low VF Schottky Rectifier
MBRF20L45CT BWTECH-MBRF20L45CT Datasheet
118Kb / 4P
   Dual Common-Cathode Ultra Low VF Schottky Rectifier
MBRF10200CT BWTECH-MBRF10200CT Datasheet
197Kb / 4P
   Dual Common-Cathode Ultra Low VF Schottky Rectifier
TMBR2080CT BWTECH-TMBR2080CT Datasheet
437Kb / 4P
   Dual Common-Cathode Ultra Low VF Schottky Rectifier
TMBRF30150CT BWTECH-TMBRF30150CT Datasheet
113Kb / 4P
   Dual Common-Cathode Ultra Low VF Schottky Rectifier
TMBR30150CT BWTECH-TMBR30150CT Datasheet
111Kb / 4P
   Dual Common-Cathode Ultra Low VF Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com