Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST173S12MFK2PBF Datasheet(PDF) 7 Page - Vishay Siliconix

Part # ST173S12MFK2PBF
Description  Inverter Grade Thyristors (Stud Version), 175 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST173S12MFK2PBF Datasheet(HTML) 7 Page - Vishay Siliconix

  ST173S12MFK2PBF Datasheet HTML 1Page - Vishay Siliconix ST173S12MFK2PBF Datasheet HTML 2Page - Vishay Siliconix ST173S12MFK2PBF Datasheet HTML 3Page - Vishay Siliconix ST173S12MFK2PBF Datasheet HTML 4Page - Vishay Siliconix ST173S12MFK2PBF Datasheet HTML 5Page - Vishay Siliconix ST173S12MFK2PBF Datasheet HTML 6Page - Vishay Siliconix ST173S12MFK2PBF Datasheet HTML 7Page - Vishay Siliconix ST173S12MFK2PBF Datasheet HTML 8Page - Vishay Siliconix ST173S12MFK2PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 94367
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 29-Apr-08
7
ST173SPbF Series
Inverter Grade Thyristors
(Stud Version), 175 A
Vishay High Power Products
Fig. 14 - Maximum On-State Energy Power Loss Characteristics
Fig. 15 - Gate Characteristics
Pulse Basewidth (µs)
20 joules per pulse
0.5
0.3
0.2
7.5
10
100
1000
10 000
10
100
1000
10 000
t
p
ST173S Series
Sinusoidal pulse
0.1
2
100 000
1
4
Pulse Basewidth (µs)
10
100
1000
10 000
10
100
1000
10 000
100 000
0.1
0.2
0.5
2 3
1
5 10
20 joules per pulse
t
p
ST173S Series
Rectangular pulse
dI/dt = 50 A/µs
0.3
0.4
0.1
1
10
100
0.001
Instantaneous Gate Current (A)
0.01
0.1
1
10
100
(b)
V
GD
I
GD
(1)
(2)
(3)
Device: ST173S Series
(4)
Frequency limited by P
G(AV)
(1) P
GM = 10 W, tp = 20 ms
(2) P
GM = 20 W, tp = 10 ms
(3) P
GM = 40 W, tp = 5 ms
(4) P
GM = 60 W, tp = 3.3 ms
Rectangular gate pulse
a) Recommended load line for
rated dI/dt: 20 V, 10
Ω; t
r ≤ 1 µs
b) Recommended load line for
≤ 30 % rated dI/dt: 10 V, 10 Ω
t
r ≤ 1 µs
(a)


Similar Part No. - ST173S12MFK2PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST173S IRF-ST173S Datasheet
407Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
More results

Similar Description - ST173S12MFK2PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ST173S VISHAY-VS-ST173S Datasheet
1Mb / 11P
   Inverter Grade Thyristors (Stud Version), 175 A
Revision: 11-Mar-14
VS-ST173S VISHAY-VS-ST173S_V01 Datasheet
204Kb / 11P
   Inverter Grade Thyristors (Stud Version), 175 A
01-Jan-2022
logo
International Rectifier
ST083S IRF-ST083S Datasheet
343Kb / 9P
   INVERTER GRADE THYRISTORS Stud Version
ST103S IRF-ST103S Datasheet
351Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
logo
Vishay Siliconix
ST303SPBF VISHAY-ST303SPBF Datasheet
299Kb / 9P
   Inverter Grade Thyristors (Stud Version), 300 A
Revision: 30-Apr-08
VS-ST083SP VISHAY-VS-ST083SP Datasheet
207Kb / 10P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 06-Feb-17
logo
International Rectifier
ST173S IRF-ST173S Datasheet
407Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST183S IRF-ST183S Datasheet
398Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST203S IRF-ST203S Datasheet
361Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST223S IRF-ST223S Datasheet
444Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com