Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST183C08CHK2LP Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ST183C08CHK2LP
Description  Inverter Grade Thyristors (Hockey PUK Version), 370 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST183C08CHK2LP Datasheet(HTML) 4 Page - Vishay Siliconix

  ST183C08CHK2LP Datasheet HTML 1Page - Vishay Siliconix ST183C08CHK2LP Datasheet HTML 2Page - Vishay Siliconix ST183C08CHK2LP Datasheet HTML 3Page - Vishay Siliconix ST183C08CHK2LP Datasheet HTML 4Page - Vishay Siliconix ST183C08CHK2LP Datasheet HTML 5Page - Vishay Siliconix ST183C08CHK2LP Datasheet HTML 6Page - Vishay Siliconix ST183C08CHK2LP Datasheet HTML 7Page - Vishay Siliconix ST183C08CHK2LP Datasheet HTML 8Page - Vishay Siliconix ST183C08CHK2LP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94368
4
Revision: 30-Apr-08
ST183CPbF Series
Vishay High Power Products
Inverter Grade Thyristors
(Hockey PUK Version), 370 A
Note
• The table above shows the increment of thermal resistance RthJ-hs when devices operate at different conduction angles than DC
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
ΔR
thJ-hs CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
SINGLE SIDE
DOUBLE SIDE
SINGLE SIDE
DOUBLE SIDE
180°
0.015
0.016
0.011
0.011
TJ = TJ maximum
K/W
120°
0.018
0.019
0.019
0.019
90°
0.024
0.024
0.026
0.026
60°
0.035
0.035
0.036
0.037
30°
0.060
0.060
0.060
0.061
0
200
240
Average On-State Current (A)
40
120
80
160
80
90
110
120
130
ST183C..C Series
(Single side cooled)
R
thJ-hs (DC) = 0.17 K/W
Conduction angle
70
60
50
40
100
Ø
30°
60°
90°
120°
180°
0
250
350
400
Average On-State Current (A)
50
150
100
200
80
90
110
120
130
ST183C..C Series
(Single side cooled)
R
thJ-hs (DC) = 0.17 K/W
Ø
Conduction period
70
60
50
40
30
20
100
300
30°
60°
120° 180°
DC
90°
0
350 400 450
150
250
200
300
80
90
110
120
130
ST183C..C Series
(Double side cooled)
R
thJ-hs (DC) = 0.08 K/W
Conduction angle
70
60
50
40
30
100
100
50
Ø
30°
60°
90°
120°
180°
Average On-State Current (A)
0
500
600
700
Average On-State Current (A)
100
300
200
400
80
90
110
120
130
ST183C..C Series
(Double side cooled)
R
thJC (DC) = 0.08 K/W
Ø
Conduction period
70
60
50
40
30
20
100
30°
60°
90°
120°
180°
DC


Similar Part No. - ST183C08CHK2LP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST183C08CFN0 IRF-ST183C08CFN0 Datasheet
196Kb / 10P
   INVERTER GRADE THYRISTORS
More results

Similar Description - ST183C08CHK2LP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST203CPBF VISHAY-ST203CPBF Datasheet
309Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 370 A
Revision: 30-Apr-08
VS-ST203C VISHAY-VS-ST203C_V01 Datasheet
382Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 370 A
01-Jan-2022
VS-ST203C VISHAY-VS-ST203C Datasheet
402Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 370 A
Revision: 16-Dec-13
VS-ST183C VISHAY-VS-ST183C_V01 Datasheet
225Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 370 A
01-Jan-2022
logo
International Rectifier
ST173C IRF-ST173C Datasheet
427Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST303C IRF-ST303C Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C1111 IRF-ST333C1111 Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST203C IRF-ST203C Datasheet
483Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C IRF-ST333C Datasheet
478Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST223C IRF-ST223C Datasheet
479Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com