Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR2080CTGP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MBR2080CTGP
Description  Schottky Rectifier, 2 x 10 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR2080CTGP Datasheet(HTML) 1 Page - Vishay Siliconix

  MBR2080CTGP Datasheet HTML 1Page - Vishay Siliconix MBR2080CTGP Datasheet HTML 2Page - Vishay Siliconix MBR2080CTGP Datasheet HTML 3Page - Vishay Siliconix MBR2080CTGP Datasheet HTML 4Page - Vishay Siliconix MBR2080CTGP Datasheet HTML 5Page - Vishay Siliconix MBR2080CTGP Datasheet HTML 6Page - Vishay Siliconix MBR2080CTGP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 94517
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 08-Oct-08
1
Schottky Rectifier, 2 x 10 A
MBRB20...CTGPbF/MBR20...CTG-1PbF
Vishay High Power Products
FEATURES
• 150 °C TJ operation
• Center tap D2PAK and TO-262 packages
• Low forward voltage drop
• High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
• High frequency operation
• Guard ring enhanced ruggedness and long term reliability
• Lead (Pb)-free (“PbF” suffix)
• Designed and qualified for AEC Q101 level
DESCRIPTION
This center tap Schottky rectifier has been optimized for low
reverse leakage at high temperature. The proprietary barrier
technology allows for reliable operation up to 150 °C junction
temperature. Typical applications are in switching power
supplies, converters, freewheeling diodes, and reverse
battery protection.
PRODUCT SUMMARY
IF(AV)
2 x 10 A
VR
80 to 100 V
MBRB20...CTGPbF
D2PAK
TO-262
MBR20...CTG-1PbF
Base
common
cathode
Anode
Anode
Common
cathode
1
3
2
2
Base
common
cathode
Anode
Anode
Common
cathode
1
3
2
2
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IFRM
TC = 133 °C (per leg)
20
A
VRRM
80 to 100
V
IFSM
tp = 5 µs sine
850
A
VF
10 Apk, TJ = 125 °C
0.70
V
TJ
Range
- 65 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
MBRB2080CTGPbF
MBR2080CTG-1PbF
MBRB2090CTGPbF
MBR2090CTG-1PbF
MBRB20100CTGPbF
MBR20100CTG-1PbF
UNITS
Maximum DC reverse voltage
VR
80
90
100
V
Maximum working peak reverse voltage
VRWM
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - MBR2080CTGP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR2080CTGP VISHAY-MBR2080CTGP Datasheet
167Kb / 8P
   Schottky Rectifier, 2 x 10 A
Revision: 16-Mar-10
MBR2080CTGPBF VISHAY-MBR2080CTGPBF Datasheet
167Kb / 8P
   Schottky Rectifier, 2 x 10 A
Revision: 16-Mar-10
More results

Similar Description - MBR2080CTGP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRB2035CT-1PBF VISHAY-MBRB2035CT-1PBF Datasheet
136Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 16-Mar-10
MBR20100CTKPBF VISHAY-MBR20100CTKPBF_09 Datasheet
168Kb / 7P
   Schottky Rectifier, 2 x 10 A
Revision: 05-Oct-09
MBRB2080CTG-1PBF VISHAY-MBRB2080CTG-1PBF_10 Datasheet
167Kb / 8P
   Schottky Rectifier, 2 x 10 A
Revision: 16-Mar-10
VS-MBR20CTPBF VISHAY-VS-MBR20CTPBF Datasheet
156Kb / 7P
   Schottky Rectifier, 2 x 10 A
Revision: 04-Dec-13
20CTQ150 VISHAY-20CTQ150 Datasheet
111Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 22-Aug-08
20CTQS VISHAY-20CTQS Datasheet
135Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 22-Aug-08
20CTQ150PBF VISHAY-20CTQ150PBF Datasheet
114Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 13-Aug-08
MBRB2035CTPBF VISHAY-MBRB2035CTPBF Datasheet
138Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 14-Aug-08
VS-20CTQSPBF VISHAY-VS-20CTQSPBF Datasheet
175Kb / 8P
   Schottky Rectifier, 2 x 10 A
Revision: 12-Mar-10
VS-MBR20CTKPBF VISHAY-VS-MBR20CTKPBF Datasheet
176Kb / 7P
   Schottky Rectifier, 2 x 10 A
Revision: 29-Aug-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com