Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR2090CTG-1P Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MBR2090CTG-1P
Description  Schottky Rectifier, 2 x 10 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR2090CTG-1P Datasheet(HTML) 6 Page - Vishay Siliconix

  MBR2090CTG-1P Datasheet HTML 1Page - Vishay Siliconix MBR2090CTG-1P Datasheet HTML 2Page - Vishay Siliconix MBR2090CTG-1P Datasheet HTML 3Page - Vishay Siliconix MBR2090CTG-1P Datasheet HTML 4Page - Vishay Siliconix MBR2090CTG-1P Datasheet HTML 5Page - Vishay Siliconix MBR2090CTG-1P Datasheet HTML 6Page - Vishay Siliconix MBR2090CTG-1P Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94517
6
Revision: 08-Oct-08
MBRB20...CTGPbF/MBR20...CTG-1PbF
Vishay High Power Products
Schottky Rectifier,
2 x 10 A
ORDERING INFORMATION TABLE
1
-
Essential part number
2
-
B = D2PAK
None = TO-262
3
-
Current rating (20 = 20 A)
4
-
Voltage ratings
5
-
CT = Essential part number
6
-
G = Schottky generation
7
-
None = D2PAK
-1 = TO-262
8
-
None = Tube (50 pieces)
TL = Tape and reel (left oriented - for D2PAK only)
TR = Tape and reel (right oriented - for D2PAK only)
9
-
None = Standard production
PbF = Lead (Pb)-free (D2PAK tube)
P = Lead (Pb)-free (for D2PAK TR and TL, and TO-262)
80 = 80 V
90 = 90 V
100 = 100 V
Device code
5
1
3
24
67
8
9
MBR
B
20
100
CT
G
-1
TL
PbF
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95014
Part marking information
http://www.vishay.com/doc?95008
Packaging information
http://www.vishay.com/doc?95032


Similar Part No. - MBR2090CTG-1P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR2090CTG-1P VISHAY-MBR2090CTG-1P Datasheet
167Kb / 8P
   Schottky Rectifier, 2 x 10 A
Revision: 16-Mar-10
MBR2090CTG-1PBF VISHAY-MBR2090CTG-1PBF Datasheet
167Kb / 8P
   Schottky Rectifier, 2 x 10 A
Revision: 16-Mar-10
MBR2090CTG-1PBF VISHAY-MBR2090CTG-1PBF Datasheet
167Kb / 8P
   Schottky Rectifier, 2 x 10 A
Revision: 16-Mar-10
More results

Similar Description - MBR2090CTG-1P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRB2035CT-1PBF VISHAY-MBRB2035CT-1PBF Datasheet
136Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 16-Mar-10
MBR20100CTKPBF VISHAY-MBR20100CTKPBF_09 Datasheet
168Kb / 7P
   Schottky Rectifier, 2 x 10 A
Revision: 05-Oct-09
MBRB2080CTG-1PBF VISHAY-MBRB2080CTG-1PBF_10 Datasheet
167Kb / 8P
   Schottky Rectifier, 2 x 10 A
Revision: 16-Mar-10
VS-MBR20CTPBF VISHAY-VS-MBR20CTPBF Datasheet
156Kb / 7P
   Schottky Rectifier, 2 x 10 A
Revision: 04-Dec-13
20CTQ150 VISHAY-20CTQ150 Datasheet
111Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 22-Aug-08
20CTQS VISHAY-20CTQS Datasheet
135Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 22-Aug-08
20CTQ150PBF VISHAY-20CTQ150PBF Datasheet
114Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 13-Aug-08
MBRB2035CTPBF VISHAY-MBRB2035CTPBF Datasheet
138Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 14-Aug-08
VS-20CTQSPBF VISHAY-VS-20CTQSPBF Datasheet
175Kb / 8P
   Schottky Rectifier, 2 x 10 A
Revision: 12-Mar-10
VS-MBR20CTKPBF VISHAY-VS-MBR20CTKPBF Datasheet
176Kb / 7P
   Schottky Rectifier, 2 x 10 A
Revision: 29-Aug-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com