Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA5116 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TEA5116
Description  5 CHANNELS VIDEO SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA5116 Datasheet(HTML) 2 Page - STMicroelectronics

  TEA5116 Datasheet HTML 1Page - STMicroelectronics TEA5116 Datasheet HTML 2Page - STMicroelectronics TEA5116 Datasheet HTML 3Page - STMicroelectronics TEA5116 Datasheet HTML 4Page - STMicroelectronics TEA5116 Datasheet HTML 5Page - STMicroelectronics TEA5116 Datasheet HTML 6Page - STMicroelectronics TEA5116 Datasheet HTML 7Page - STMicroelectronics TEA5116 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SHUNT
REGULATOR
2
3
4
5
1
7
8
9
10
6
11
12
13
14
15
16
17
18
x2
x2
x2
x2
R1
R2
G1
G2
B1
B2
FB2
FB1
S1
S2
C
S
FB
B
G
R
VCC
V
(12V)
PS
R PS
TEA5116
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
ICC
Supply Current (see note)
150
mA
Vin
Input Voltage (all inputs)
– 0.5 to VCC + 0.5
V
Toper
Operating Temperature Range
0, 70
°C
Tj
Junction Temperature
– 40, + 150
°C
Tstg
Storage Temperature
– 40, + 150
°C
Note : Mi nimum output l oad is 300
Ω in case of all outputs loaded.
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction-ambient Thermal Resistance
70
°C/W
TEA5116
2/8


Similar Part No. - TEA5116

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA5110 STMICROELECTRONICS-TEA5110 Datasheet
180Kb / 5P
   LOW DROP-OUT 5V DUAL VOLTAGE REGULATOR
TEA5114 STMICROELECTRONICS-TEA5114 Datasheet
48Kb / 4P
   RGB SWITCHING CIRCUIT
May 1996
TEA5114A STMICROELECTRONICS-TEA5114A Datasheet
48Kb / 4P
   RGB SWITCHING CIRCUIT
May 1996
TEA5115 STMICROELECTRONICS-TEA5115 Datasheet
118Kb / 10P
   5 CHANNELS VIDEO SWITCH
More results

Similar Description - TEA5116

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA5115 STMICROELECTRONICS-TEA5115 Datasheet
118Kb / 10P
   5 CHANNELS VIDEO SWITCH
logo
Hitachi Semiconductor
HA11513 HITACHI-HA11513 Datasheet
198Kb / 3P
   5 Channel Video Switch
logo
Agamem Microelectronic ...
AA7623SP AGAMEM-AA7623SP Datasheet
76Kb / 4P
   Three Channels Video Driver
logo
New Japan Radio
NJM2296 NJRC-NJM2296 Datasheet
281Kb / 8P
   5-INPUT 3-OUTPUT VIDEO SWITCH
NJM2595 NJRC-NJM2595 Datasheet
585Kb / 9P
   5-INPUT 3-OUTPUT VIDEO SWITCH
logo
Siemens Semiconductor G...
TDA6920 SIEMENS-TDA6920 Datasheet
1Mb / 20P
   7 x 5 Video Matrix Switch
logo
STMicroelectronics
AN2526 STMICROELECTRONICS-AN2526 Datasheet
185Kb / 10P
   STMAV340 has 4 channels and a 2 to 1 video switch
logo
Richtek Technology Corp...
RT9645 RICHTEK-RT9645 Datasheet
389Kb / 13P
   5 Channels ACPI Regulator
logo
Integrated Device Techn...
IDTVS512 IDT-IDTVS512 Datasheet
142Kb / 8P
   WIDE BANDWIDTH VIDEO SIGNAL SWITCH, 5 PORT
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com