Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURD620CTPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MURD620CTPBF
Description  Ultrafast Rectifier, 2 x 3 A FRED PtTM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MURD620CTPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  MURD620CTPBF Datasheet HTML 1Page - Vishay Siliconix MURD620CTPBF Datasheet HTML 2Page - Vishay Siliconix MURD620CTPBF Datasheet HTML 3Page - Vishay Siliconix MURD620CTPBF Datasheet HTML 4Page - Vishay Siliconix MURD620CTPBF Datasheet HTML 5Page - Vishay Siliconix MURD620CTPBF Datasheet HTML 6Page - Vishay Siliconix MURD620CTPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94084
4
Revision: 21-Jul-08
MURD620CTPbF
Vishay High Power Products
Ultrafast Rectifier,
2 x 3 A FRED PtTM
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Typical Reverse Recovery Time vs. dIF/dt
Fig. 8 - Typical Stored Charge vs. dIF/dt
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = Rated VR
01
IF(AV) - Average Forward Current (A)
160
170
180
See note (1)
150
DC
140
130
23
Square wave (D = 0.50)
Rated V
R applied
4
5
120
02
IF(AV) - Average Forward Current (A)
0
D = 0.01
D = 0.02
D = 0.05
D = 0.10
D = 0.20
D = 0.50
DC
13
1.0
2.0
4.5
3.0
4.0
RMS limit
4
5
3.5
2.5
1.5
0.5
100
1000
dIF/dt (A/µs)
20
40
V
R = 30 V
T
J = 125 °C
T
J = 25 °C
30
50
10
I
F = 3 A
I
F = 6 A
100
1000
dIF/dt (A/µs)
40
I
F = 6 A
I
F = 3 A
140
100
V
R = 30 V
T
J = 125 °C
T
J = 25 °C
80
120
0
20
60


Similar Part No. - MURD620CTPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MURD620CTPBF IRF-MURD620CTPBF Datasheet
171Kb / 8P
   Ultrafast Rectifier
logo
Vishay Siliconix
MURD620CTPBF VISHAY-MURD620CTPBF Datasheet
143Kb / 8P
   Ultrafast Rectifier, 2 x 3 A FRED Pt
Revision: 13-Jan-11
MURD620CTPBF VISHAY-MURD620CTPBF_11 Datasheet
143Kb / 8P
   Ultrafast Rectifier, 2 x 3 A FRED Pt
Revision: 13-Jan-11
More results

Similar Description - MURD620CTPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6CWH02FNPBF VISHAY-6CWH02FNPBF Datasheet
117Kb / 7P
   Ultrafast Rectifier, 2 x 3 A FRED PtTM
Revision: 21-Jul-08
30CPU04 VISHAY-30CPU04 Datasheet
120Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 28-Jul-08
MURB2020CTPBF VISHAY-MURB2020CTPBF Datasheet
121Kb / 7P
   Ultrafast Rectifier, 2 x 10 A FRED PtTM
Revision: 05-Sep-08
70CRU04PBF VISHAY-70CRU04PBF Datasheet
122Kb / 6P
   Ultrafast Rectifier, 2 x 35 A FRED PtTM
Revision: 21-Jul-08
16CTU04PBF VISHAY-16CTU04PBF_08 Datasheet
119Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED PtTM
Revision: 21-Jul-08
30CPU04PBF VISHAY-30CPU04PBF Datasheet
122Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 21-Jul-08
30CPH03 VISHAY-30CPH03 Datasheet
114Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 28-Jul-08
30CPH03PBF VISHAY-30CPH03PBF Datasheet
113Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 21-Jul-08
MUR1020CTPBF VISHAY-MUR1020CTPBF Datasheet
116Kb / 7P
   Ultrafast Rectifier, 2 x 5 A FRED PtTM
Revision: 21-Jul-08
16CTU04S VISHAY-16CTU04S_08 Datasheet
125Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED PtTM
Revision: 08-Sep-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com