Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURB1520TRR Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MURB1520TRR
Description  Ultrafast Rectifier, 15 A FRED PtTM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MURB1520TRR Datasheet(HTML) 4 Page - Vishay Siliconix

  MURB1520TRR Datasheet HTML 1Page - Vishay Siliconix MURB1520TRR Datasheet HTML 2Page - Vishay Siliconix MURB1520TRR Datasheet HTML 3Page - Vishay Siliconix MURB1520TRR Datasheet HTML 4Page - Vishay Siliconix MURB1520TRR Datasheet HTML 5Page - Vishay Siliconix MURB1520TRR Datasheet HTML 6Page - Vishay Siliconix MURB1520TRR Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93939
4
Revision: 24-Jun-08
MURB1520/MURB1520-1
Vishay High Power Products
Ultrafast Rectifier,
15 A FRED PtTM
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Typical Reverse Recovery Time vs. dIF/dt
Fig. 8 - Typical Stored Charge vs. dIF/dt
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = Rated VR
05
IF(AV) - Average Forward Current (A)
160
170
180
See note (1)
150
DC
140
130
10
15
20
Square wave (D = 0.50)
Rated V
R applied
25
010
20
IF(AV) - Average Forward Current (A)
0
D = 0.01
D = 0.02
D = 0.05
D = 0.10
D = 0.20
D = 0.50
DC
515
5
10
25
15
20
RMS limit
25
100
1000
dIF/dt (A/µs)
20
40
V
R = 160 V
T
J = 125 °C
T
J = 25 °C
30
50
10
60
I
F = 30 A
I
F = 15 A
I
F = 8 A
100
1000
dIF/dt (A/µs)
40
I
F = 30 A
I
F = 15 A
I
F = 8 A
200
120
V
R = 160 V
T
J = 125 °C
T
J = 25 °C
80
160
0


Similar Part No. - MURB1520TRR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MURB1520TRRPBF VISHAY-MURB1520TRRPBF Datasheet
120Kb / 7P
   Ultrafast Rectifier, 15 A FRED PtTM
Revision: 05-Sep-08
MURB1520TRRPBF VISHAY-MURB1520TRRPBF Datasheet
170Kb / 9P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 11-Mar-10
More results

Similar Description - MURB1520TRR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MURB1520PBF VISHAY-MURB1520PBF Datasheet
120Kb / 7P
   Ultrafast Rectifier, 15 A FRED PtTM
Revision: 05-Sep-08
15ETH03PBF VISHAY-15ETH03PBF Datasheet
117Kb / 7P
   Ultrafast Rectifier, 15 A FRED PtTM
Revision: 03-Apr-08
MUR1520 VISHAY-MUR1520 Datasheet
108Kb / 7P
   Ultrafast Rectifier, 15 A FRED PtTM
Revision: 24-Jun-08
MUR1520PBF VISHAY-MUR1520PBF Datasheet
106Kb / 7P
   Ultrafast Rectifier, 15 A FRED PtTM
Revision: 09-Apr-08
30CPU04 VISHAY-30CPU04 Datasheet
120Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 28-Jul-08
30CPU04PBF VISHAY-30CPU04PBF Datasheet
122Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 21-Jul-08
30CPH03 VISHAY-30CPH03 Datasheet
114Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 28-Jul-08
30CPH03PBF VISHAY-30CPH03PBF Datasheet
113Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 21-Jul-08
MUR3020WTPBF VISHAY-MUR3020WTPBF Datasheet
112Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 21-Jul-08
MUR3020WT VISHAY-MUR3020WT Datasheet
108Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 28-Jul-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com