Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURB1620CT Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MURB1620CT
Description  Ultrafast Rectifier, 2 x 8 A FRED PtTM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MURB1620CT Datasheet(HTML) 6 Page - Vishay Siliconix

  MURB1620CT Datasheet HTML 1Page - Vishay Siliconix MURB1620CT Datasheet HTML 2Page - Vishay Siliconix MURB1620CT Datasheet HTML 3Page - Vishay Siliconix MURB1620CT Datasheet HTML 4Page - Vishay Siliconix MURB1620CT Datasheet HTML 5Page - Vishay Siliconix MURB1620CT Datasheet HTML 6Page - Vishay Siliconix MURB1620CT Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93940
6
Revision: 28-Jul-08
MURB1620CT/MURB1620CT-1
Vishay High Power Products
Ultrafast Rectifier,
2 x 8 A FRED PtTM
ORDERING INFORMATION TABLE
1
-
Ultrafast MUR series
2
-
B = D2PAK/TO-262
3
-
Current rating (16 = 16 A)
4
-
Voltage rating (20 = 200 V)
5
6
-
None = Tube (50 pieces)
TRL = Tape and reel (left oriented, for D2PAK only)
TRR = Tape and reel (right oriented, for D2PAK only)
7
-
None = Standard production
PbF = Lead (Pb)-free (for TO-262 and D2PAK tube)
-
None = D2PAK
-1 = TO-262
CT = Center tap (dual)
8
P = Lead (Pb)-free (for D2PAK TRR and TRL)
Device code
5
13
24
67
8
MUR
B
16
20
CT
-1
TRL
-
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95014
Part marking information
http://www.vishay.com/doc?95008
Packaging information
http://www.vishay.com/doc?95032


Similar Part No. - MURB1620CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MURB1620CT MOTOROLA-MURB1620CT Datasheet
105Kb / 6P
   ULTRAFAST RECTIFIER 16 AMPERES 200 VOLTS
logo
Zibo Seno Electronic En...
MURB1620CT ZSELEC-MURB1620CT Datasheet
238Kb / 2P
   16.0A GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Diodes Incorporated
MURB1620CT DIODES-MURB1620CT Datasheet
64Kb / 2P
   16A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14005 Rev. A1-2
logo
GOOD-ARK Electronics
MURB1620CT GOOD-ARK-MURB1620CT Datasheet
408Kb / 4P
   Ultrafast Recovery Planar Diode
logo
Micro Commercial Compon...
MURB1620CT MCC-MURB1620CT Datasheet
105Kb / 3P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
More results

Similar Description - MURB1620CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
16CTU04PBF VISHAY-16CTU04PBF_08 Datasheet
119Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED PtTM
Revision: 21-Jul-08
16CTU04S VISHAY-16CTU04S_08 Datasheet
125Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED PtTM
Revision: 08-Sep-08
MUR1620CTPBF VISHAY-MUR1620CTPBF Datasheet
112Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED PtTM
Revision: 21-Jul-08
16CTU04SPBF VISHAY-16CTU04SPBF_08 Datasheet
576Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED PtTM
Revision: 21-Jul-08
16CTU04 VISHAY-16CTU04 Datasheet
116Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED PtTM
Revision: 28-Jul-08
MURB1620CTPBF VISHAY-MURB1620CTPBF Datasheet
121Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED PtTM
Revision: 05-Sep-08
MUR1620CT VISHAY-MUR1620CT Datasheet
109Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED PtTM
Revision: 28-Jul-08
30CPU04 VISHAY-30CPU04 Datasheet
120Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 28-Jul-08
MURB2020CTPBF VISHAY-MURB2020CTPBF Datasheet
121Kb / 7P
   Ultrafast Rectifier, 2 x 10 A FRED PtTM
Revision: 05-Sep-08
70CRU04PBF VISHAY-70CRU04PBF Datasheet
122Kb / 6P
   Ultrafast Rectifier, 2 x 35 A FRED PtTM
Revision: 21-Jul-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com