Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURB820-1TRR Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MURB820-1TRR
Description  Ultrafast Rectifier, 8 A FRED PtTM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MURB820-1TRR Datasheet(HTML) 2 Page - Vishay Siliconix

  MURB820-1TRR Datasheet HTML 1Page - Vishay Siliconix MURB820-1TRR Datasheet HTML 2Page - Vishay Siliconix MURB820-1TRR Datasheet HTML 3Page - Vishay Siliconix MURB820-1TRR Datasheet HTML 4Page - Vishay Siliconix MURB820-1TRR Datasheet HTML 5Page - Vishay Siliconix MURB820-1TRR Datasheet HTML 6Page - Vishay Siliconix MURB820-1TRR Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93123
2
Revision: 24-Jun-08
MURB820/MURB820-1
Vishay High Power Products
Ultrafast Rectifier,
8 A FRED PtTM
DYNAMIC RECOVERY CHARACTERISTICS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Reverse recovery time
trr
IF = 1.0 A, dIF/dt = 50 A/µs, VR = 30 V
-
-
35
ns
IF = 0.5 A, IR = 1.0 A, IREC = 0.25 A
-
-
25
TJ = 25 °C
IF = 8 A
dIF/dt = 200 A/µs
VR = 160 V
-20-
TJ = 125 °C
-
34
-
Peak recovery current
IRRM
TJ = 25 °C
-
1.7
-
A
TJ = 125 °C
-
4.2
-
Reverse recovery charge
Qrr
TJ = 25 °C
-
23
-
nC
TJ = 125 °C
-
75
-
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Maximum junction and
storage temperature range
TJ, TStg
- 65
-
175
°C
Thermal resistance,
junction to case
RthJC
--
3.0
°C/W
Thermal resistance,
junction to ambient
RthJA
--
50
Thermal resistance,
case to heatsink
RthCS
Mounting surface, flat, smooth and
greased
-0.5
-
Weight
-2.0
-
g
-0.07
-
oz.
Mounting torque
6.0
(5.0)
-
12
(10)
kgf · cm
(lbf · in)
Marking device
Case style D2PAK
MURB820
Case style TO-262
MURB820-1


Similar Part No. - MURB820-1TRR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MURB820-1TRRPBF VISHAY-MURB820-1TRRPBF Datasheet
122Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 05-Sep-08
MURB820-1TRRPBF VISHAY-MURB820-1TRRPBF Datasheet
170Kb / 9P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 11-Mar-10
More results

Similar Description - MURB820-1TRR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MURB820PBF VISHAY-MURB820PBF Datasheet
122Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 05-Sep-08
8ETU04 VISHAY-8ETU04 Datasheet
104Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 23-Jun-08
8ETU04PBF VISHAY-8ETU04PBF Datasheet
107Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 08-Apr-08
MUR820 VISHAY-MUR820 Datasheet
108Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 24-Jun-08
MUR820PBF VISHAY-MUR820PBF Datasheet
107Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 09-Apr-08
8ETU04S VISHAY-8ETU04S Datasheet
123Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 08-Sep-08
8ETU04SPBF VISHAY-8ETU04SPBF Datasheet
125Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 21-May-08
16CTU04PBF VISHAY-16CTU04PBF_08 Datasheet
119Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED PtTM
Revision: 21-Jul-08
16CTU04S VISHAY-16CTU04S_08 Datasheet
125Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED PtTM
Revision: 08-Sep-08
MUR1620CTPBF VISHAY-MUR1620CTPBF Datasheet
112Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED PtTM
Revision: 21-Jul-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com