Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR3020WTPBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MUR3020WTPBF
Description  Ultrafast Rectifier, 2 x 15 A FRED PtTM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MUR3020WTPBF Datasheet(HTML) 3 Page - Vishay Siliconix

  MUR3020WTPBF Datasheet HTML 1Page - Vishay Siliconix MUR3020WTPBF Datasheet HTML 2Page - Vishay Siliconix MUR3020WTPBF Datasheet HTML 3Page - Vishay Siliconix MUR3020WTPBF Datasheet HTML 4Page - Vishay Siliconix MUR3020WTPBF Datasheet HTML 5Page - Vishay Siliconix MUR3020WTPBF Datasheet HTML 6Page - Vishay Siliconix MUR3020WTPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 94080
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 21-Jul-08
3
MUR3020WTPbF
Ultrafast Rectifier,
2 x 15 A FRED PtTM
Vishay High Power Products
Fig. 1 - Typical Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
1
10
T
J = 175 °C
T
J = 150 °C
T
J = 25 °C
0
1.5
0.3
0.9
VF - Forward Voltage Drop (V)
100
1.2
0.1
0.6
0.01
0.1
1
10
100
0
100
150
VR - Reverse Voltage (V)
T
J = 175 °C
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 25 °C
200
250
50
1000
100
1000
1
10
100
1000
10
VR - Reverse Voltage (V)
T
J = 25 °C
0.01
0.1
10
0.00001
0.0001
0.001
0.01
0.1
1
t1 - Rectangular Pulse Duration (s)
.
.
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC
1
Single pulse
(thermal resistance)
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01


Similar Part No. - MUR3020WTPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MUR3020WTPBF IRF-MUR3020WTPBF Datasheet
167Kb / 7P
   Ultrafast Rectifier (trr = 35ns , IF(AV) = 30Amp , VR = 200V)
logo
Vishay Siliconix
MUR3020WTPBF VISHAY-MUR3020WTPBF Datasheet
151Kb / 8P
   Ultrafast Rectifier, 2 x 15 A FRED Pt
Revision: 17-Feb-11
logo
Kersemi Electronic Co.,...
MUR3020WTPBF KERSEMI-MUR3020WTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
MUR3020WTPBF KERSEMI-MUR3020WTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
logo
Vishay Siliconix
MUR3020WTPBF VISHAY-MUR3020WTPBF_11 Datasheet
151Kb / 8P
   Ultrafast Rectifier, 2 x 15 A FRED Pt
Revision: 17-Feb-11
More results

Similar Description - MUR3020WTPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30CPU04 VISHAY-30CPU04 Datasheet
120Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 28-Jul-08
30CPU04PBF VISHAY-30CPU04PBF Datasheet
122Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 21-Jul-08
30CPH03 VISHAY-30CPH03 Datasheet
114Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 28-Jul-08
30CPH03PBF VISHAY-30CPH03PBF Datasheet
113Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 21-Jul-08
MUR3020WT VISHAY-MUR3020WT Datasheet
108Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 28-Jul-08
MURB1520PBF VISHAY-MURB1520PBF Datasheet
120Kb / 7P
   Ultrafast Rectifier, 15 A FRED PtTM
Revision: 05-Sep-08
15ETH03PBF VISHAY-15ETH03PBF Datasheet
117Kb / 7P
   Ultrafast Rectifier, 15 A FRED PtTM
Revision: 03-Apr-08
MUR1520 VISHAY-MUR1520 Datasheet
108Kb / 7P
   Ultrafast Rectifier, 15 A FRED PtTM
Revision: 24-Jun-08
MURB1520 VISHAY-MURB1520 Datasheet
115Kb / 7P
   Ultrafast Rectifier, 15 A FRED PtTM
Revision: 24-Jun-08
MUR1520PBF VISHAY-MUR1520PBF Datasheet
106Kb / 7P
   Ultrafast Rectifier, 15 A FRED PtTM
Revision: 09-Apr-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com