Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR1520 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MUR1520
Description  Ultrafast Rectifier, 15 A FRED PtTM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MUR1520 Datasheet(HTML) 6 Page - Vishay Siliconix

  MUR1520 Datasheet HTML 1Page - Vishay Siliconix MUR1520 Datasheet HTML 2Page - Vishay Siliconix MUR1520 Datasheet HTML 3Page - Vishay Siliconix MUR1520 Datasheet HTML 4Page - Vishay Siliconix MUR1520 Datasheet HTML 5Page - Vishay Siliconix MUR1520 Datasheet HTML 6Page - Vishay Siliconix MUR1520 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93119
6
Revision: 24-Jun-08
MUR1520
Vishay High Power Products
Ultrafast Rectifier,
15 A FRED PtTM
ORDERING INFORMATION TABLE
1
-
Ultrafast MUR series
2
-
Current rating (15 = 15 A)
-
Voltage rating (20 = 200 V)
3
-
None = Standard production
4
PbF = Lead (Pb)-free
Tube standard pack quantity: 50 pieces
Device code
13
24
MUR
15
20
-
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95221
Part marking information
http://www.vishay.com/doc?95224
SPICE model
http://www.vishay.com/doc?95271


Similar Part No. - MUR1520

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR1520 MOTOROLA-MUR1520 Datasheet
143Kb / 6P
   ULTRAFAST RECTIFIERS 15 AMPERES 200-400-600 VOLTS
logo
Shenzhen Luguang Electr...
MUR1520 LUGUANG-MUR1520 Datasheet
118Kb / 4P
   High Power Products
logo
New Jersey Semi-Conduct...
MUR1520 NJSEMI-MUR1520 Datasheet
84Kb / 1P
   15 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
logo
ON Semiconductor
MUR1520 ONSEMI-MUR1520 Datasheet
98Kb / 8P
   SWITCHMODE Power Rectifiers
October, 2000 ??Rev. 2
logo
Kersemi Electronic Co.,...
MUR1520 KERSEMI-MUR1520 Datasheet
432Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
More results

Similar Description - MUR1520

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MURB1520PBF VISHAY-MURB1520PBF Datasheet
120Kb / 7P
   Ultrafast Rectifier, 15 A FRED PtTM
Revision: 05-Sep-08
15ETH03PBF VISHAY-15ETH03PBF Datasheet
117Kb / 7P
   Ultrafast Rectifier, 15 A FRED PtTM
Revision: 03-Apr-08
MURB1520 VISHAY-MURB1520 Datasheet
115Kb / 7P
   Ultrafast Rectifier, 15 A FRED PtTM
Revision: 24-Jun-08
MUR1520PBF VISHAY-MUR1520PBF Datasheet
106Kb / 7P
   Ultrafast Rectifier, 15 A FRED PtTM
Revision: 09-Apr-08
30CPU04 VISHAY-30CPU04 Datasheet
120Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 28-Jul-08
30CPU04PBF VISHAY-30CPU04PBF Datasheet
122Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 21-Jul-08
30CPH03 VISHAY-30CPH03 Datasheet
114Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 28-Jul-08
30CPH03PBF VISHAY-30CPH03PBF Datasheet
113Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 21-Jul-08
MUR3020WTPBF VISHAY-MUR3020WTPBF Datasheet
112Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 21-Jul-08
MUR3020WT VISHAY-MUR3020WT Datasheet
108Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 28-Jul-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com