Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

280879-12 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 280879-12
Description  15” Infrared Touch Panel
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

280879-12 Datasheet(HTML) 6 Page - Vishay Siliconix

  280879-12 Datasheet HTML 1Page - Vishay Siliconix 280879-12 Datasheet HTML 2Page - Vishay Siliconix 280879-12 Datasheet HTML 3Page - Vishay Siliconix 280879-12 Datasheet HTML 4Page - Vishay Siliconix 280879-12 Datasheet HTML 5Page - Vishay Siliconix 280879-12 Datasheet HTML 6Page - Vishay Siliconix 280879-12 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
7
TIP-5038SDE-1
Vishay Dale
Document Number: 37072
Revision 28-Jun-01
MOUNTING
The touch panel and display assembly should be mounted in
accordance with mounting instructions specified herein, and
as separately specified by the display manufacturer. The vi-
bration and shock specifications only apply to the complete
assembly when properly mounted in a rigid front panel.
CLEANING
The bezel is manufactured from polycarbonate which is com-
patible with most cleaning agents such as alcohol, window
cleaners, and soap and water. Solvent type cleaning agents
should only be used for wiping. Filters are made from polyes-
ter, polycarbonate, or acrylic and also should withstand the
above cleaning agents. Care must be taken to avoid scratch-
ing the bezel or filter by cleaning with abrasive or coarse cloths,
use only soft cotton. While scratches normally won’t affect the
function of the touch panel, they will degrade the appearance
of the end product and make the display difficult to read.
WARRANTY
Vishay Dale warrants that TIP infrared touch panels will be
free from defects in materials and workmanship, and that they
will function substantially to these specifications. The TIP touch
panels are warranted for one year from shipment from Vishay
Dale. Cosmetic defects (bezel and filter scratches and blem-
ishes) are not warranted unless they are present when the
HOST
TOUCH PANEL
ACTION
Send 22
Enables ENTER point mode
Send 2B
Request report
Send 48
No report is available
Send 2B
Request report
Send 42, 1D, 12
A stylus entered the touch panel.
The coordinates are X29, and
Y18 (decimal) - (See touch Point
Format)
Send 2B
Request report
Send 48
No report is available
product is first delivered from Vishay Dale Electronics. Bezel/
filter assemblies with cosmetic defects must be returned within
30 days of delivery.
The purchaser must return the defective or nonconforming
goods to Vishay Dale not later than 30 days after Vishay Dale’s
issuance of an RMA number. No goods are to be returned
without issuance of an RMA number. For an RMA number,
contact the Vishay Dale’s customer service department with
the model number(s) and original purchase order number(s).
When returning goods for repair, please include a brief de-
scription of the problem, and mark the outside of the shipping
container with the RMA number. The Buyer shall prepay trans-
portation charges, and Vishay Dale shall pay for the return of
the goods to the buyer.
The warranty does not apply in cases of improper or inad-
equate installation or maintenance by the Buyer, unauthorized
modification of the product, operation of the product outside
their environmental specifications, neglect or abuse of the prod-
uct. This warranty is not the full warranty, and should not be
interpreted as a substitute for the full warranty.
ELECTROSTATIC CAUTION
Vishay Dale TIP touch panels use electrostatic sensitive com-
ponents. These assemblies should be unpacked and handled
in an ESD controlled area only. When shipping, use packing
materials designed for protection of electrostatic sensitive com-
ponents.
Vishay Dale Electronics, Inc. believes that the information de-
scribed in this publication is accurate and reliable, and much
care has been taken in its preparation. However, no responsi-
bility, financial, or otherwise, is accepted for any consequences
arising out of the use of this information.
This information is subject to change without notice.


Similar Part No. - 280879-12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
280879-12 VISHAY-280879-12 Datasheet
93Kb / 7P
   12.1??Infrared Touch Panel
Revision 28-Jun-01
280879-12 VISHAY-280879-12 Datasheet
125Kb / 7P
   14” Infrared Touch Pane
Revision 20-Nov-03
280879-12 VISHAY-280879-12 Datasheet
135Kb / 7P
   14” Infrared Touch Panel
Revision 20-Nov-03
280879-12 VISHAY-280879-12 Datasheet
115Kb / 7P
   15” Infrared Touch Panel
Revision 28-Jun-01
More results

Similar Description - 280879-12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TIP-5038SDE-1 VISHAY-TIP-5038SDE-1_10 Datasheet
177Kb / 7P
   15" Infrared Touch Panel
Revision: 14-Jan-10
TIP-5038SDE VISHAY-TIP-5038SDE Datasheet
115Kb / 7P
   15” Infrared Touch Panel
Revision 28-Jun-01
TIP-4735SEE-1 VISHAY-TIP-4735SEE-1_10 Datasheet
183Kb / 7P
   14" Infrared Touch Panel
Revision: 14-Jan-10
TIP-4735SEE-1 VISHAY-TIP-4735SEE-1 Datasheet
135Kb / 7P
   14” Infrared Touch Panel
Revision 20-Nov-03
TIP-4131SCE-1 VISHAY-TIP-4131SCE-1 Datasheet
93Kb / 7P
   12.1??Infrared Touch Panel
Revision 28-Jun-01
TIP VISHAY-TIP_V01 Datasheet
126Kb / 4P
   Infrared Touch Panel with Controller
01-Jan-2022
logo
DFI Inc
TPC150-SD DFI-TPC150-SD Datasheet
2Mb / 4P
   15 Heavy Industrial Touch Panel PC
TPC170-SD DFI-TPC170-SD Datasheet
1Mb / 4P
   15 Heavy Industrial Touch Panel PC
TPC150 DFI-TPC150 Datasheet
3Mb / 4P
   15 Heavy Industrial Touch Panel PC
logo
Protech Systems Co., Lt...
POS-6920-PPC PROTECHSYSTEMS-POS-6920-PPC Datasheet
300Kb / 2P
   The Fanless 15" True Flat Touch Panel PC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com