Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

280105-02 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 280105-02
Description  12.1??Infrared Touch Panel
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

280105-02 Datasheet(HTML) 3 Page - Vishay Siliconix

  280105-02 Datasheet HTML 1Page - Vishay Siliconix 280105-02 Datasheet HTML 2Page - Vishay Siliconix 280105-02 Datasheet HTML 3Page - Vishay Siliconix 280105-02 Datasheet HTML 4Page - Vishay Siliconix 280105-02 Datasheet HTML 5Page - Vishay Siliconix 280105-02 Datasheet HTML 6Page - Vishay Siliconix 280105-02 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.vishay.com
3
TIP-4131SCE-1
Vishay Dale
Document Number: 37070
Revision 28-Jun-01
COMMANDS (CODE SENT TO TOUCH PANEL)
COMMAND
CODE
CODE
(HEX)
(ASCII)
DC1, Ctl Q, XON Software Handshaking
11
DC1
DC3, Ctl S, XOFF Software Handshaking
13
DC3
Enable touch panel
26
&
Disable touch panel (stop scanning)
27
Enable CONTINUOUS/disable TRACKING mode
24
$
*Disable CONTINUOUS and TRACKING mode
25
%
Enable TRACKING/disable CONTINUOUS mode
34
4
Enable ENTER point mode
22
*Disable ENTER point mode
23
#
Enable EXIT point mode
20
SP
*Disable EXIT point mode
21
!
Enable automatic report transfer
29
)
*Disable automatic report transfer (scan but no report)
2A
*
Enable beeper (Not supported on this model)
2D
-
*Disable beeper (Not supported on this model)
2E
.
Failed beam time-out
3At
:
t = duration (0 to F) (default = 1)
*Normal X
36
6
Invert X
37
7
*Normal Y
38
8
Invert Y
39
9
Reset touch panel
2C
,
Request one coordinate report
2B
+
Request failed beam report
28
(
Request model number
35
5
Request software revision number
30
0
Request touch matrix size
33
3
Sound beeper, tt = duration (00 to FF) (Not supported on this model)
2Ftt
/
(*Indicates default condition)
RESPONSE (CODE RECEIVED FROM TOUCH PANEL)
RESPONSE
CODE
CODE
(HEX)
(ASCII)
DC1, Ctl Q, XON Software Handshaking
11
DC1
DC3, Ctl S, XOFF Software Handshaking
13
DC3
CONTINUOUS touch coordinates, X, Y
41 xx yy
A
-binary X and Y, > = 0
- X, Y = FE if non-contiguous
ENTER touch coordinates X, Y
42 xx yy
B
-binary X and Y, > = 0
- X, Y = FE if non-contiguous
EXIT touch coordinates, X, Y
43 xx yy
C
-binary X and Y, > = 0
- X, Y = FE if non-contiguous
TRACKING touch coordinates, X, Y
4E xx yy
N
-binary X and Y, > = 0
- X, Y = FE if non-contiguous
No coordinate report available
48
H
Failed beams, bad photo pairs, end
47 aa-nn FF
G
RS-232 error (overrun or framing)
45
E
Model Number, string, end
50 aaaa FF
P
- aaaa = variable length ASCII string
Software revision number, string, end
4C aaa FF
L
- aaa = variable length ASCII string
Matrix size, max X + 1, max Y + 1
4D xx yy
M
Buffer overflow error
4F
O


Similar Part No. - 280105-02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
280105-02 VISHAY-280105-02 Datasheet
147Kb / 10P
   Plasma Panel Display Modules
Revision 21-Dec-00
280105-02 VISHAY-280105-02 Datasheet
166Kb / 11P
   Plasma Panel Display Modules 128 x 64 Graphics Display with ASCII Input Controller, DC/DC Converter and Drive Circuitry
Revision 21-Dec-00
280105-02 VISHAY-280105-02 Datasheet
74Kb / 2P
   Plasma Panel Display Modules 192 x 96 Graphics Display with Drive Electronics Controller and Serial Interface
Revision 10-Nov-00
280105-02 VISHAY-280105-02 Datasheet
113Kb / 9P
   Infrared Touch Panels
Revision 05-Dec-00
280105-02 VISHAY-280105-02 Datasheet
125Kb / 7P
   14” Infrared Touch Pane
Revision 20-Nov-03
More results

Similar Description - 280105-02

ManufacturerPart #DatasheetDescription
logo
DFI Inc
TPC121 DFI-TPC121 Datasheet
2Mb / 4P
   12.1 Heavy Industrial Touch Panel PC
logo
Vishay Siliconix
TIP-5038SDE-1 VISHAY-TIP-5038SDE-1_10 Datasheet
177Kb / 7P
   15" Infrared Touch Panel
Revision: 14-Jan-10
TIP-4735SEE-1 VISHAY-TIP-4735SEE-1_10 Datasheet
183Kb / 7P
   14" Infrared Touch Panel
Revision: 14-Jan-10
TIP-4735SEE-1 VISHAY-TIP-4735SEE-1 Datasheet
135Kb / 7P
   14” Infrared Touch Panel
Revision 20-Nov-03
TIP-5038SDE VISHAY-TIP-5038SDE Datasheet
115Kb / 7P
   15” Infrared Touch Panel
Revision 28-Jun-01
TIP-5038SDE-1 VISHAY-TIP-5038SDE-1 Datasheet
89Kb / 7P
   15” Infrared Touch Panel
Revision 28-Jun-01
TIP VISHAY-TIP_V01 Datasheet
126Kb / 4P
   Infrared Touch Panel with Controller
01-Jan-2022
logo
Advantech Co., Ltd.
TPC-1261H ADVANTECH-TPC-1261H Datasheet
395Kb / 2P
   12.1 SVGA TFT LCD Geode??LX800 Touch Panel Computer
logo
List of Unclassifed Man...
TPC-1270H ETC2-TPC-1270H Datasheet
393Kb / 2P
   Intel짰 Pentium짰 M/Celeron짰 M Touch Panel Computer with 12.1
logo
AAEON Technology
AGD-312D AAEON-AGD-312D Datasheet
285Kb / 2P
   12.1" XGA Rugged Touch Display
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com