Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

280108-06 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 280108-06
Description  Infrared Touch Panels
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

280108-06 Datasheet(HTML) 2 Page - Vishay Siliconix

  280108-06 Datasheet HTML 1Page - Vishay Siliconix 280108-06 Datasheet HTML 2Page - Vishay Siliconix 280108-06 Datasheet HTML 3Page - Vishay Siliconix 280108-06 Datasheet HTML 4Page - Vishay Siliconix 280108-06 Datasheet HTML 5Page - Vishay Siliconix 280108-06 Datasheet HTML 6Page - Vishay Siliconix 280108-06 Datasheet HTML 7Page - Vishay Siliconix 280108-06 Datasheet HTML 8Page - Vishay Siliconix 280108-06 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
3
TIP-3526PCS-8
Vishay Dale
Document Number: 37026
Revision 05-Dec-00
PIN DESCRIPTION
J1 DATA CONNECTOR
TOUCH PANEL
CONNECTOR
PIN
1
3
5
7
9
2
4
6
8
10
J4 AUDIO FEED BACK CONNECTOR (BEEPER)
PIN
1
2
3
J5, J6 POWER CONNECTOR (J6 not present on all models)
SIGNAL
+ 12 VDC
Ground
PIN
1
2
J6 (when present) is provided to supply power to the display so that
only one power cable is needed for the display and touch panel
assembly.
W1 JUMPERS
BAUD RATE (Select 1)
Autobaud
9600 Baud
1200 Baud
300 Baud
SOFTWARE HANDSHAKING (A)
NORMAL X
(B)
NORMAL Y
(C)
(RESERVED)
(D)
SIGNAL
TD
RTS
CTS
GND
GND
RD
HOST CONNECTOR
(db - 9)
(db - 25)
PIN
3
7
8
5
5
2
PIN
2
4
5
7
7
3
DESCRIPTION
RD (to touch panel)
+ 12 VDC (optional)
CTS (to touch panel)
RTS (from touch panel)
Ground
Ground
+ 12 VDC (optional)
Reserved
Reserved
TD (from touch panel)
SIGNAL
Ground
Beeper Signal (active low)
Beeper Power Output (+ 5 VDC)
ORDERING INFORMATION
If a manual is required tor TBDriver or TWDriver, please request at the time of ordering. These will be included as no charge items.
DESCRIPTION
PART NUMBER
Touch Panel ..................................................................................................................................................................... TIP-3526PCS-8
TBDriver ................................................................................................................................................................................... 280879-08
TWDriver .................................................................................................................................................................................. 280879-10
J1 Mating Connector ................................................................................................................................................................ 280105-02
J4 Mating Connector ................................................................................................................................................................ 280108-06
TOUCH POINT FORMAT
X COORDINATES
0.0


Similar Part No. - 280108-06

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
280108-06 VISHAY-280108-06 Datasheet
80Kb / 2P
   Plasma Panel Display Modules 256 Character Display with Drive Electronics Controller, Parallel and Serial Interface
Revision 08-Nov-00
280108-06 VISHAY-280108-06 Datasheet
70Kb / 2P
   Plasma Panel Bar Graph Modules Dual Linear Bar Graph with Drive Electronics Interface and DC/DC Converter
Revision 05-Dec-00
280108-06 VISHAY-280108-06 Datasheet
93Kb / 7P
   12.1??Infrared Touch Panel
Revision 28-Jun-01
280108-06 VISHAY-280108-06 Datasheet
125Kb / 7P
   14” Infrared Touch Pane
Revision 20-Nov-03
280108-06 VISHAY-280108-06 Datasheet
135Kb / 7P
   14” Infrared Touch Panel
Revision 20-Nov-03
More results

Similar Description - 280108-06

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TIP VISHAY-TIP Datasheet
87Kb / 4P
   Infrared Touch Panels
Revision 05-Dec-00
TIP-4735SEE VISHAY-TIP-4735SEE Datasheet
125Kb / 7P
   14” Infrared Touch Pane
Revision 20-Nov-03
TIP-5038SDE-1 VISHAY-TIP-5038SDE-1_10 Datasheet
177Kb / 7P
   15" Infrared Touch Panel
Revision: 14-Jan-10
TIP-4735SEE-1 VISHAY-TIP-4735SEE-1_10 Datasheet
183Kb / 7P
   14" Infrared Touch Panel
Revision: 14-Jan-10
TIP-4735SEE-1 VISHAY-TIP-4735SEE-1 Datasheet
135Kb / 7P
   14” Infrared Touch Panel
Revision 20-Nov-03
TIP-5038SDE VISHAY-TIP-5038SDE Datasheet
115Kb / 7P
   15” Infrared Touch Panel
Revision 28-Jun-01
TIP-4131SCE-1 VISHAY-TIP-4131SCE-1 Datasheet
93Kb / 7P
   12.1??Infrared Touch Panel
Revision 28-Jun-01
TIP-5038SDE-1 VISHAY-TIP-5038SDE-1 Datasheet
89Kb / 7P
   15” Infrared Touch Panel
Revision 28-Jun-01
logo
STMicroelectronics
FTG2-SLP STMICROELECTRONICS-FTG2-SLP Datasheet
763Kb / 5P
   Capacitive Multi-Touch Screen Controller for Thin Flexible Panels and LTPO Panels
May 2022 Rev 1
logo
PHOENIX CONTACT
7313 PHOENIX-7313 Datasheet
355Kb / 17P
   Touch panels with STN/FSTN or TFT display
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com