Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR1545CT-1TRLP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MBR1545CT-1TRLP
Description  Schottky Rectifier, 2 x 7.5 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR1545CT-1TRLP Datasheet(HTML) 1 Page - Vishay Siliconix

  MBR1545CT-1TRLP Datasheet HTML 1Page - Vishay Siliconix MBR1545CT-1TRLP Datasheet HTML 2Page - Vishay Siliconix MBR1545CT-1TRLP Datasheet HTML 3Page - Vishay Siliconix MBR1545CT-1TRLP Datasheet HTML 4Page - Vishay Siliconix MBR1545CT-1TRLP Datasheet HTML 5Page - Vishay Siliconix MBR1545CT-1TRLP Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 94303
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 14-Aug-08
1
Schottky Rectifier, 2 x 7.5 A
MBRB15..CTPbF, MBR15..CT-1PbF
Vishay High Power Products
FEATURES
• 150 °C TJ operation
• Center tap TO-220 package
• Low forward voltage drop
• High frequency operation
• High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
• Guard ring for enhanced ruggedness and long term
reliability
• Lead (Pb)-free (“PbF” suffix)
• Designed and qualified for Q101 level
DESCRIPTION
The MBR15.. center tap Schottky rectifier has been
optimized for low reverse leakage at high temperature. The
proprietary barrier technology allows for reliable operation up
to 150 °C junction temperature. Typical applications are in
switching power supplies, converters, freewheeling diodes,
and reverse battery protection.
PRODUCT SUMMARY
IF(AV)
2 x 7.5 A
VR
35/45 V
IRM
15 mA at 125 °C
MBRB15..CTPbF
Base
common
cathode
D2PAK
TO-262
MBR15..CT-1PbF
Anode
Anode
Common
cathode
1
3
2
2
Base
common
cathode
Anode
Anode
Common
cathode
1
3
2
2
Available
RoHS*
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
15
A
VRRM
35/45
V
IFSM
tp = 5 µs sine
690
A
VF
7.5 Apk, TJ = 125 °C
0.57
V
TJ
- 65 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
MBRB1535CT
MBR1535CT-1
MBRB1545CT
MBR1545CT-1
UNITS
Maximum DC reverse voltage
VR
35
45
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average
forward current
per leg
IF(AV)
TC = 131 °C, rated VR
7.5
A
per device
15
Maximum peak one cycle
non-repetitive surge
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load condition
and with rated VRRM applied
690
Surge applied at rated load conditions halfwave,
single phase, 60 Hz
150
Non-repetitive avalanche energy per leg
EAS
TJ = 25 °C, IAS = 2 A, L = 3.5 mH
7
mJ
Repetitive avalanche current per leg
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by TJ maximum VA = 1.5 x VR typical
2A
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - MBR1545CT-1TRLP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR1545CT-1TRLP VISHAY-MBR1545CT-1TRLP Datasheet
129Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 15-Mar-10
MBR1545CT-1TRLPBF VISHAY-MBR1545CT-1TRLPBF Datasheet
129Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 15-Mar-10
More results

Similar Description - MBR1545CT-1TRLP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15CTQS VISHAY-15CTQS Datasheet
135Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 22-Aug-08
15CTQSPBF VISHAY-15CTQSPBF Datasheet
134Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 13-Aug-08
MBR1535CTPBF VISHAY-MBR1535CTPBF_12 Datasheet
157Kb / 7P
   Schottky Rectifier, 2 x 7.5 A
Revision: 29-Aug-11
MBR1535CT-1PBF VISHAY-MBR1535CT-1PBF_10 Datasheet
129Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 15-Mar-10
MBRB15CT VISHAY-MBRB15CT Datasheet
111Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 21-Aug-08
VS-MBR15CTPBF VISHAY-VS-MBR15CTPBF Datasheet
169Kb / 7P
   Schottky Rectifier, 2 x 7.5 A
Revision: 29-Aug-11
MBR15CT VISHAY-MBR15CT Datasheet
107Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 22-Aug-08
15CTQS-1 VISHAY-15CTQS-1 Datasheet
129Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 22-Aug-08
MBR1535CT-1 VISHAY-MBR1535CT-1 Datasheet
128Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 21-Aug-08
VS-15CTQPBF VISHAY-VS-15CTQPBF Datasheet
171Kb / 7P
   Schottky Rectifier, 2 x 7.5 A
Revision: 25-Aug-11
15CTQPBF VISHAY-15CTQPBF Datasheet
122Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 13-Aug-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com