Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVV1214-025 Datasheet(PDF) 1 Page - HVVi Semiconductors, Inc.

Part # HVV1214-025
Description  L-Band Radar Pulsed Power Transistor 1200-1400 MHz, 200關s Pulse, 10% Duty for Ground Based Radar Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HVVI [HVVi Semiconductors, Inc.]
Direct Link  
Logo HVVI - HVVi Semiconductors, Inc.

HVV1214-025 Datasheet(HTML) 1 Page - HVVi Semiconductors, Inc.

  HVV1214-025 Datasheet HTML 1Page - HVVi Semiconductors, Inc. HVV1214-025 Datasheet HTML 2Page - HVVi Semiconductors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TM
HVV1214-025 PRODUCT OVERVIEW
L-Band Radar Pulsed Power Transistor
1200-1400 MHz, 200µs Pulse, 10% Duty
for Ground Based Radar Applications
The innovative Semiconductor Company!
HVVi Semiconductors, Inc.
10235 S. 51st St. Suite 100
Phoenix, AZ. 85044
For additional information:
Tel: (866) 429-HVVi (4884) or visit www.hvvi.com
© 2008 HVVi Semiconductors, Inc. All Rights Reserved.
EG-01-PO05X5
10/13/08
1
DESCRIPTION
FEaTURES
aBSOLUTE MaXIMUM RaTINGS
RUGGEDNESS
THERMaL CHaRaCTERISTICS
ELECTRICaL CHaRaCTERISTICS
PaCKaGE
The high power HVV1214-025 device is a high voltage
silicon enhancement mode RF transistor designed for
L-Band pulsed radar applications operating over the
frequency range from 1.2GHz to 1.4GHz.
1
Under Pulse Conditions: Pulse Width = 200µsec, Pulse Duty Cycle = 10% at VDD = 48V, IDQ = 15mA
2
Rated at TCASE = 25°C
High Power Gain
Excellent Ruggedness
48V Supply Voltage
The device resides in a Surface Mount Transistor Package
with a ceramic lid. The SM200 package style is qualified
for gross leak test – MIL-STD-883, Method 1014.
The HVV1214-025 device is capable of withstanding an
output load mismatch corresponding to a 20:1 VSWR over
all phase angles and rated output power and operating
voltage across the frequency band of operation.
HVVi Semiconductors, Inc.
For additional information, visit: www.hvvi.com
EG-01-PO05X1
10235 S. 51
st St. Suite 100
HVVi Semiconductors, Inc. Confidential
4/29/08
Phoenix, Az. 85044
© 2008 HVVi Semiconductors, Inc. All Rights Reserved.
1
HVV1214-025
L-Band Radar Pulsed Power Transistor
1200-1400 MHz, 200!s Pulse, 10% Duty
The high power HVV1214-025 device is a high
voltage silicon enhancement mode RF transistor
designed for L-Band pulsed radar applications
operating over the frequency range from
1.2GHz to 1.4GHz.
High Power Gain
Excellent Ruggedness
48V Supply Voltage
The device resides in a Surface Mount
Transistor Package with a ceramic lid. The
SM200 package style is qualified for gross leak
test – MIL-STD-883, Method 1014.
The HVV1214-025 device is capable of
withstanding an output load mismatch
corresponding to a 20:1 VSWR over all phase
angles and rated output power and operating
voltage across the frequency band of
operation.
Symbol
Parameter
Conditions
Typ
Units
VBR(DSS)
Drain-Source Breakdown
VGS=0V,ID=1mA
110
V
IDSS
Drain Leakage Current
VGS=0V,VDS=48V
<10
!
A
IGSS
Gate Leakage Current
VGS=5V,VDS=0V
<1
!
A
GP
1
Power Gain
POUT=25W,F=1200,1400MHz
17.5
dB
IRL
1
Input Return Loss
POUT=25W,F=1200,1400MHz
8
dB
Drain Efficiency
POUT=25W,F=1200,1400MHz
49
%
PD
1
Pulse Droop
POUT=25W,F=1200,1400MHz
<0.2
dB
1.) Under Pulse Conditions: Pulse Width = 200!sec, Pulse Duty Cycle = 10% at VDD = 48V, IDQ = 15mA
2.) Rated at TCASE = 25°C
Symbol
Parameter
Value
Unit
VDSS
Drain-Source Voltage
105
V
VGS
Gate-Source Voltage
10
V
IDSX
Drain Current
2
A
PD
2
Power Dissipation
116
W
TS
Storage Temperature
-65 to
+200
°C
TJ
Junction
Temperature
200
°C
Symbol
Parameter
Max
Unit
Thermal Resistance
1.5
°C/W
Symbol
Parameter
Test Condition
Max
Units
LMT
1
Load
Mismatch
Tolerance
POUT = 300W
F = 1090 MHz
20:1
VSWR
RUGGEDNESS
PACKAGE
THERMAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
FEATURES
DESCRIPTION
HVVi Semiconductors, Inc.
For additional information, visit: www.hvvi.com
EG-01-PO05X1
10235 S. 51
st St. Suite 100
HVVi Semiconductors, Inc. Confidential
4/29/08
Phoenix, Az. 85044
© 2008 HVVi Semiconductors, Inc. All Rights Reserved.
1
HVV1214-025
L-Band Radar Pulsed Power Transistor
1200-1400 MHz, 200!s Pulse, 10% Duty
The high power HVV1214-025 device is a high
voltage silicon enhancement mode RF transistor
designed for L-Band pulsed radar applications
operating over the frequency range from
1.2GHz to 1.4GHz.
High Power Gain
Excellent Ruggedness
48V Supply Voltage
The device resides in a Surface Mount
Transistor Package with a ceramic lid. The
SM200 package style is qualified for gross leak
test – MIL-STD-883, Method 1014.
The HVV1214-025 device is capable of
withstanding an output load mismatch
corresponding to a 20:1 VSWR over all phase
angles and rated output power and operating
voltage across the frequency band of
operation.
Symbol
Parameter
Conditions
Typ
Units
VBR(DSS)
Drain-Source Breakdown
VGS=0V,ID=1mA
110
V
IDSS
Drain Leakage Current
VGS=0V,VDS=48V
<10
!
A
IGSS
Gate Leakage Current
VGS=5V,VDS=0V
<1
!
A
GP
1
Power Gain
POUT=25W,F=1200,1400MHz
17.5
dB
IRL
1
Input Return Loss
POUT=25W,F=1200,1400MHz
8
dB
Drain Efficiency
POUT=25W,F=1200,1400MHz
49
%
PD
1
Pulse Droop
POUT=25W,F=1200,1400MHz
<0.2
dB
1.) Under Pulse Conditions: Pulse Width = 200!sec, Pulse Duty Cycle = 10% at VDD = 48V, IDQ = 15mA
2.) Rated at TCASE = 25°C
Symbol
Parameter
Value
Unit
VDSS
Drain-Source Voltage
105
V
VGS
Gate-Source Voltage
10
V
IDSX
Drain Current
2
A
PD
2
Power Dissipation
116
W
TS
Storage Temperature
-65 to
+200
°C
TJ
Junction
Temperature
200
°C
Symbol
Parameter
Max
Unit
Thermal Resistance
1.5
°C/W
Symbol
Parameter
Test Condition
Max
Units
LMT
1
Load
Mismatch
Tolerance
POUT = 300W
F = 1090 MHz
20:1
VSWR
RUGGEDNESS
PACKAGE
THERMAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
FEATURES
DESCRIPTION
HVVi Semiconductors, Inc.
For additional information, visit: www.hvvi.com
EG-01-PO05X1
10235 S. 51
st St. Suite 100
HVVi Semiconductors, Inc. Confidential
4/29/08
Phoenix, Az. 85044
© 2008 HVVi Semiconductors, Inc. All Rights Reserved.
1
HVV1214-025
L-Band Radar Pulsed Power Transistor
1200-1400 MHz, 200!s Pulse, 10% Duty
The high power HVV1214-025 device is a high
voltage silicon enhancement mode RF transistor
designed for L-Band pulsed radar applications
operating over the frequency range from
1.2GHz to 1.4GHz.
High Power Gain
Excellent Ruggedness
48V Supply Voltage
The device resides in a Surface Mount
Transistor Package with a ceramic lid. The
SM200 package style is qualified for gross leak
test – MIL-STD-883, Method 1014.
The HVV1214-025 device is capable of
withstanding an output load mismatch
corresponding to a 20:1 VSWR over all phase
angles and rated output power and operating
voltage across the frequency band of
operation.
Symbol
Parameter
Conditions
Typ
Units
VBR(DSS)
Drain-Source Breakdown
VGS=0V,ID=1mA
110
V
IDSS
Drain Leakage Current
VGS=0V,VDS=48V
<10
!
A
IGSS
Gate Leakage Current
VGS=5V,VDS=0V
<1
!
A
GP
1
Power Gain
POUT=25W,F=1200,1400MHz
17.5
dB
IRL
1
Input Return Loss
POUT=25W,F=1200,1400MHz
8
dB
Drain Efficiency
POUT=25W,F=1200,1400MHz
49
%
PD
1
Pulse Droop
POUT=25W,F=1200,1400MHz
<0.2
dB
1.) Under Pulse Conditions: Pulse Width = 200!sec, Pulse Duty Cycle = 10% at VDD = 48V, IDQ = 15mA
2.) Rated at TCASE = 25°C
Symbol
Parameter
Value
Unit
VDSS
Drain-Source Voltage
105
V
VGS
Gate-Source Voltage
10
V
IDSX
Drain Current
2
A
PD
2
Power Dissipation
116
W
TS
Storage Temperature
-65 to
+200
°C
TJ
Junction
Temperature
200
°C
Symbol
Parameter
Max
Unit
Thermal Resistance
1.5
°C/W
Symbol
Parameter
Test Condition
Max
Units
LMT
1
Load
Mismatch
Tolerance
POUT = 300W
F = 1090 MHz
20:1
VSWR
RUGGEDNESS
PACKAGE
THERMAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
FEATURES
DESCRIPTION
HVVi Semiconductors, Inc.
For additional information, visit: www.hvvi.com
EG-01-PO05X1
10235 S. 51
st St. Suite 100
HVVi Semiconductors, Inc. Confidential
4/29/08
Phoenix, Az. 85044
© 2008 HVVi Semiconductors, Inc. All Rights Reserved.
1
HVV1214-025
L-Band Radar Pulsed Power Transistor
1200-1400 MHz, 200!s Pulse, 10% Duty
The high power HVV1214-025 device is a high
voltage silicon enhancement mode RF transistor
designed for L-Band pulsed radar applications
operating over the frequency range from
1.2GHz to 1.4GHz.
High Power Gain
Excellent Ruggedness
48V Supply Voltage
The device resides in a Surface Mount
Transistor Package with a ceramic lid. The
SM200 package style is qualified for gross leak
test – MIL-STD-883, Method 1014.
The HVV1214-025 device is capable of
withstanding an output load mismatch
corresponding to a 20:1 VSWR over all phase
angles and rated output power and operating
voltage across the frequency band of
operation.
Symbol
Parameter
Conditions
Typ
Units
VBR(DSS)
Drain-Source Breakdown
VGS=0V,ID=1mA
110
V
IDSS
Drain Leakage Current
VGS=0V,VDS=48V
<10
!
A
IGSS
Gate Leakage Current
VGS=5V,VDS=0V
<1
!
A
GP
1
Power Gain
POUT=25W,F=1200,1400MHz
17.5
dB
IRL
1
Input Return Loss
POUT=25W,F=1200,1400MHz
8
dB
Drain Efficiency
POUT=25W,F=1200,1400MHz
49
%
PD
1
Pulse Droop
POUT=25W,F=1200,1400MHz
<0.2
dB
1.) Under Pulse Conditions: Pulse Width = 200!sec, Pulse Duty Cycle = 10% at VDD = 48V, IDQ = 15mA
2.) Rated at TCASE = 25°C
Symbol
Parameter
Value
Unit
VDSS
Drain-Source Voltage
105
V
VGS
Gate-Source Voltage
10
V
IDSX
Drain Current
2
A
PD
2
Power Dissipation
116
W
TS
Storage Temperature
-65 to
+200
°C
TJ
Junction
Temperature
200
°C
Symbol
Parameter
Max
Unit
Thermal Resistance
1.5
°C/W
Symbol
Parameter
Test Condition
Max
Units
LMT
1
Load
Mismatch
Tolerance
POUT = 300W
F = 1090 MHz
20:1
VSWR
RUGGEDNESS
PACKAGE
THERMAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
FEATURES
DESCRIPTION
HVVi Semiconductors, Inc.
For additional information, visit: www.hvvi.com
EG-01-PO08X1
10235 S. 51st St. Suite 100
HVVi Semiconductors, Inc. Confidential
5/23/08
Phoenix, Az. 85044
© 2008 HVVi Semiconductors, Inc. All Rights Reserved.
1
HVV1214-075
L-Band Radar Pulsed Power Transistor
1200-1400 MHz, 200µs Pulse, 10% Duty
The high power HVV1214-075 device is a high
voltage silicon enhancement mode RF transistor
designed for L-Band pulsed radar applications
operating over the frequency range from
1.2GHz to 1.4GHz.
High Power Gain
Excellent Ruggedness
48V Supply Voltage
The device resides in a two-lead metal flanged
package with liquid crystal polymer lid. The
HV400 package style is qualified for gross leak
test – MIL-STD-750D, Method 1071.6, Test
Condition C.
The HVV1214-075 device is capable of
withstanding
an
output
load
mismatch
corresponding to a 20:1 VSWR over all phase
angles and rated output power and operating
voltage
across
the
frequency
band
of
operation.
Symbol
Parameter
Conditions
Typ
Units
VBR(DSS)
Drain-Source Breakdown
VGS=0V,ID=1mA
110
V
IDSS
Drain Leakage Current
VGS=0V,VDS=48V
<10
µA
IGSS
Gate Leakage Current
VGS=5V,VDS=0V
<1
µA
GP1
Power Gain
POUT=75W,F=1200MHz,1400MHz
21
dB
IRL1
Input Return Loss
POUT=75W,F=1200MHz,1400MHz
9
dB
D
1
Drain Efficiency
POUT=75W,F=1200MHz,1400MHz
44
%
PD1
Pulse Droop
POUT=75W,F=1200MHz,1400MHz
<0.6
dB
1.) Under Pulse Conditions: Pulse Width = 200µsec, Pulse Duty Cycle = 10% at VDD = 48V, IDQ = 50mA
2.) Rated at TCASE = 25°C
Symbol
Parameter
Value
Unit
VDSS
Drain-Source Voltage
105
V
VGS
Gate-Source Voltage
10
V
IDSX
Drain Current
8
A
PD2
Power Dissipation
250
W
TS
Storage Temperature
-65 to
+200
°C
TJ
Junction
Temperature
200
°C
Symbol
Parameter
Test Condition
Max
Units
LMT1
Load
Mismatch
Tolerance
POUT = 75W
F = 1400MHz
20:1
VSWR
Symbol
Parameter
Max
Unit
JC
1
Thermal Resistance
0.70
°C/W
THERMAL CHARACTERISTICS
PACKAGE
RUGGEDNESS
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
FEATURES
DESCRIPTION
HVVi Semiconductors, Inc.
For additional information, visit: www.hvvi.com
EG-01-PO08X1
10235 S. 51st St. Suite 100
HVVi Semiconductors, Inc. Confidential
5/23/08
Phoenix, Az. 85044
© 2008 HVVi Semiconductors, Inc. All Rights Reserved.
1
HVV1214-075
L-Band Radar Pulsed Power Transistor
1200-1400 MHz, 200µs Pulse, 10% Duty
The high power HVV1214-075 device is a high
voltage silicon enhancement mode RF transistor
designed for L-Band pulsed radar applications
operating over the frequency range from
1.2GHz to 1.4GHz.
High Power Gain
Excellent Ruggedness
48V Supply Voltage
The device resides in a two-lead metal flanged
package with liquid crystal polymer lid. The
HV400 package style is qualified for gross leak
test – MIL-STD-750D, Method 1071.6, Test
Condition C.
The HVV1214-075 device is capable of
withstanding
an
output
load
mismatch
corresponding to a 20:1 VSWR over all phase
angles and rated output power and operating
voltage
across
the
frequency
band
of
operation.
Symbol
Parameter
Conditions
Typ
Units
VBR(DSS)
Drain-Source Breakdown
VGS=0V,ID=1mA
110
V
IDSS
Drain Leakage Current
VGS=0V,VDS=48V
<10
µA
IGSS
Gate Leakage Current
VGS=5V,VDS=0V
<1
µA
GP1
Power Gain
POUT=75W,F=1200MHz,1400MHz
21
dB
IRL1
Input Return Loss
POUT=75W,F=1200MHz,1400MHz
9
dB
D
1
Drain Efficiency
POUT=75W,F=1200MHz,1400MHz
44
%
PD1
Pulse Droop
POUT=75W,F=1200MHz,1400MHz
<0.6
dB
1.) Under Pulse Conditions: Pulse Width = 200µsec, Pulse Duty Cycle = 10% at VDD = 48V, IDQ = 50mA
2.) Rated at TCASE = 25°C
Symbol
Parameter
Value
Unit
VDSS
Drain-Source Voltage
105
V
VGS
Gate-Source Voltage
10
V
IDSX
Drain Current
8
A
PD2
Power Dissipation
250
W
TS
Storage Temperature
-65 to
+200
°C
TJ
Junction
Temperature
200
°C
Symbol
Parameter
Test Condition
Max
Units
LMT1
Load
Mismatch
Tolerance
POUT = 75W
F = 1400MHz
20:1
VSWR
Symbol
Parameter
Max
Unit
JC
1
Thermal Resistance
0.70
°C/W
THERMAL CHARACTERISTICS
PACKAGE
RUGGEDNESS
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
FEATURES
DESCRIPTION
95
1300MHz
102
<25
2mA
1300MHz
1300MHz
1300MHz
1300MHz
1,2


Similar Part No. - HVV1214-025

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
HVV1214-025 ASI-HVV1214-025 Datasheet
187Kb / 2P
   25 Watts, 50V, 1200-1400MHz 200!s, 10% Duty
logo
HVVi Semiconductors, In...
HVV1214-025S HVVI-HVV1214-025S Datasheet
225Kb / 2P
   L-Band Radar Pulsed Power Transistor 1200-1400 MHz, 200關s Pulse, 10% Duty
More results

Similar Description - HVV1214-025

ManufacturerPart #DatasheetDescription
logo
HVVi Semiconductors, In...
HVV1214-100 HVVI-HVV1214-100 Datasheet
829Kb / 5P
   L-Band Radar Pulsed Power Transistor 1200-1400 MHz, 200關s Pulse, 10% Duty For Ground Based Radar Applications
HVV1214-075 HVVI-HVV1214-075 Datasheet
512Kb / 2P
   L-Band Radar Pulsed Power Transistor 1200-1400 MHz, 200關s Pulse, 10% Duty for Ground Based Radar Applications
HVV1214-025S HVVI-HVV1214-025S Datasheet
225Kb / 2P
   L-Band Radar Pulsed Power Transistor 1200-1400 MHz, 200關s Pulse, 10% Duty
logo
Microsemi Corporation
1214-800P MICROSEMI-1214-800P Datasheet
83Kb / 2P
   800 Watts - 300關s, 10%, 50V L-Band Pulsed Radar 1200 - 1400 MHz
1214-550P MICROSEMI-1214-550P Datasheet
84Kb / 2P
   550 Watts - 300關s, 10%, 42V L-Band Pulsed Radar 1200 - 1400 MHz
1214-700P MICROSEMI-1214-700P Datasheet
83Kb / 2P
   700 Watts - 300關s, 10%, 50V L-Band Pulsed Radar 1200 - 1400 MHz
logo
Tyco Electronics
PH2226-110M MACOM-PH2226-110M Datasheet
107Kb / 3P
   Radar Pulsed Power Transistor 110W, 2.2-2.6GHz, 100關s Pulse, 10% Duty
logo
M/A-COM Technology Solu...
PH2226-110M MA-COM-PH2226-110M Datasheet
107Kb / 3P
   Radar Pulsed Power Transistor 110W, 2.2-2.6GHz, 100關s Pulse, 10% Duty
PH2856-160 MA-COM-PH2856-160 Datasheet
106Kb / 3P
   Radar Pulsed Power Transistor 160W, 2.856 GHz, 12關s Pulse, 10% Duty
logo
List of Unclassifed Man...
PH1214-6M ETC1-PH1214-6M Datasheet
89Kb / 1P
   RADAR PULSED POWER TRANSISTOR, 6W, 100us PULSE, 10% DUTY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com