Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRF1645 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MBRF1645
Description  Schottky Barrier Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRF1645 Datasheet(HTML) 3 Page - Vishay Siliconix

  MBRF1645 Datasheet HTML 1Page - Vishay Siliconix MBRF1645 Datasheet HTML 2Page - Vishay Siliconix MBRF1645 Datasheet HTML 3Page - Vishay Siliconix MBRF1645 Datasheet HTML 4Page - Vishay Siliconix MBRF1645 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MBR(F,B)1635 thru MBR(F,B)1660
Vishay General Semiconductor
Document Number: 88671
Revision: 08-Nov-07
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
Figure 3. Typical Instantaneous Forward Characteristics
Figure 4. Typical Reverse Characteristics
0
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
10
100
MBR1635 - MBR1645
MBR1650 - MBR1660
T
J = 150 °C
T
J = 25 °C
Instantaneous Forward Voltage (V)
Pulse Width = 300 µs
1 % Duty Cycle
0
20
40
60
80
100
0.001
0.01
0.1
1
10
100
T
J = 125 °C
T
J = 75 °C
T
J = 25 °C
MBR1635 - MBR1645
MBR1650 - MBR1660
Percent of Rated Peak Reverse Voltage (%)
Figure 5. Typical Junction Capacitance
Figure 6. Typical Transient Thermal Impedance
0.1
1
10
100
100
1000
10 000
MBR1635 - MBR1645
MBR1650 - MBR1660
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
Reverse Voltage (V)
0.01
0.1
1
10
100
0.1
1
10
100
t - Pulse Duration (s)


Similar Part No. - MBRF1645

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRF1645 GE-MBRF1645 Datasheet
114Kb / 2P
   SCHOTTKY ISOLATED PLASTIC RECTIFIER
MBRF1645 GE-MBRF1645 Datasheet
114Kb / 2P
   SCHOTTKY ISOLATED PLASTIC RECTIFIER
logo
Taiwan Semiconductor Co...
MBRF1645 TSC-MBRF1645 Datasheet
66Kb / 2P
   Isolation 16.0 AMPS. Schottky Barrier Rectifiers
logo
GOOD-ARK Electronics
MBRF1645 GOOD-ARK-MBRF1645 Datasheet
246Kb / 3P
   Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRF1645 TSC-MBRF1645 Datasheet
270Kb / 2P
   Isolated 16.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBRF1645

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com