Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR20H100CT Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MBR20H100CT
Description  Dual Common-Cathode High-Voltage Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR20H100CT Datasheet(HTML) 4 Page - Vishay Siliconix

  MBR20H100CT Datasheet HTML 1Page - Vishay Siliconix MBR20H100CT Datasheet HTML 2Page - Vishay Siliconix MBR20H100CT Datasheet HTML 3Page - Vishay Siliconix MBR20H100CT Datasheet HTML 4Page - Vishay Siliconix MBR20H100CT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MBR(F,B)20H90CT & MBR(F,B)20H100CT
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88673
Revision: 08-Nov-07
4
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
TO-220AB
0.113 (2.87)
0.103 (2.62)
0.370 (9.40)
0.360 (9.14)
0.415 (10.54) MAX.
0.635 (16.13)
0.625 (15.87)
PIN
0.160 (4.06)
0.140 (3.56)
0.057 (1.45)
0.045 (1.14)
0.105 (2.67)
0.095 (2.41)
0.104 (2.65)
0.096 (2.45)
0.205 (5.20)
0.195 (4.95)
0.035 (0.90)
0.028 (0.70)
0.154 (3.91)
0.148 (3.74)
1
3
2
0.185 (4.70)
0.175 (4.44)
0.055 (1.39)
0.045 (1.14)
0.145 (3.68)
0.135 (3.43)
0.350 (8.89)
0.330 (8.38)
1.148 (29.16)
1.118 (28.40)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.36)
0.110 (2.79)
0.100 (2.54)
0.603 (15.32)
0.573 (14.55)
ITO-220AB
0.076 (1.93) REF.
45° REF.
PIN
3
2
1
0.404 (10.26)
0.384 (9.75)
0.076 (1.93) REF.
0.600 (15.24)
0.580 (14.73)
0.560 (14.22)
0.530 (13.46)
0.057 (1.45)
0.045 (1.14)
0.057 (1.45)
0.045 (1.14)
0.191 (4.85)
0.171 (4.35)
0.671 (17.04)
0.651 (16.54)
0.035 (0.89)
0.025 (0.64)
0.205 (5.21)
0.195 (4.95)
0.025 (0.64)
0.015 (0.38)
0.105 (2.67)
0.095 (2.41)
0.028 (0.71)
0.020 (0.51)
0.110 (2.79)
0.100 (2.54)
7° REF.
0.135 (3.43) DIA.
0.122 (3.08) DIA.
0.110 (2.79)
0.100 (2.54)
0.190 (4.83)
0.170 (4.32)
7° REF.
7° REF.
0.140 (3.56) DIA.
0.125 (3.17) DIA.
0.350 (8.89)
0.330 (8.38)
TO-263AB
Mounting Pad Layout
0.670 (17.02)
0.591 (15.00)
0.105 (2.67)
0.095 (2.41)
0.08 (2.032) MIN.
0.15 (3.81) MIN.
0.33 (8.38) MIN.
0.42 (10.66) MIN.
12
K
K
0.140 (3.56)
0.110 (2.79)
0.021 (0.53)
0.014 (0.36)
0.110 (2.79)
0.090 (2.29)
0 to 0.01 (0 to 0.254)
0.055 (1.40)
0.047 (1.19)
0.055 (1.40)
0.045 (1.14)
0.190 (4.83)
0.160 (4.06)
0.205 (5.20)
0.195 (4.95)
0.624 (15.85)
0.591 (15.00)
0.037 (0.940)
0.027 (0.686)
0.105 (2.67)
0.095 (2.41)
0.360 (9.14)
0.320 (8.13)
0.411 (10.45)
0.380 (9.65)
0.245 (6.22)
MIN.


Similar Part No. - MBR20H100CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR20H100CT VISHAY-MBR20H100CT Datasheet
159Kb / 3P
   Dual High-Voltage Schottky Rectifiers
03-Sep-04
MBR20H100CT VISHAY-MBR20H100CT Datasheet
707Kb / 6P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 08-Nov-07
MBR20H100CT VISHAY-MBR20H100CT Datasheet
159Kb / 3P
   Dual High-Voltage Schottky Rectifiers
03-Sep-04
logo
Taiwan Semiconductor Co...
MBR20H100CT TSC-MBR20H100CT Datasheet
205Kb / 4P
   Dual Common Cathode Schottky Rectifier
logo
ON Semiconductor
MBR20H100CT ONSEMI-MBR20H100CT Datasheet
130Kb / 7P
   SWITCHMODE Power Rectifier 100 V, 20 A
March, 2007 ??Rev. 4
More results

Similar Description - MBR20H100CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR60100CT VISHAY-MBR60100CT_08 Datasheet
99Kb / 4P
   Dual Common-Cathode High Voltage Schottky Rectifier
Revision: 19-May-08
MBR20H150CT VISHAY-MBR20H150CT_11 Datasheet
102Kb / 6P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 09-Aug-11
logo
Nell Semiconductor Co.,...
MBR30100CT NELLSEMI-MBR30100CT Datasheet
198Kb / 4P
   Dual Common Cathode High-Voltage Schottky Rectifier,
MBR10100CT NELLSEMI-MBR10100CT Datasheet
378Kb / 5P
   Dual Common Cathode High-Voltage Schottky Rectifier
logo
Bruckewell Technology L...
MBRF1060C BWTECH-MBRF1060C Datasheet
527Kb / 4P
   Dual Common-Cathode High-Voltage Schottky Rectifier
logo
Vishay Siliconix
MBR30H90CT VISHAY-MBR30H90CT_15 Datasheet
725Kb / 4P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 17-Aug-15
MBR10H15 VISHAY-MBR10H15_15 Datasheet
95Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 11-Dec-14
MBR60100CT VISHAY-MBR60100CT_15 Datasheet
82Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 13-Aug-13
logo
Bruckewell Technology L...
MBR3040CT BWTECH-MBR3040CT Datasheet
449Kb / 4P
   Dual Common-Cathode High-Voltage Schottky Rectifier
logo
Vishay Siliconix
MBR10HXXCT VISHAY-MBR10HXXCT Datasheet
157Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 29-Jul-15
M10HXXCT VISHAY-M10HXXCT Datasheet
153Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 18-Mar-16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com