Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MALIEYC07CU318X02 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MALIEYC07CU318X02
Description  Aluminum Capacitors Power Printed Wiring Style
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALIEYC07CU318X02 Datasheet(HTML) 7 Page - Vishay Siliconix

  MALIEYC07CU318X02 Datasheet HTML 1Page - Vishay Siliconix MALIEYC07CU318X02 Datasheet HTML 2Page - Vishay Siliconix MALIEYC07CU318X02 Datasheet HTML 3Page - Vishay Siliconix MALIEYC07CU318X02 Datasheet HTML 4Page - Vishay Siliconix MALIEYC07CU318X02 Datasheet HTML 5Page - Vishay Siliconix MALIEYC07CU318X02 Datasheet HTML 6Page - Vishay Siliconix MALIEYC07CU318X02 Datasheet HTML 7Page - Vishay Siliconix MALIEYC07CU318X02 Datasheet HTML 8Page - Vishay Siliconix MALIEYC07CU318X02 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 25138
228
Revision: 03-Nov-08
EYC
Vishay Roederstein
Aluminum Capacitors
Power Printed Wiring Style
400
270
35 x 30
1.21
0.15
0.74
0.55
42
MALIEYC07CV327X02
330
30 x 45
1.47
0.15
0.60
0.45
46
MALIEYC07BC333X02
330
35 x 35
1.40
0.15
0.60
0.45
49
MALIEYC07CA333X02
390
30 x 50
1.63
0.15
0.51
0.41
51
MALIEYC07BD339X02
390
35 x 40
1.57
0.15
0.51
0.41
56
MALIEYC07CB339X02
470
35 x 45
1.72
0.15
0.42
0.33
63
MALIEYC07CC347X02
560
35 x 50
1.84
0.17
0.40
0.28
70
MALIEYC07CD356X02
680
35 x 60
2.24
0.17
0.33
0.23
84
MALIEYC07CF368X02
450
56
22 x 25
0.48
0.13
3.08
1.88
13
MALIEYC07LU256P02
68
22 x 30
0.56
0.12
2.34
1.53
16
MALIEYC07LV268P02
68
25 x 25
0.56
0.12
2.34
1.53
19
MALIEYC07AU268P02
82
22 x 35
0.64
0.13
2.1
1.29
19
MALIEYC07LA282P02
100
22 x 40
0.74
0.13
1.72
1.05
22
MALIEYC07LB310P02
100
25 x 30
0.71
0.13
1.72
1.05
21
MALIEYC07AV310P02
100
30 x 25
0.73
0.13
1.72
1.05
25
MALIEYC07BU310P02
120
25 x 35
0.82
0.13
1.44
0.89
25
MALIEYC07AA312P02
150
25 x 40
0.95
0.13
1.15
0.71
28
MALIEYC07AB315P02
150
30 x 30
0.93
0.13
1.15
0.71
30
MALIEYC07BV315P02
150
35 x 25
0.91
0.13
1.15
0.71
35
MALIEYC07CU315P02
180
25 x 45
1.07
0.13
0.96
0.61
32
MALIEYC07AC318P02
180
30 x 35
1.06
0.13
0.96
0.61
36
MALIEYC07BA318P02
220
30 x 40
1.21
0.12
0.72
0.53
41
MALIEYC07BB322P02
220
35 x 30
1.14
0.12
0.72
0.53
42
MALIEYC07CV322P02
270
30 x 45
1.37
0.14
0.69
0.45
46
MALIEYC07BC327P02
270
35 x 35
1.32
0.14
0.69
0.45
49
MALIEYC07CA327P02
330
30 x 50
1.54
0.14
0.56
0.39
51
MALIEYC07BD333P02
330
35 x 40
1.49
0.14
0.56
0.39
56
MALIEYC07CB333P02
390
35 x 45
1.61
0.14
0.48
0.34
63
MALIEYC07CC339P02
470
35 x 50
1.72
0.14
0.4
0.29
70
MALIEYC07CD347P02
560
35 x 60
2.11
0.15
0.36
0.24
84
MALIEYC07CF356P02
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage Us
UR ≤ 250 V
Us = 1.15 x UR
UR ≥ 400 V
Us = 1.10 x UR
Reverse voltage
-
Urev ≤ 1 V
Current
Leakage current IL
UR ≤ 100 V;
UR, 300 s
UR > 100 V;
UR, 300 s
IL/µA ≤ 0.002 x CR/µF x UR/V + 4
IL/µA ≤ 0.01 x CR/µF x UR/V
Equivalent series inductance ESL
All case dimensions
25 nH max.
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
120 Hz
105
°C
(A)
tan
δ
120 Hz
max.
RESR
120 Hz
max.
(
Ω)
Z
10 kHz
max.
(
Ω)
WEIGHT
(g)
ORDERING CODE


Similar Part No. - MALIEYC07CU318X02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALIEYH07AA412L02K VISHAY-MALIEYH07AA412L02K Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
MALIEYH07AA439H02K VISHAY-MALIEYH07AA439H02K Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
MALIEYH07AA468F02K VISHAY-MALIEYH07AA468F02K Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
MALIEYH07AA510E02K VISHAY-MALIEYH07AA510E02K Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
MALIEYH07AA515D02K VISHAY-MALIEYH07AA515D02K Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
More results

Similar Description - MALIEYC07CU318X02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EYV VISHAY-EYV Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
MALLEY01AV447C02W VISHAY-MALLEY01AV447C02W Datasheet
88Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
EYD VISHAY-EYD Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
EYK VISHAY-EYK_13 Datasheet
262Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 08-Apr-13
EY VISHAY-EY_13 Datasheet
101Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 09-Apr-13
EYZ VISHAY-EYZ Datasheet
468Kb / 8P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 25-Aug-08
EYK VISHAY-EYK Datasheet
89Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 02-Aug-11
053PEC-PW VISHAY-053PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
051PEC-PW VISHAY-051PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 17-Feb-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com