Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MALIEYC07BU312X02 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MALIEYC07BU312X02
Description  Aluminum Capacitors Power Printed Wiring Style
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALIEYC07BU312X02 Datasheet(HTML) 5 Page - Vishay Siliconix

  MALIEYC07BU312X02 Datasheet HTML 1Page - Vishay Siliconix MALIEYC07BU312X02 Datasheet HTML 2Page - Vishay Siliconix MALIEYC07BU312X02 Datasheet HTML 3Page - Vishay Siliconix MALIEYC07BU312X02 Datasheet HTML 4Page - Vishay Siliconix MALIEYC07BU312X02 Datasheet HTML 5Page - Vishay Siliconix MALIEYC07BU312X02 Datasheet HTML 6Page - Vishay Siliconix MALIEYC07BU312X02 Datasheet HTML 7Page - Vishay Siliconix MALIEYC07BU312X02 Datasheet HTML 8Page - Vishay Siliconix MALIEYC07BU312X02 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 25138
226
Revision: 03-Nov-08
EYC
Vishay Roederstein
Aluminum Capacitors
Power Printed Wiring Style
63
680
22 x 25
1.18
0.11
0.215
0.150
13
MALIEYC07LU368J02
1000
22 x 30
1.47
0.12
0.160
0.115
16
MALIEYC07LV410J02
1500
22 x 40
2.02
0.12
0.110
0.085
22
MALIEYC07LB415J02
1500
25 x 30
1.78
0.15
0.135
0.085
21
MALIEYC07AV415J02
2200
25 x 40
2.42
0.15
0.095
0.070
28
MALIEYC07AB422J02
2200
30 x 30
2.29
0.16
0.100
0.070
30
MALIEYC07BV422J02
3300
25 x 50
3.10
0.17
0.070
0.050
35
MALIEYC07AD433J02
3300
30 x 40
3.10
0.17
0.070
0.050
41
MALIEYC07BB433J02
4700
30 x 50
3.92
0.18
0.055
0.045
51
MALIEYC07BD447J02
4700
35 x 40
3.69
0.20
0.060
0.045
56
MALIEYC07CB447J02
6800
35 x 50
4.63
0.22
0.045
0.035
70
MALIEYC07CD468J02
100
330
22 x 25
0.93
0.09
0.365
0.250
13
MALIEYC07LU333L02
470
22 x 30
1.15
0.09
0.255
0.190
16
MALIEYC07LV347L02
680
22 x 40
1.59
0.09
0.180
0.140
22
MALIEYC07LB368L02
680
25 x 30
1.36
0.11
0.215
0.140
21
MALIEYC07AV368L02
1000
25 x 40
1.87
0.11
0.150
0.115
28
MALIEYC07AB410L02
1000
30 x 30
1.81
0.12
0.160
0.115
30
MALIEYC07BV410L02
1500
25 x 50
2.40
0.12
0.110
0.085
35
MALIEYC07AD415L02
1500
30 x 40
2.47
0.12
0.110
0.085
41
MALIEYC07BB415L02
2200
30 x 50
3.16
0.13
0.080
0.065
51
MALIEYC07BD422L02
2200
35 x 40
3.08
0.14
0.085
0.065
56
MALIEYC07CB422L02
3300
35 x 50
3.88
0.15
0.065
0.050
70
MALIEYC07CD433L02
200
330
22 x 30
1.08
0.17
0.68
0.50
16
MALIEYC07LV333S02
390
22 x 35
1.23
0.17
0.58
0.47
19
MALIEYC07LA339S02
390
25 x 30
1.23
0.17
0.58
0.47
21
MALIEYC07AV339S02
470
22 x 40
1.37
0.17
0.48
0.40
22
MALIEYC07LB347S02
470
30 x 25
1.27
0.17
0.48
0.40
25
MALIEYC07BU347S02
560
25 x 35
1.50
0.17
0.40
0.38
25
MALIEYC07AA356S02
560
30 x 30
1.52
0.17
0.40
0.39
30
MALIEYC07BV356S02
680
25 x 45
1.82
0.17
0.33
0.34
32
MALIEYC07AC368S02
680
30 x 30
1.59
0.17
0.33
0.34
30
MALIEYC07BV368S02
680
35 x 25
1.44
0.17
0.33
0.34
35
MALIEYC07CU368S02
820
25 x 50
2.04
0.17
0.27
0.24
35
MALIEYC07AD382S02
820
30 x 35
1.83
0.17
0.27
0.24
36
MALIEYC07BA382S02
820
35 x 30
1.77
0.17
0.27
0.24
42
MALIEYC07CV382S02
1000
30 x 45
2.23
0.17
0.23
0.23
46
MALIEYC07BC410S02
1000
35 x 35
2.04
0.17
0.23
0.23
49
MALIEYC07CA410S02
1200
30 x 50
2.47
0.18
0.20
0.19
51
MALIEYC07BD412S02
1200
35 x 35
2.07
0.18
0.20
0.19
49
MALIEYC07CA412S02
1500
35 x 45
2.56
0.18
0.16
0.16
63
MALIEYC07CC415S02
1800
35 x 50
2.80
0.19
0.14
0.13
70
MALIEYC07CD418S02
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
120 Hz
105
°C
(A)
tan
δ
120 Hz
max.
RESR
120 Hz
max.
(
Ω)
Z
10 kHz
max.
(
Ω)
WEIGHT
(g)
ORDERING CODE


Similar Part No. - MALIEYC07BU312X02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALIEYH07AA412L02K VISHAY-MALIEYH07AA412L02K Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
MALIEYH07AA439H02K VISHAY-MALIEYH07AA439H02K Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
MALIEYH07AA468F02K VISHAY-MALIEYH07AA468F02K Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
MALIEYH07AA510E02K VISHAY-MALIEYH07AA510E02K Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
MALIEYH07AA515D02K VISHAY-MALIEYH07AA515D02K Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
More results

Similar Description - MALIEYC07BU312X02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EYV VISHAY-EYV Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
MALLEY01AV447C02W VISHAY-MALLEY01AV447C02W Datasheet
88Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
EYD VISHAY-EYD Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
EYK VISHAY-EYK_13 Datasheet
262Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 08-Apr-13
EY VISHAY-EY_13 Datasheet
101Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 09-Apr-13
EYZ VISHAY-EYZ Datasheet
468Kb / 8P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 25-Aug-08
EYK VISHAY-EYK Datasheet
89Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 02-Aug-11
053PEC-PW VISHAY-053PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
051PEC-PW VISHAY-051PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 17-Feb-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com