Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y1186150K000D9L Datasheet(PDF) 1 Page - Vishay Siliconix

Part # Y1186150K000D9L
Description  High Precision Bulk Metal짰 Foil Extended Value Range Resistor, with TCR of 2 ppm/째C, Tolerance to 0.005 %, and Power Rated at 0.6 W
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y1186150K000D9L Datasheet(HTML) 1 Page - Vishay Siliconix

  Y1186150K000D9L Datasheet HTML 1Page - Vishay Siliconix Y1186150K000D9L Datasheet HTML 2Page - Vishay Siliconix Y1186150K000D9L Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 63066
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 27-Feb-08
1
High Precision Bulk Metal® Foil Extended Value Range
Resistor, with TCR of 2 ppm/°C, Tolerance to 0.005 %,
and Power Rated at 0.6 W
E102
Vishay Foil Resistors
Any value available within resistance range
Bulk Metal® foil (BMF) technology outperforms all other
resistor technologies available today for applications that
require high precision and high stability.
This technology has been pioneered and developed by
VISHAY, and products based on this technology are the
most suitable for a wide range of applications.
BMF technology allows us to produce customer orientated
products, designed to satisfy challenging and specific
technical requirements.
The E102C (0.150" lead spacing) and E102J (0.200" lead
spacing) extends the range of the high precision aerospace
and instrumentation standard S102C/J from 150K to 300K.
Our application engineering department is available to
advise and to make recommendations. For non-standard
technical requirements and special applications, please
contact us.
FEATURES
• Temperature coefficient of resistance (TCR):
- 55 °C to + 125 °C, + 25 °C ref.
2 ppm/°C typical
• Rated power: to 0.3 W at + 125 °C
• Tolerance: ± 0.005 %
• Load life stability: to ± 0.005 % at 70 °C, 2000 h at rated
power
• Resistance range: 150 kΩ to 300 kΩ (higher and lower
values of resistance are available)
• Electrostatic discharge (ESD) above 25 000 V
• Non inductive, non capacitive design
• Rise time: 1 ns without ringing
• Current noise: < - 40 dB
• Thermal EMF: 0.05 µV/°C typical
• Voltage coefficient < 0.1 ppm/V
• Low inductance: < 0.08 µH typical
• Non hot spot design
• Terminal finishes available:
lead (Pb)-free
tin/lead alloy
• Matched sets are available on request
(TCR tracking: to 0.5 ppm/°C)
For better TCR and PCR performances please review the
E102Z datasheet
FIGURE 1 - TYPICAL TCR CURVE
- 50
- 25
0
+ 20
+ 50
+ 75
+ 100
+ 125
- 55
+ 150
+ 100
+ 50
0
- 50
- 100
- 150
- 200
ΔR
R
(ppm)
Ambient Temperature (°C)
± 2 ppm/°C (+ 25 °C Reference)
FIGURE 2 - POWER DERATING CURVE
200 %
175 %
150 %
125 %
100 %
75 %
50 %
25 %
0
- 75
- 50
- 25
0
+ 25 + 50 + 75 + 100 + 125 + 150 + 175 + 200
Ambient Temperature (°C)
- 55 °C
+ 70 °C
Double Rated Power
Rated Power
TABLE 1 - E102 SPECIFICATIONS
Stability
Load life at 2000 h
Load life at 10 000 h
± 0.005 % maximum
ΔR at 0.1 W/+ 70 °C
± 0.015 % maximum
ΔR at 0.3 W/+ 125 °C
± 0.01 % maximum
ΔR at 0.05 W/+ 125 °C
± 0.05 % maximum
ΔR at 0.3 W/+ 125 °C
Current Noise
< - 40 dB
High Frequency Operation
Rise time
Inductance (L)
Capacitance (C)
1.0 ns
0.1 µH maximum; 0.08 µH typical
1.0 pF maximum; 0.5 pF typical
Voltage Coefficient
< 0.1 ppm/V
Thermal EMF
0.1 µV/°C maximum; 0.05 µV/°C typical


Similar Part No. - Y1186150K000D9L

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
Y1186A KEYSIGHT-Y1186A Datasheet
2Mb / 14P
   PXI Matrix Switch Modules
More results

Similar Description - Y1186150K000D9L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S102C VISHAY-S102C_11 Datasheet
863Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 29-Jun-11
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
   Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 19-Apr-07
S102C VISHAY-S102C Datasheet
121Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 20-Nov-07
Z202 VISHAY-Z202 Datasheet
103Kb / 4P
   Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 %
Revision: 13-Nov-07
logo
Vaishali Semiconductor
VHD200 VAISH-VHD200 Datasheet
130Kb / 5P
   Bulk Metal짰 Foil Hermetically sealed, Small Package, Voltage Dividers with TCR Tracking of 0.1 ppm/째C and Tolerance Match down to 0.001 %
logo
Vishay Siliconix
VCS232Z VISHAY-VCS232Z_08 Datasheet
113Kb / 4P
   Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of 짹 0.05 ppm/째C,PCR of 5ppm at Rated Power and Tolerance of 짹0.02%
Revision: 16-Apr-07
RS92N VISHAY-RS92N Datasheet
99Kb / 5P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
Revision: 03-Nov-08
VRM VISHAY-VRM Datasheet
109Kb / 3P
   Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Revision: 12-Jul-07
VPR220 VISHAY-VPR220_08 Datasheet
128Kb / 4P
   Foil Technology Precision Foil Power Resistors in TO-220 Configuration with TCR 2 ppm/째C,of Tolerance of to 짹 0.01 % and Power Rating to 8 W
Revision: 05-Jul-07
VHP100 VISHAY-VHP100 Datasheet
96Kb / 4P
   Ultra-High Precision Hermetically Sealed Bulk Metal® Foil Technology Resistor with Zero TCR and 0.005 % Tolerance
Revision: 18-Jun-07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com