Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MALIEYC07LA327N02 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MALIEYC07LA327N02
Description  Aluminum Capacitors Power Printed Wiring Style
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALIEYC07LA327N02 Datasheet(HTML) 6 Page - Vishay Siliconix

  MALIEYC07LA327N02 Datasheet HTML 1Page - Vishay Siliconix MALIEYC07LA327N02 Datasheet HTML 2Page - Vishay Siliconix MALIEYC07LA327N02 Datasheet HTML 3Page - Vishay Siliconix MALIEYC07LA327N02 Datasheet HTML 4Page - Vishay Siliconix MALIEYC07LA327N02 Datasheet HTML 5Page - Vishay Siliconix MALIEYC07LA327N02 Datasheet HTML 6Page - Vishay Siliconix MALIEYC07LA327N02 Datasheet HTML 7Page - Vishay Siliconix MALIEYC07LA327N02 Datasheet HTML 8Page - Vishay Siliconix MALIEYC07LA327N02 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Document Number: 25138
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 03-Nov-08
227
EYC
Aluminum Capacitors
Power Printed Wiring Style
Vishay Roederstein
250
220
22 x 30
1.00
0.17
1.02
0.70
16
MALIEYC07LV322N02
220
25 x 25
1.00
0.17
1.02
0.70
19
MALIEYC07AU322N02
270
22 x 35
1.07
0.17
0.84
0.56
19
MALIEYC07LA327N02
270
25 x 30
1.08
0.17
0.84
0.56
21
MALIEYC07AV327N02
270
30 x 25
1.08
0.17
0.84
0.56
25
MALIEYC07BU327N02
330
22 x 40
1.20
0.17
0.68
0.43
22
MALIEYC07LB333N02
330
25 x 30
1.21
0.17
0.68
0.43
21
MALIEYC07AV333N02
330
30 x 25
1.19
0.17
0.68
0.43
25
MALIEYC07BU333N02
390
25 x 35
1.39
0.17
0.58
0.41
25
MALIEYC07AA339N02
390
30 x 30
1.41
0.17
0.58
0.41
30
MALIEYC07BV339N02
470
25 x 40
1.58
0.17
0.48
0.40
28
MALIEYC07AB347N02
470
30 x 30
1.57
0.17
0.48
0.40
30
MALIEYC07BV347N02
470
35 x 25
1.37
0.17
0.48
0.40
35
MALIEYC07CU347N02
560
25 x 45
1.78
0.17
0.40
0.31
32
MALIEYC07AC356N02
560
30 x 35
1.71
0.17
0.40
0.31
36
MALIEYC07BA356N02
560
35 x 30
1.67
0.17
0.40
0.31
42
MALIEYC07CV356N02
680
30 x 40
1.93
0.17
0.33
0.26
41
MALIEYC07BB368N02
680
35 x 35
1.92
0.17
0.33
0.26
49
MALIEYC07CA368N02
820
30 x 45
2.16
0.17
0.27
0.21
46
MALIEYC07BC382N02
820
35 x 35
1.97
0.17
0.27
0.21
49
MALIEYC07CA382N02
820
35 x 40
2.16
0.17
0.27
0.21
56
MALIEYC07CB382N02
1000
35 x 40
2.22
0.17
0.23
0.18
56
MALIEYC07CB410N02
1000
35 x 45
2.41
0.17
0.23
0.18
63
MALIEYC07CC410N02
1200
35 x 45
2.46
0.17
0.19
0.16
63
MALIEYC07CC412N02
1200
35 x 50
2.65
0.17
0.19
0.16
70
MALIEYC07CD412N02
400
68
22 x 25
0.51
0.16
3.12
1.95
13
MALIEYC07LU268X02
82
22 x 30
0.60
0.14
2.26
1.52
16
MALIEYC07LV282X02
82
25 x 25
0.60
0.14
2.26
1.52
19
MALIEYC07AU282X02
100
22 x 35
0.69
0.14
1.86
1.24
19
MALIEYC07LA310X02
100
25 x 30
0.70
0.14
1.86
1.24
21
MALIEYC07AV310X02
120
22 x 35
0.76
0.14
1.55
1.10
19
MALIEYC07LA312X02
120
25 x 30
0.76
0.14
1.55
1.10
21
MALIEYC07AV312X02
120
30 x 25
0.77
0.14
1.55
1.10
25
MALIEYC07BU312X02
150
22 x 40
0.86
0.15
1.33
0.86
22
MALIEYC07LB315X02
150
25 x 35
0.89
0.15
1.33
0.86
25
MALIEYC07AA315X02
150
30 x 30
0.92
0.15
1.33
0.86
30
MALIEYC07BV315X02
180
25 x 40
1.01
0.15
1.11
0.70
28
MALIEYC07AB318X02
180
30 x 30
0.99
0.15
1.11
0.70
30
MALIEYC07BV318X02
180
35 x 25
0.96
0.15
1.11
0.70
35
MALIEYC07CU318X02
220
25 x 45
1.15
0.15
0.90
0.59
32
MALIEYC07AC322X02
220
30 x 35
1.15
0.15
0.90
0.59
36
MALIEYC07BA322X02
220
35 x 30
1.14
0.15
0.90
0.59
42
MALIEYC07CV322X02
270
25 x 50
1.31
0.15
0.74
0.55
35
MALIEYC07AD327X02
270
30 x 40
1.30
0.15
0.74
0.55
41
MALIEYC07BB327X02
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
120 Hz
105
°C
(A)
tan
δ
120 Hz
max.
RESR
120 Hz
max.
(
Ω)
Z
10 kHz
max.
(
Ω)
WEIGHT
(g)
ORDERING CODE


Similar Part No. - MALIEYC07LA327N02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALIEYH07AA412L02K VISHAY-MALIEYH07AA412L02K Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
MALIEYH07AA439H02K VISHAY-MALIEYH07AA439H02K Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
MALIEYH07AA468F02K VISHAY-MALIEYH07AA468F02K Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
MALIEYH07AA510E02K VISHAY-MALIEYH07AA510E02K Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
MALIEYH07AA515D02K VISHAY-MALIEYH07AA515D02K Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
More results

Similar Description - MALIEYC07LA327N02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EYV VISHAY-EYV Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
MALLEY01AV447C02W VISHAY-MALLEY01AV447C02W Datasheet
88Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
EYD VISHAY-EYD Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
EYK VISHAY-EYK_13 Datasheet
262Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 08-Apr-13
EY VISHAY-EY_13 Datasheet
101Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 09-Apr-13
EYZ VISHAY-EYZ Datasheet
468Kb / 8P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 25-Aug-08
EYK VISHAY-EYK Datasheet
89Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 02-Aug-11
053PEC-PW VISHAY-053PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
051PEC-PW VISHAY-051PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 17-Feb-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com