Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBPC8 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # KBPC8
Description  Single Phase Rectifier Bridge, 8 A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KBPC8 Datasheet(HTML) 2 Page - Vishay Siliconix

  KBPC8 Datasheet HTML 1Page - Vishay Siliconix KBPC8 Datasheet HTML 2Page - Vishay Siliconix KBPC8 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93586
2
Revision: 29-Sep-08
KBPC8 Series
Vishay High Power Products
Single Phase Rectifier
Bridge, 8 A
Fig. 1 - Current Ratings
Fig. 2 - Non-Repetitive Surge Ratings
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum DC output current
IO
TC = 50 °C, resistive or inductive load
8.0
A
TC = 50 °C, capacitive load
6.4
Maximum peak one cycle,
non-repetitive surge current
IFSM
t = 10 ms, 20 ms
Following any rated load
condition and with rated
VRRM reapllied
125
t = 8.3 ms, 16.7 ms
137
Maximum I2t capability for fusing
I2t
t = 10 ms
Initial TJ = TJ maximum
100 % VRRM reapplied
78
A2s
t = 8.3 ms
71
t = 10 ms
110
t = 8.3 ms
1000
Maximum I2
√t capability for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
1105
A2
√s
Maximum peak forward voltage per diode
VFM
IFM = 3.0 A, TJ = 25 °C
1.0
V
Typical peak reverse leakage per diode
IRM
TJ = 25 °C, 100 % VRRM
10
mA
TJ = 150 °C, 100 % VRRM
100
Operating frequency range
f
400 to 1000
Hz
Maximum repetitive peak reverse
voltage range
VRRM
50 to 1000
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
VALUES
UNITS
Operating and storage temperature range
TJ, TStg
- 55 to 150
°C
Thermal resistance, junction to case
RthJC
6K/W
Approximate weight
6g
0.21
oz.
10
9
8
7
6
5
4
3
2
1
0
20
40
60
80
100
120
140
160
0
Maximum Allowable Ambient
Temperature (°C)
KBPC8...
Resistive load
Capacitive load
140
130
120
110
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1.0
10
KBPC8
50 Hz
Pulse Train Duration (s)
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95250


Similar Part No. - KBPC8

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBPC8 SEMTECH-KBPC8 Datasheet
126Kb / 2P
   8.0A SINGLE - PHASE SILICON BRIDGE???
logo
CHENG-YI ELECTRONIC CO....
KBPC8 CHENG-YI-KBPC8 Datasheet
128Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Vishay Siliconix
KBPC8 VISHAY-KBPC8 Datasheet
110Kb / 4P
   Single Phase Rectifier Bridge, 8 A
Revision: 29-Sep-08
KBPC8 VISHAY-KBPC8 Datasheet
109Kb / 4P
   Single Phase Rectifier Bridge, 8 A
Revision: 29-Sep-08
logo
GOOD-ARK Electronics
KBPC8 GOOD-ARK-KBPC8 Datasheet
616Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers Voltage Range 50 to 1000 Volts Forward Current 8.0 Amperes
More results

Similar Description - KBPC8

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
KBPC810PBF VISHAY-KBPC810PBF Datasheet
109Kb / 4P
   Single Phase Rectifier Bridge, 8 A
Revision: 29-Sep-08
VS-KBPC8 VISHAY-VS-KBPC8_V01 Datasheet
119Kb / 4P
   Single Phase Rectifier Bridge, 8 A
01-Jan-2022
VS-KBPC8 VISHAY-VS-KBPC8_V02 Datasheet
118Kb / 4P
   Single Phase Rectifier Bridge, 8 A
01-Jan-2023
KBPC808PBF VISHAY-KBPC808PBF Datasheet
109Kb / 4P
   Single Phase Rectifier Bridge, 8 A
Revision: 29-Sep-08
KBPC802PBF VISHAY-KBPC802PBF Datasheet
109Kb / 4P
   Single Phase Rectifier Bridge, 8 A
Revision: 29-Sep-08
VS-KBPC8 VISHAY-VS-KBPC8 Datasheet
118Kb / 4P
   Single Phase Rectifier Bridge, 8 A
Revision: 04-Apr-14
KBPC8 VISHAY-KBPC8_12 Datasheet
110Kb / 4P
   Single Phase Rectifier Bridge, 8 A
Revision: 29-Sep-08
logo
NTE Electronics
NTE5313 NTE-NTE5313 Datasheet
20Kb / 2P
   Single Phase Bridge Rectifier 8 Amp
NTE5312 NTE-NTE5312 Datasheet
16Kb / 2P
   Single Phase Bridge Rectifier 8 Amp
logo
List of Unclassifed Man...
TU800 ETC2-TU800 Datasheet
140Kb / 4P
   8 AMP Single-Phase Bridge Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com