Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S949TR Datasheet(PDF) 6 Page - Vishay Siliconix

Part # S949TR
Description  MOSMIC® for TV-Tuner Prestage with 9 V Supply Voltage
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S949TR Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button S949TR Datasheet HTML 2Page - Vishay Siliconix S949TR Datasheet HTML 3Page - Vishay Siliconix S949TR Datasheet HTML 4Page - Vishay Siliconix S949TR Datasheet HTML 5Page - Vishay Siliconix S949TR Datasheet HTML 6Page - Vishay Siliconix S949TR Datasheet HTML 7Page - Vishay Siliconix S949TR Datasheet HTML 8Page - Vishay Siliconix S949TR Datasheet HTML 9Page - Vishay Siliconix S949TR Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.vishay.com
6
Document Number 85061
Rev. 1.5, 08-Sep-08
S949T / S949TR / S949TRW
Vishay Semiconductors
VDS = 9 V, VG2S = 4 V, Z0 = 50 Ω
S11
S12
S21
S22
Figure 9. Input Reflection Coefficient
Figure 10. Reverse Transmission Coefficient
12932
–j0.2
–j0.5
–j
–j2
–j5
0
j0.2
j0.5
j
j2
j5
0.2
0.5
1
2
5
50
1300 MHz
300
550
800
1050
12933
90°
180 °
–90 °
0.008 0.016
–150 °
–120 °
–60 °
–30 °
120°
150°
60 °
30 °
50
1300 MHz
550
1050
Figure 11. Forward Transmission Coefficient
Figure 12. Output Reflection Coefficient
1300 MHz
12934
90 °
180 °
–90°
1.0
2.0
–150°
–120°
–60°
–30°
120 °
60 °
30 °
50
300
550
800
1050
12935
–j0.2
–j0.5
–j
–j2
–j5
0
j0.2
j0.5
j
j2
j5
0.2
0.5
1
2
5 50
1300 MHz
300
800


Similar Part No. - S949TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S949TR VISHAY-S949TR Datasheet
194Kb / 9P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 3, 20-Jan-99
S949TR VISHAY-S949TR Datasheet
198Kb / 10P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 1.4, 02-May-05
S949TRW VISHAY-S949TRW Datasheet
194Kb / 9P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 3, 20-Jan-99
S949TRW VISHAY-S949TRW Datasheet
198Kb / 10P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 1.4, 02-May-05
More results

Similar Description - S949TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S904T VISHAY-S904T Datasheet
77Kb / 4P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 3, 20-Jan-99
S949T VISHAY-S949T Datasheet
194Kb / 9P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 3, 20-Jan-99
S974T VISHAY-S974T Datasheet
100Kb / 6P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 3, 20-Jan-99
S913T VISHAY-S913T Datasheet
155Kb / 9P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 3, 20-Jan-99
S952T VISHAY-S952T Datasheet
100Kb / 6P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 3, 20-Jan-99
S949T VISHAY-S949T_05 Datasheet
198Kb / 10P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 1.4, 02-May-05
S505TX VISHAY-S505TX Datasheet
183Kb / 6P
   MOSMIC® for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.2, 29-Apr-05
S593T VISHAY-S593T_08 Datasheet
321Kb / 10P
   MOSMIC® for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.6, 08-Sep-08
S594T VISHAY-S594T_08 Datasheet
322Kb / 10P
   MOSMIC® for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.6, 08-Sep-08
S595T VISHAY-S595T_08 Datasheet
322Kb / 10P
   MOSMIC® for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.7, 08-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com