Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR3B156 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TR3B156
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TR3B156 Datasheet(HTML) 3 Page - Vishay Siliconix

  TR3B156 Datasheet HTML 1Page - Vishay Siliconix TR3B156 Datasheet HTML 2Page - Vishay Siliconix TR3B156 Datasheet HTML 3Page - Vishay Siliconix TR3B156 Datasheet HTML 4Page - Vishay Siliconix TR3B156 Datasheet HTML 5Page - Vishay Siliconix TR3B156 Datasheet HTML 6Page - Vishay Siliconix TR3B156 Datasheet HTML 7Page - Vishay Siliconix TR3B156 Datasheet HTML 8Page - Vishay Siliconix TR3B156 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number: 40080
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 22-Apr-08
55
TR3
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® Molded Case, Low ESR
Vishay Sprague
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
at+ 25 °C
(µA)
MAX. DF
at+ 25 °C
120 Hz
(%)
MAX. ESR
at+ 25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)
4 VDC at + 85 °C, 2.7 VDC at + 125 °C
15
A
TR3A156(1)004(2)1500
0.6
6
1.500
0.22
22
A
TR3A226(1)004(2)1500
0.9
6
1.500
0.22
33
A
TR3A336(1)004(2)1500
1.3
6
1.500
0.22
33
B
TR3B336(1)004(2)0500
1.3
6
0.500
0.41
47
A
TR3A476(1)004(2)0800
1.9
14
0.800
0.31
47
A
TR3A476(1)004(2)0500
1.9
14
0.500
0.39
47
B
TR3B476(1)004(2)0500
1.9
6
0.500
0.41
68
B
TR3B686(1)004(2)0500
2.7
6
0.500
0.41
68
C
TR3C686(1)004(2)0275
2.7
6
0.275
0.63
100
A
TR3A107(1)004(2)1000
10.0
30
1.000
0.27
100
A
TR3A107(1)004(2)0800
10.0
30
0.800
0.31
100
B
TR3B107(1)004(2)0450
4.0
6
0.450
0.43
100
C
TR3C107(1)004(2)0225
4.0
6
0.225
0.66
150
B
TR3B157(1)004(2)0900
6.0
14
0.900
0.31
150
B
TR3B157(1)004(2)0500
6.0
14
0.500
0.41
150
B
TR3B157(1)004(2)0400
6.0
14
0.400
0.46
150
C
TR3C157(1)004(2)0250
6.0
8
0.250
0.66
150
D
TR3D157(1)004(2)0150
6.0
8
0.150
1.00
220
B
TR3B227M004(2)1100
8.8
18
1.100
0.28
220
B
TR3B227M004(2)0700
8.8
18
0.700
0.35
220
B
TR3B227M004(2)0500
8.8
18
0.500
0.41
220
B
TR3B227M004(2)0450
8.8
18
0.450
0.43
220
C
TR3C227(1)004(2)0200
8.8
8
0.200
0.74
220
D
TR3D227(1)004(2)0150
8.8
8
0.150
1.00
330
D
TR3D337(1)004(2)0150
13.2
8
0.150
1.00
470
D
TR3D477(1)004(2)0125
18.8
10
0.125
1.10
470
D
TR3D477(1)004(2)0100
18.8
10
0.100
1.22
470
D
TR3D477(1)004(2)0060
18.8
10
0.060
1.58
470
D
TR3D477(1)004(2)0045
18.8
10
0.045
1.83
470
D
TR3D477(1)004(2)0035
18.8
10
0.035
2.07
470
E
TR3E477(1)004(2)0100
18.8
10
0.100
1.28
680
E
TR3E687(1)004(2)0100
27.2
12
0.100
1.28
1000
E
TR3E108M004(2)0100
40.0
20
0.100
1.28
6.3 VDC at + 85 °C, 4 VDC at 125 °C
10
A
TR3A106(1)6R3(2)2000
0.6
6
2.000
0.19
10
A
TR3A106(1)6R3(2)1500
0.6
6
1.500
0.22
15
A
TR3A156(1)6R3(2)2000
0.9
6
2.000
0.19
15
A
TR3A156(1)6R3(2)1000
0.9
6
1.000
0.27
22
A
TR3A226(1)6R3(2)3000
1.3
6
3.000
0.16
22
A
TR3A226(1)6R3(2)2000
1.3
6
2.000
0.19
22
A
TR3A226(1)6R3(2)1000
1.3
6
1.000
0.27
22
B
TR3B226(1)6R3(2)0600
1.3
6
0.600
0.38
33
A
TR3A336(1)6R3(2)2000
2.0
14
2.000
0.19
33
A
TR3A336(1)6R3(2)0800
2.0
14
0.800
0.31
33
A
TR3A336(1)6R3(2)0600
2.0
14
0.600
0.35
33
B
TR3B336(1)6R3(2)0600
2.0
6
0.600
0.38
33
B
TR3B336(1)6R3(2)0500
2.0
6
0.500
0.41
47
A
TR3A476(1)6R3(2)0800
2.8
12
0.800
0.31
47
B
TR3B476(1)6R3(2)0550
2.8
6
0.550
0.39
47
B
TR3B476(1)6R3(2)0500
2.8
6
0.500
0.41
47
B
TR3B476(1)6R3(2)0350
2.8
6
0.350
0.49
47
B
TR3B476(1)6R3(2)0250
2.8
6
0.250
0.58
47
C
TR3C476(1)6R3(2)0300
2.8
6
0.300
0.61
47
C
TR3C476(1)6R3(2)0250
2.8
6
0.250
0.66
Notes:
• (1) Capacitance Tolerance Codes: K, M
• (2) Terminations and Packaging Codes: C, D, E, F
* Preliminary values, contact factory for availability


Similar Part No. - TR3B156

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TR3B156K010C0450 VISHAY-TR3B156K010C0450 Datasheet
624Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 26-Oct-17
TR3B156K010C0600 VISHAY-TR3B156K010C0600 Datasheet
624Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 26-Oct-17
TR3B156K010C0700 VISHAY-TR3B156K010C0700 Datasheet
624Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 26-Oct-17
TR3B156K016C0500 VISHAY-TR3B156K016C0500 Datasheet
624Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 26-Oct-17
TR3B156K016C0800 VISHAY-TR3B156K016C0800 Datasheet
624Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 26-Oct-17
More results

Similar Description - TR3B156

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TH3 VISHAY-TH3 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
593D VISHAY-593D_08 Datasheet
117Kb / 6P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
Revision: 20-Oct-08
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3B476K6R3C0500 VISHAY-TR3B476K6R3C0500 Datasheet
157Kb / 14P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Low ESR
Revision: 20-Feb-09
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
T86 VISHAY-T86 Datasheet
104Kb / 6P
   Solid Tantalum Surface Mount TANTAMOUNT짰, Molded Case, Hi-Rel COTS, Low ESR, Built-In-Fuse
Revision: 31-Jan-11
293D107X96R3B2TE3 VISHAY-293D107X96R3B2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT짰, Molded Case, Standard Industrial Grade
Revision: 16-May-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com