Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR3A225 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # TR3A225
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TR3A225 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button TR3A225 Datasheet HTML 4Page - Vishay Siliconix TR3A225 Datasheet HTML 5Page - Vishay Siliconix TR3A225 Datasheet HTML 6Page - Vishay Siliconix TR3A225 Datasheet HTML 7Page - Vishay Siliconix TR3A225 Datasheet HTML 8Page - Vishay Siliconix TR3A225 Datasheet HTML 9Page - Vishay Siliconix TR3A225 Datasheet HTML 10Page - Vishay Siliconix TR3A225 Datasheet HTML 11Page - Vishay Siliconix TR3A225 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TR3
Vishay Sprague
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® Molded Case, Low ESR
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40080
62
Revision: 22-Apr-08
35 VDC at + 85 °C, 23 VDC at + 125 °C
1.5
B
TR3B155(1)035(2)3000
0.5
6
3.000
0.17
1.5
C
TR3C155(1)035(2)2500
0.5
6
2.500
0.21
1.5
B
TR3B155(1)035(2)2000
0.5
6
2.000
0.21
1.5
C
TR3C155(1)035(2)0900
0.5
6
0.900
0.35
2.2
B
TR3B225(1)035(2)2500
0.8
6
2.500
0.18
2.2
C
TR3C225(1)035(2)1500
0.8
6
1.500
0.27
2.2
B
TR3B225(1)035(2)2000
0.8
6
2.000
0.21
2.2
C
TR3C225(1)035(2)0900
0.8
6
0.900
0.35
3.3
C
TR3C335(1)035(2)0800
1.2
6
0.800
0.37
3.3
C
TR3C335(1)035(2)0700
1.2
6
0.700
0.40
3.3
C
TR3C335(1)035(2)0600
1.2
6
0.600
0.43
4.7
B
TR3B475(1)035(2)1500
1.6
6
1.500
0.24
4.7
B
TR3B475(1)035(2)1000
1.6
6
1.000
0.29
4.7
B
TR3B475(1)035(2)0700
1.6
6
0.700
0.35
4.7
C
TR3C475(1)035(2)0700
1.6
6
0.700
0.40
4.7
C
TR3C475(1)035(2)0600
1.6
6
0.600
0.43
4.7
C
TR3C475(1)035(2)0500
1.6
6
0.500
0.47
6.8
C
TR3C685(1)035(2)0900
2.4
6
0.900
0.35
6.8
C
TR3C685(1)035(2)0475
2.4
6
0.475
0.48
6.8
D
TR3D685(1)035(2)0500
2.4
6
0.500
0.55
6.8
D
TR3D685(1)035(2)0400
2.4
6
0.400
0.61
6.8
D
TR3D685(1)035(2)0300
2.4
6
0.300
0.71
6.8
E
TR3E685(1)035(2)0300
1.9
4
0.300
0.74
10
C
TR3C106(1)035(2)1200
3.5
6
1.200
0.30
10
C
TR3C106(1)035(2)0450
3.5
6
0.450
0.49
10
D
TR3D106(1)035(2)0400
3.5
6
0.400
0.61
10
D
TR3D106(1)035(2)0300
3.5
6
0.300
0.71
10
D
TR3D106(1)035(2)0260
3.5
6
0.260
0.76
10
D
TR3D106(1)035(2)0250
3.5
6
0.250
0.77
10
D
TR3D106(1)035(2)0135
3.5
6
0.135
1.05
10
D
TR3D106(1)035(2)0125
3.5
6
0.125
1.10
15
D
TR3D156(1)035(2)0350
5.3
6
0.350
0.65
15
D
TR3D156(1)035(2)0300
5.3
6
0.300
0.71
15
D
TR3D156(1)035(2)0260
5.3
6
0.260
0.76
15
D
TR3D156(1)035(2)0225
5.3
6
0.225
0.82
15
D
TR3D156(1)035(2)0200
5.3
6
0.200
0.87
15
D
TR3D156(1)035(2)0150
5.3
6
0.150
1.00
15
E
TR3E156(1)035(2)0300
5.3
6
0.300
0.74
15
E
TR3E156(1)035(2)0225
5.3
6
0.225
0.87
15
E
TR3E156(1)035(2)0200
5.3
6
0.200
0.91
15
E
TR3E156(1)035(2)0150
5.3
6
0.150
1.05
22
D
TR3D226(1)035(2)0400
7.7
6
0.400
0.61
22
D
TR3D226(1)035(2)0300
7.7
6
0.300
0.71
22
D
TR3D226(1)035(2)0275
7.7
6
0.275
0.74
22
D
TR3D226(1)035(2)0250
7.7
6
0.250
0.77
22
D
TR3D226(1)035(2)0200
7.7
6
0.200
0.87
22
E
TR3E226(1)035(2)0300
7.7
6
0.300
0.74
22
E
TR3E226(1)035(2)0275
7.7
6
0.275
0.77
22
E
TR3E226(1)035(2)0260
7.7
6
0.260
0.80
22
E
TR3E226(1)035(2)0200
7.7
6
0.200
0.91
Notes:
• (1) Capacitance Tolerance Codes: K, M
• (2) Terminations and Packaging Codes: C, D, E, F
* Preliminary values, contact factory for availability
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
at+ 25 °C
(µA)
MAX. DF
at+ 25 °C
120 Hz
(%)
MAX. ESR
at+ 25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)


Similar Part No. - TR3A225

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TR3A225K010C1800 VISHAY-TR3A225K010C1800 Datasheet
624Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 26-Oct-17
TR3A225K010C6000 VISHAY-TR3A225K010C6000 Datasheet
624Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 26-Oct-17
TR3A225K010C6800 VISHAY-TR3A225K010C6800 Datasheet
624Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 26-Oct-17
TR3A225K016C1800 VISHAY-TR3A225K016C1800 Datasheet
624Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 26-Oct-17
TR3A225K016C3500 VISHAY-TR3A225K016C3500 Datasheet
624Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 26-Oct-17
More results

Similar Description - TR3A225

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TH3 VISHAY-TH3 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
593D VISHAY-593D_08 Datasheet
117Kb / 6P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
Revision: 20-Oct-08
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3B476K6R3C0500 VISHAY-TR3B476K6R3C0500 Datasheet
157Kb / 14P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Low ESR
Revision: 20-Feb-09
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
T86 VISHAY-T86 Datasheet
104Kb / 6P
   Solid Tantalum Surface Mount TANTAMOUNT짰, Molded Case, Hi-Rel COTS, Low ESR, Built-In-Fuse
Revision: 31-Jan-11
293D107X96R3B2TE3 VISHAY-293D107X96R3B2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT짰, Molded Case, Standard Industrial Grade
Revision: 16-May-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com