Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR3C476 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TR3C476
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TR3C476 Datasheet(HTML) 5 Page - Vishay Siliconix

  TR3C476 Datasheet HTML 1Page - Vishay Siliconix TR3C476 Datasheet HTML 2Page - Vishay Siliconix TR3C476 Datasheet HTML 3Page - Vishay Siliconix TR3C476 Datasheet HTML 4Page - Vishay Siliconix TR3C476 Datasheet HTML 5Page - Vishay Siliconix TR3C476 Datasheet HTML 6Page - Vishay Siliconix TR3C476 Datasheet HTML 7Page - Vishay Siliconix TR3C476 Datasheet HTML 8Page - Vishay Siliconix TR3C476 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Document Number: 40080
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 22-Apr-08
57
TR3
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® Molded Case, Low ESR
Vishay Sprague
10 VDC at + 85 °C, 7 VDC at 125 °C
2.2
A
TR3A225(1)010(2)6000
0.5
6
6.000
0.11
2.2
A
TR3A225(1)010(2)1800
0.5
6
1.800
0.20
4.7
A
TR3A475(1)010(2)3000
0.5
6
3.000
0.16
4.7
A
TR3A475(1)010(2)1500
0.5
6
1.500
0.22
4.7
A
TR3A475(1)010(2)1400
0.5
6
1.400
0.23
4.7
A
TR3A475(1)010(2)1000
0.5
6
1.000
0.27
6.8
A
TR3A685(1)010(2)3000
0.7
6
3.000
0.16
68
D
TR3D686(1)010(2)0200
6.8
6
0.200
0.87
10
A
TR3A106(1)010(2)2000
1.0
6
2.000
0.19
10
A
TR3A106(1)010(2)1800
1.0
6
1.800
0.20
10
A
TR3A106(1)010(2)1000
1.0
6
1.000
0.27
10
A
TR3A106(1)010(2)0900
1.0
6
0.900
0.29
10
B
TR3B106(1)010(2)0800
1.0
6
0.800
0.33
10
B
TR3B106(1)010(2)0750
1.0
6
0.750
0.34
15
A
TR3A156(1)010(2)2000
1.5
6
2.000
0.19
15
A
TR3A156(1)010(2)1000
1.5
6
1.000
0.27
15
B
TR3B156(1)010(2)0700
1.5
6
0.700
0.35
22
A
TR3A226(1)010(2)1500
2.2
8
1.500
0.22
22
A
TR3A226(1)010(2)1000
2.2
8
1.000
0.27
22
A
TR3A226(1)010(2)0900
2.2
8
0.900
0.29
22
A
TR3A226(1)010(2)0800
2.2
8
0.800
0.31
22
B
TR3B226(1)010(2)0700
2.2
6
0.700
0.35
22
B
TR3B226(1)010(2)0500
2.2
6
0.500
0.38
22
B
TR3B226(1)010(2)0400
2.2
6
0.400
0.46
22
C
TR3C226(1)010(2)0400
2.2
6
0.400
0.52
22
C
TR3C226(1)010(2)0345
2.2
6
0.345
0.56
33
B
TR3B336(1)010(2)1400
3.3
6
1.400
0.25
33
B
TR3B336(1)010(2)0650
3.3
6
0.650
0.36
33
B
TR3B336(1)010(2)0600
3.3
6
0.600
0.38
33
C
TR3C336(1)010(2)0375
3.3
6
0.375
0.54
33
C
TR3C336(1)010(2)0300
3.3
6
0.300
0.61
47
B
TR3B476(1)010(2)0650
4.7
6
0.650
0.36
47
B
TR3B476(1)010(2)0600
4.7
6
0.600
0.38
47
B
TR3B476(1)010(2)0500
4.7
6
0.500
0.41
47
C
TR3C476(1)010(2)0350
4.7
6
0.350
0.56
47
C
TR3C476(1)010(2)0300
4.7
6
0.300
0.61
47
D
TR3D476(1)010(2)0220
4.7
6
0.220
0.83
47
D
TR3D476(1)010(2)0200
4.7
6
0.200
0.87
47
D
TR3D476(1)010(2)0140
4.7
6
0.140
1.04
47
D
TR3D476(1)010(2)0100
4.7
6
0.100
1.22
68
B
TR3B686(1)010(2)1500
6.8
14
1.500
0.24
68
B
TR3B686(1)010(2)0900
6.8
14
0.900
0.31
68
B
TR3B686(1)010(2)0750
6.8
14
0.750
0.34
68
B
TR3B686(1)010(2)0600
6.8
14
0.600
0.38
68
C
TR3C686(1)010(2)0300
6.8
6
0.300
0.61
68
C
TR3C686(1)010(2)0275
6.8
6
0.275
0.63
68
C
TR3C686(1)010(2)0225
6.8
6
0.225
0.70
68
D
TR3D686(1)010(2)0200
6.8
6
0.200
0.87
68
D
TR3D686(1)010(2)0150
6.8
6
0.150
1.00
68
D
TR3D686(1)010(2)0100
6.8
6
0.100
1.22
68
D
TR3D686(1)010(2)0070
6.8
6
0.070
1.46
68
E
TR3E686(1)010(2)0150
5.4
4
0.150
1.05
68
V
TR3V686(1)010(2)0700
6.8
6
0.700
0.42
68
V
TR3V686(1)010(2)0300
6.8
6
0.300
0.65
68
V
TR3V686(1)010(2)0200
6.8
6
0.200
0.79
68
V
TR3V686(1)010(2)0140
6.8
6
0.140
0.94
68
V
TR3V686(1)010(2)0100
6.8
6
0.100
1.12
Notes:
• (1) Capacitance Tolerance Codes: K, M
• (2) Terminations and Packaging Codes: C, D, E, F
* Preliminary values, contact factory for availability
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
at+ 25 °C
(µA)
MAX. DF
at+ 25 °C
120 Hz
(%)
MAX. ESR
at+ 25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)


Similar Part No. - TR3C476

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TR3C476K010C0200 VISHAY-TR3C476K010C0200 Datasheet
624Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 26-Oct-17
TR3C476K010C0300 VISHAY-TR3C476K010C0300 Datasheet
624Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 26-Oct-17
TR3C476K010C0350 VISHAY-TR3C476K010C0350 Datasheet
624Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 26-Oct-17
TR3C476K6R3C0250 VISHAY-TR3C476K6R3C0250 Datasheet
624Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 26-Oct-17
TR3C476K6R3C0300 VISHAY-TR3C476K6R3C0300 Datasheet
624Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 26-Oct-17
More results

Similar Description - TR3C476

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TH3 VISHAY-TH3 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
593D VISHAY-593D_08 Datasheet
117Kb / 6P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
Revision: 20-Oct-08
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3B476K6R3C0500 VISHAY-TR3B476K6R3C0500 Datasheet
157Kb / 14P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Low ESR
Revision: 20-Feb-09
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
T86 VISHAY-T86 Datasheet
104Kb / 6P
   Solid Tantalum Surface Mount TANTAMOUNT짰, Molded Case, Hi-Rel COTS, Low ESR, Built-In-Fuse
Revision: 31-Jan-11
293D107X96R3B2TE3 VISHAY-293D107X96R3B2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT짰, Molded Case, Standard Industrial Grade
Revision: 16-May-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com