Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

104B3720KBO10 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 104B3720KBO10
Description  1/2 (12.7 mm) Single - Turn Wirewound Bushing Mount Type Precision Potentiometer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

104B3720KBO10 Datasheet(HTML) 1 Page - Vishay Siliconix

  104B3720KBO10 Datasheet HTML 1Page - Vishay Siliconix 104B3720KBO10 Datasheet HTML 2Page - Vishay Siliconix 104B3720KBO10 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2" (12.7 mm) Single - Turn Wirewound
Bushing Mount Type Precision Potentiometer
Model 140
Vishay Spectrol
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 57097
88
Revision: 28-Jun-07
FEATURES
• Ohmic value range: 50 Ω up to 20 kΩ
• Smallest size available: 12.7 mm
• Mechanical stops on request
• High torque and sealed versions available
RoHS
COMPLIANT
ELECTRICAL SPECIFICATIONS
PARAMETER
Total Resistance
50
Ω to 20 kΩ
Tolerance
± 5 %
Absolute Minimum Resistance
Linearity x total resistance or
0.5
Ω, whichever is greater
Linearity (Independent)
± 1.0 %
Noise
100
Ω ENR
Power Rating
2 W at 40 °C ambient derating linearly to zero at 125 °C
Insulation Resistance
1000 M
Ω min. 500 V
DC
Dielectric Strength
1000 VRMS, 60 Hz
Electrical Angle
320° ± 5°
End Voltage
Linearity x total applied voltage for total resistance above 20
Ω;
2.0 % of total applied voltage for 20
Ω and below
MATERIAL SPECIFICATIONS
Shaft
Stainless steel, non magnetic
non-passivated
Housing
Aluminum, anodized
Rear Lid
Molded glass filled
thermoset plastic
Terminals
Brass, gold plated
Mounting Hardware
Lockwasher Internal Tooth:
Panel Nut:
Steel, nickel plated.
Brass, nickel plated
ENVIRONMENTAL SPECIFICATIONS
Vibration
20 G thru 2000 Hz
Shock
50 g
Salt Spray
96 h
Rotational Life
500 000
shaft revolutions
Load Life
900 h
Temperature Range
- 55 °C to + 125 °C (operating)
ORDERING INFORMATION/DESCRIPTION
140B
0
0
20K
BO10
MODEL
MECHANICAL OPTIONS
SPECIAL FEATURE
OHMIC VALUE
PACKAGING
0. Stops, slotted shaft (std)
1. Plain shaft
2. Shaft lock
3. Continuous rotation
4. Combination 1 and 2
5. Combination 1 and 3
6. Combination 2 and 3
7. Combination 1, 2 and 3
0. Standard torque
1. Center tap (10K max. Rt)
2. High torque
3. Sealed construction
4. Combination 1 and 2
5. Combination 1 and 3
6. Combination 2 and 3
7. Combination 1, 2 and 3
Box of 10 pieces
SAP PART NUMBERING GUIDELINES
140B
7
0
103
B10
MODEL
MECHANICAL OPTION
FEATURE
OHMIC VALUE
PACKAGING
From 0 to 7
From 0 to 7
103 = 10K
Box of
10 pieces


Similar Part No. - 104B3720KBO10

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
104B HAMMOND-104B Datasheet
123Kb / 1P
   Miniature Audio Epoxy Potted 104 Series
2/7/2021
logo
Vishay Siliconix
104B0 VISHAY-104B0 Datasheet
105Kb / 3P
   NTC Thermistors, Radial Leaded, Accuracy Line
01-Jan-2022
104B0A VISHAY-104B0A Datasheet
105Kb / 3P
   NTC Thermistors, Radial Leaded, Accuracy Line
01-Jan-2022
More results

Similar Description - 104B3720KBO10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
140 VISHAY-140_V01 Datasheet
100Kb / 3P
   1/2" (12.7 mm) Single - Turn Wirewound Bushing Mount Type Precision Potentiometer
01-Jan-2022
140 VISHAY-140 Datasheet
90Kb / 3P
   1/2" (12.7 mm) Single - Turn Wirewound Bushing Mount Type Precision Potentiometer
Revision: 08-Apr-13
162 VISHAY-162 Datasheet
90Kb / 4P
   1/2" (12.7 mm) Ten Turn Wirewound Bushing Mount Precision Potentiometer
01-Jan-2022
MODEL162 VISHAY-MODEL162 Datasheet
225Kb / 3P
   1/2 (12.7 mm) Ten Turn Wirewound Bushing Mount Precision Potentiometer
Revision: 18-Jun-07
MODEL142 VISHAY-MODEL142 Datasheet
210Kb / 3P
   1/2 (12.7 mm) Single - Turn Wirewound Servo Mount Type Precision Potentiometer
Revision: 28-Jun-07
164 VISHAY-164 Datasheet
261Kb / 3P
   1/2" (12.7 mm) Ten Turn Wirewound Servo Mount Precision Potentiometer
01-Jan-2022
MODEL164 VISHAY-MODEL164 Datasheet
213Kb / 3P
   1/2 (12.7 mm) Ten Turn Wirewound Servo Mount Precision Potentiometer
Revision: 05-Jul-07
142 VISHAY-142 Datasheet
85Kb / 3P
   1/2" (12.7 mm) Single - Turn Wirewound Servo Mount Type Precision PotentiometerS
01-Jan-2022
860 VISHAY-860_V01 Datasheet
83Kb / 4P
   (46 mm) Ten Turn Wirewound Potentiometer, Bushing Mount
01-Jan-2022
830 VISHAY-830_V01 Datasheet
320Kb / 4P
   (46 mm) Three Turn Wirewound Potentiometer Bushing Mount
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com