Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MALPEYV00DM515J02W Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MALPEYV00DM515J02W
Description  Aluminum Capacitors Power Printed Wiring Style
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALPEYV00DM515J02W Datasheet(HTML) 3 Page - Vishay Siliconix

  MALPEYV00DM515J02W Datasheet HTML 1Page - Vishay Siliconix MALPEYV00DM515J02W Datasheet HTML 2Page - Vishay Siliconix MALPEYV00DM515J02W Datasheet HTML 3Page - Vishay Siliconix MALPEYV00DM515J02W Datasheet HTML 4Page - Vishay Siliconix MALPEYV00DM515J02W Datasheet HTML 5Page - Vishay Siliconix MALPEYV00DM515J02W Datasheet HTML 6Page - Vishay Siliconix MALPEYV00DM515J02W Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 25126
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 21-Aug-08
3
EYV
Aluminum Capacitors
Power Printed Wiring Style
Vishay Roederstein
DIMENSIONS in millimeters AND AVAILABLE FORMS
Fig.5 Printed wiring pin version
Fig.6 Mounting hole pattern viewed from the component side
MOUNTING
When a number of capacitors are connected in a bank, they must not be closer together than 15 mm, when no derating of ripple
current and/or temperature is applied.
Pin numbers 2, 3 and 4 (if present) must be free from the electrical circuit.
1 = Positive terminal
5 = Negative terminal
Case Ø D = 40 mm
L
Ø D + 1 max.
L + 1 max.
5.1 ± 0.1
+
-
1 = Positive terminal
5 = Negative terminal
Case Ø D = 40 mm
1.3
(5 x)
2.5
20 ± 0.1
20 ± 0.1
10 ± 0.1
17.5 ± 0.1
1
2
3
4
5
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
Ø Dmax.
Lmax.
MASS
(g)
PACKAGING QUANTITIES
(units per box)
CARDBOARD
BOX DIMENSIONS
L x W x H
25 x 30
26
35
≈ 24
100
290 x 280 x 50
25 x 40
26
45
≈ 28
100
290 x 280 x 60
30 x 40
31
45
≈ 38
100
340 x 330 x 60
35 x 40
36
45
≈ 51
50
390 x 198 x 60
35 x 50
36
55
≈ 66
50
390 x 198 x 70
40 x 40
41
45
≈ 78
50
440 x 223 x 60
40 x 50
41
55
≈ 82
50
440 x 223 x 70
40 x 70
41
75
≈ 110
25
230 x 230 x 90
40 x 100
41
105
≈ 176
25
230 x 230 x 120


Similar Part No. - MALPEYV00DM515J02W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALPEYD00AB310R02W VISHAY-MALPEYD00AB310R02W Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
MALPEYD00AB310X02W VISHAY-MALPEYD00AB310X02W Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
MALPEYD00AB322S02W VISHAY-MALPEYD00AB322S02W Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
MALPEYD00AB410L02W VISHAY-MALPEYD00AB410L02W Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
MALPEYD00AB433J02W VISHAY-MALPEYD00AB433J02W Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
More results

Similar Description - MALPEYV00DM515J02W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALLEY01AV447C02W VISHAY-MALLEY01AV447C02W Datasheet
88Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
EYD VISHAY-EYD Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
EYK VISHAY-EYK_13 Datasheet
262Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 08-Apr-13
EY VISHAY-EY_13 Datasheet
101Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 09-Apr-13
EYC VISHAY-EYC Datasheet
109Kb / 9P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
EYZ VISHAY-EYZ Datasheet
468Kb / 8P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 25-Aug-08
EYK VISHAY-EYK Datasheet
89Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 02-Aug-11
053PEC-PW VISHAY-053PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
051PEC-PW VISHAY-051PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 17-Feb-12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com