Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

860B120KBO10 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 860B120KBO10
Description  1 13/16inch (46 mm) Ten Turn Wirewound, Bushing Mount
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

860B120KBO10 Datasheet(HTML) 1 Page - Vishay Siliconix

  860B120KBO10 Datasheet HTML 1Page - Vishay Siliconix 860B120KBO10 Datasheet HTML 2Page - Vishay Siliconix 860B120KBO10 Datasheet HTML 3Page - Vishay Siliconix 860B120KBO10 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Model 860
Vishay Spectrol
Document Number: 57093
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 05-Jul-07
141
1 13/16" (46 mm) Ten Turn Wirewound,
Bushing Mount
FEATURES
• Gangable up to 2 sections
• Large range of ohmic values: 20 Ω to 200 kΩ
• Extra taps available upon request
• Ideally suits for all industry applications
ELECTRICAL SPECIFICATIONS
PARAMETER
Total Resistance
Standard Range
Tolerance:
200
Ω and Above
Below 200
Ω
20
Ω to 200 kΩ
STANDARD
± 3 %
± 5 %
Special up to 500 k
Ω
SPECIAL
± 1 %
± 3 %
Linearity (Independent)
± 0.25 % standard
20
Ω to 50 Ω
50
Ω to 200 Ω
200
Ω to 5 kΩ
5 k
Ω and Above
± 0.15 %
± 0.10 %
± 0.05 %
± 0.025 %
Noise
100
Ω ENR
Electrical Angle
3600° + 4° - 0°
Power Rating
8.0 W at 40 °C derated to zero at 125 °C
Insulation Resistance
1000 M
Ω minimum 500 V
DC
Dielectric Strength
1000 VRMS, 60 Hz
Absolute Minimum Resistance
Not to exceed linearity x total resistance or 1
Ω, whichever is greater
End Voltage
0.5 % of total applied voltage maximum
Phasing
CCW end points sect. 2 phased to sect 1 within 1°
Taps (Extra)
Available as special standard tolerance ± 1°
ORDERING INFORMATION/DESIGNATION
Model 860 can be ordered from this data sheet with a variety of alternate characteristics, as shown. For most rapid service on your order,
please state:
860
B
1
20K
BO10
MODEL
BUSHING MOUNT
NUMBER OF SECTIONS
RESISTANCE OF EACH SECTION
PACKAGING
From 1 up to 2 sections
(maximum)
Beginning with the section nearest
the mounting end
Box of 10 pieces
SAP PART NUMBERING GUIDELINES
860
B
1
203
B10
MODEL
STYLE
NUMBER OF
SECTIONS
OHMIC VALUE OF
SECTION NO 1
PACKAGING


Similar Part No. - 860B120KBO10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
860B120KBO10 VISHAY-860B120KBO10 Datasheet
83Kb / 4P
   (46 mm) Ten Turn Wirewound Potentiometer, Bushing Mount
01-Jan-2022
More results

Similar Description - 860B120KBO10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MODEL830 VISHAY-MODEL830 Datasheet
228Kb / 4P
   1 13/16inch (46 mm) Three Turn Wirewound Bushing Mount
Revision: 23-Mar-07
860 VISHAY-860_V01 Datasheet
83Kb / 4P
   (46 mm) Ten Turn Wirewound Potentiometer, Bushing Mount
01-Jan-2022
MODEL802 VISHAY-MODEL802 Datasheet
228Kb / 4P
   1 13/16inch (46 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
Revision: 23-Mar-07
830 VISHAY-830 Datasheet
322Kb / 4P
   1 13/16" (46 mm) Three Turn Wirewound Potentiometer Bushing Mount
Revision: 27-Mar-15
MODEL852 VISHAY-MODEL852 Datasheet
397Kb / 4P
   1 13/16inch (46 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
Revision: 22-Mar-07
830 VISHAY-830_V01 Datasheet
320Kb / 4P
   (46 mm) Three Turn Wirewound Potentiometer Bushing Mount
01-Jan-2022
162 VISHAY-162 Datasheet
90Kb / 4P
   1/2" (12.7 mm) Ten Turn Wirewound Bushing Mount Precision Potentiometer
01-Jan-2022
MODEL162 VISHAY-MODEL162 Datasheet
225Kb / 3P
   1/2 (12.7 mm) Ten Turn Wirewound Bushing Mount Precision Potentiometer
Revision: 18-Jun-07
802 VISHAY-802 Datasheet
321Kb / 4P
   (46 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
01-Jan-2022
164 VISHAY-164 Datasheet
261Kb / 3P
   1/2" (12.7 mm) Ten Turn Wirewound Servo Mount Precision Potentiometer
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com