Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1280C04K0 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # ST1280C04K0
Description  Phase Control Thyristors (Hockey PUK Version), 2310 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST1280C04K0 Datasheet(HTML) 5 Page - Vishay Siliconix

  ST1280C04K0 Datasheet HTML 1Page - Vishay Siliconix ST1280C04K0 Datasheet HTML 2Page - Vishay Siliconix ST1280C04K0 Datasheet HTML 3Page - Vishay Siliconix ST1280C04K0 Datasheet HTML 4Page - Vishay Siliconix ST1280C04K0 Datasheet HTML 5Page - Vishay Siliconix ST1280C04K0 Datasheet HTML 6Page - Vishay Siliconix ST1280C04K0 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 93718
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 11-Aug-08
5
ST1280C..K Series
Phase Control Thyristors
(Hockey PUK Version),
2310 A
Vishay High Power Products
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 9 - On-State Voltage Drop Characteristics
Fig. 10 - Thermal Impedance ZthJ-hs Characteristics
Number Of Equal Amplitude Half Cycle Current Pulses (N)
15000
20000
25000
30000
35000
40000
110
100
Initial T = 125˚C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
ST1280C..K Series
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
Pulse Train Duration (s)
15000
20000
25000
30000
35000
40000
45000
0.01
0.1
1
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
ST1280C..K Series
Initial T = 125 ˚C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
Instantaneous On-state Voltage (V)
100
1000
10000
100000
0.5
1
1.5
2
2.5
3
3.5
4
4.5
T = 25˚C
J
T = 125˚C
J
ST1280C..K Series
Square Wave Pulse Duration (s)
0.001
0.01
0.1
0.001
0.01
0.1
1
10
100
Steady State Value
R
= 0.042 K/W
(Single Side Cooled)
R
= 0.021 K/W
(Double Side Cooled)
(DC Operation)
thJ-hs
thJ-hs
ST1280C..K Series


Similar Part No. - ST1280C04K0

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST1280C04K0 IRF-ST1280C04K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
ST1280C04K0L IRF-ST1280C04K0L Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
More results

Similar Description - ST1280C04K0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ST1280CK VISHAY-VS-ST1280CK Datasheet
192Kb / 8P
   Phase Control Thyristors (Hockey-PUK Version), 2310 A
Revision: 21-Sep-17
ST1280C..K VISHAY-ST1280C..K Datasheet
133Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 2310 A
Revision: 11-Aug-08
S-ST1280CK VISHAY-S-ST1280CK Datasheet
191Kb / 8P
   Phase Control Thyristors (Hockey-PUK Version), 2310 A
01-Jan-2022
VS-ST1280C..K VISHAY-VS-ST1280C..K Datasheet
189Kb / 8P
   Phase Control Thyristors (Hockey-PUK Version), 2310 A
01-Jan-2022
VS-ST1280CK VISHAY-VS-ST1280CK_V01 Datasheet
191Kb / 8P
   Phase Control Thyristors (Hockey-PUK Version), 2310 A
01-Jan-2022
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST700C IRF-ST700C Datasheet
96Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C IRF-ST300C Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com