Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

402S1100KBO1 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 402S1100KBO1
Description  3 (76.2 mm) Single Turn Wirewound Precision Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

402S1100KBO1 Datasheet(HTML) 4 Page - Vishay Siliconix

  402S1100KBO1 Datasheet HTML 1Page - Vishay Siliconix 402S1100KBO1 Datasheet HTML 2Page - Vishay Siliconix 402S1100KBO1 Datasheet HTML 3Page - Vishay Siliconix 402S1100KBO1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - 402S1100KBO1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
402S-10KV-NEG-3P208 TDK-402S-10KV-NEG-3P208 Datasheet
142Kb / 1P
   High Voltage Power Supplies
April 11, 2022
402S-10KV-NEG-3P400 TDK-402S-10KV-NEG-3P400 Datasheet
142Kb / 1P
   High Voltage Power Supplies
April 11, 2022
402S-10KV-POS-3P208 TDK-402S-10KV-POS-3P208 Datasheet
142Kb / 1P
   High Voltage Power Supplies
April 11, 2022
402S-10KV-POS-3P400 TDK-402S-10KV-POS-3P400 Datasheet
142Kb / 1P
   High Voltage Power Supplies
April 11, 2022
402S-15KV-NEG-3P208 TDK-402S-15KV-NEG-3P208 Datasheet
142Kb / 1P
   High Voltage Power Supplies
April 11, 2022
More results

Similar Description - 402S1100KBO1

ManufacturerPart #DatasheetDescription
logo
Bi technologies
5710 BITECH-5710 Datasheet
120Kb / 4P
   3 Diameter Single Turn Wirewound Precision Potentiometer
logo
Vishay Siliconix
MODEL202 VISHAY-MODEL202 Datasheet
419Kb / 4P
   1 3/4 (44.5 mm) Single Turn Wirewound Precision Potentiometer
Revision: 20-Jun-07
202 VISHAY-202 Datasheet
116Kb / 4P
   1 3/4" (44.5 mm) Single Turn Wirewound Precision Potentiometer
01-Jan-2022
702 VISHAY-702 Datasheet
103Kb / 4P
   (22.2 mm) Single Turn Wirewound (Precision Potentiometer)s
01-Jan-2022
302 VISHAY-302_V01 Datasheet
99Kb / 4P
   2" (50.8 mm) Single Turn Wirewound Precision Potentiometer
01-Jan-2022
302 VISHAY-302 Datasheet
101Kb / 4P
   2" (50.8 mm) Single Turn Wirewound Precision Potentiometer
Revision: 22-Nov-16
152 VISHAY-152 Datasheet
324Kb / 4P
   7/8" (22.2 mm) Single Turn Wirewound, Precision Potentiometer
01-Jan-2022
MODEL152 VISHAY-MODEL152 Datasheet
257Kb / 4P
   7/8 (22.2 mm) Single Turn Wirewound, Precision Potentiometer
Revision: 19-Jun-07
MODEL702 VISHAY-MODEL702 Datasheet
331Kb / 4P
   7/8 (22.2 mm) Single Turn Wirewound Precision Potentiometer
Revision: 12-Jul-07
logo
Bi technologies
5610 BITECH-5610 Datasheet
102Kb / 4P
   2 Diameter Single Turn Wirewound Precision Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com