Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDF1779 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDF1779
Description  DUAL 2-A SOURCE DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDF1779 Datasheet(HTML) 2 Page - STMicroelectronics

  TDF1779 Datasheet HTML 1Page - STMicroelectronics TDF1779 Datasheet HTML 2Page - STMicroelectronics TDF1779 Datasheet HTML 3Page - STMicroelectronics TDF1779 Datasheet HTML 4Page - STMicroelectronics TDF1779 Datasheet HTML 5Page - STMicroelectronics TDF1779 Datasheet HTML 6Page - STMicroelectronics TDF1779 Datasheet HTML 7Page - STMicroelectronics TDF1779 Datasheet HTML 8Page - STMicroelectronics TDF1779 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BLOCK DIAGRAM
MAXIMUM RATINGS
Symbol
arameter
Value
Unit
VCC
Supply Voltage
35 V (60 V/10 ms)
V
VI,Vreset
Input Voltage (Pins 7, 10 and 11)
– 30 to + 50
V
Vstrobe
Strobe Input Voltage
– 0.5 to VCC
V
IO
Output Current
Internally Limited
A
Ptot
Power Dissipation
Internally Limited
W
Toper
Operating Ambient temperature Range
– 40 to + 85
°C
THERMAL CHARACTERISTICS
Symbol
Parameter
Value
Uni
Rth (j-c)
Junction-case Thermal Resistance
Max.
3
°C/W
Rth (j-a)
Junction-ambient Thermal Resistance
Max.
40
°C/W
TDF1779A
2/9


Similar Part No. - TDF1779

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDF1778 STMICROELECTRONICS-TDF1778 Datasheet
132Kb / 10P
   DUAL 2-A SOURCE DRIVER
TDF1778SP STMICROELECTRONICS-TDF1778SP Datasheet
132Kb / 10P
   DUAL 2-A SOURCE DRIVER
More results

Similar Description - TDF1779

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDF1778 STMICROELECTRONICS-TDF1778 Datasheet
132Kb / 10P
   DUAL 2-A SOURCE DRIVER
logo
Dialog Semiconductor
SLG5NT026 DIALOG-SLG5NT026 Datasheet
183Kb / 8P
   Dual Power Source Gate Driver
logo
ON Semiconductor
NUD4301 ONSEMI-NUD4301_07 Datasheet
146Kb / 7P
   Dual Channel LED Driver/Current Source
February, 2007 ??Rev. P4
logo
Analog Devices
ADP3629 AD-ADP3629 Datasheet
368Kb / 16P
   High Speed, Dual, 2 A MOSFET Driver
REV. 0
logo
National Instruments Co...
NIPXI-4130 NI-NIPXI-4130 Datasheet
243Kb / 6P
   20 V, 2 A Source Measure Unit
logo
New Japan Radio
NJM3548 NJRC-NJM3548 Datasheet
122Kb / 9P
   UNIVERSAL SOURCE DRIVER
logo
Toshiba Semiconductor
TD62785P TOSHIBA-TD62785P Datasheet
216Kb / 6P
   8CH SOURCE DRIVER
TD62785PG TOSHIBA-TD62785PG Datasheet
280Kb / 10P
   8CH SOURCE DRIVER
logo
ON Semiconductor
NUD4301 ONSEMI-NUD4301 Datasheet
67Kb / 6P
   Dual Low Dropout Voltage LED Driver/Current Source
July, 2006 ??Rev. P3
logo
Diodes Incorporated
AL3644 DIODES-AL3644 Datasheet
792Kb / 23P
   DUAL 1.5A CURRENT SOURCE CAMERA FLASH LED DRIVER
July 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com