Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MALPEYV00AB433E02W Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MALPEYV00AB433E02W
Description  Aluminum Capacitors Power Printed Wiring Style
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALPEYV00AB433E02W Datasheet(HTML) 2 Page - Vishay Siliconix

  MALPEYV00AB433E02W Datasheet HTML 1Page - Vishay Siliconix MALPEYV00AB433E02W Datasheet HTML 2Page - Vishay Siliconix MALPEYV00AB433E02W Datasheet HTML 3Page - Vishay Siliconix MALPEYV00AB433E02W Datasheet HTML 4Page - Vishay Siliconix MALPEYV00AB433E02W Datasheet HTML 5Page - Vishay Siliconix MALPEYV00AB433E02W Datasheet HTML 6Page - Vishay Siliconix MALPEYV00AB433E02W Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 25126
2
Revision: 21-Aug-08
EYV
Vishay Roederstein
Aluminum Capacitors
Power Printed Wiring Style
DIMENSIONS in millimeters AND AVAILABLE FORMS
Fig.1 Printed wiring pin version
Fig.2 Mounting hole pattern viewed from the component side
Fig.3 Printed wiring pin version
Fig.4 Mounting hole pattern viewed from the component side
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
250
385
400
47
-
25 x 30
25 x 30
68
-
25 x 40
25 x 40
100
25 x 30
30 x 40
30 x 40
150
25 x 40
35 x 40
35 x 40
220
30 x 40
35 x 50
35 x 50
-
40 x 40
40 x 40
330
35 x 40
40 x 50
40 x 50
470
35 x 50
40 x 70
40 x 70
40 x 40
-
-
680
40 x 50
-
40 x 100
1000
40 x 70
-
-
L
L + 5 max.
Ø D
+ 1 max.
-
5.1 ± 0.1
1 = Positive terminal
5 = Negative terminal
Case Ø D = 25 mm
Case Ø D = 25 mm
1.3
(3 x)
2.5
1
2
5
10 ± 0.1
12.5
± 0.1
1 = Positive terminal
5 = Negative terminal
Case Ø D = 30 mm and 35 mm
Ø D
+ 1 max.
L
-
L + 5 max.
5.1 ± 0.1
Case Ø D = 30 mm and 35 mm
15 ± 0.1
1.3
(4 x)
7.5 ± 0.1
17.5
± 0.1
2.5
1
2
3
5


Similar Part No. - MALPEYV00AB433E02W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALPEYD00AB310R02W VISHAY-MALPEYD00AB310R02W Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
MALPEYD00AB310X02W VISHAY-MALPEYD00AB310X02W Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
MALPEYD00AB322S02W VISHAY-MALPEYD00AB322S02W Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
MALPEYD00AB410L02W VISHAY-MALPEYD00AB410L02W Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
MALPEYD00AB433J02W VISHAY-MALPEYD00AB433J02W Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
More results

Similar Description - MALPEYV00AB433E02W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALLEY01AV447C02W VISHAY-MALLEY01AV447C02W Datasheet
88Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
EYD VISHAY-EYD Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
EYK VISHAY-EYK_13 Datasheet
262Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 08-Apr-13
EY VISHAY-EY_13 Datasheet
101Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 09-Apr-13
EYC VISHAY-EYC Datasheet
109Kb / 9P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
EYZ VISHAY-EYZ Datasheet
468Kb / 8P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 25-Aug-08
EYK VISHAY-EYK Datasheet
89Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 02-Aug-11
053PEC-PW VISHAY-053PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
051PEC-PW VISHAY-051PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 17-Feb-12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com