Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MALPEYD00BB510E02W Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MALPEYD00BB510E02W
Description  Aluminum Capacitors Power Printed Wiring Style
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALPEYD00BB510E02W Datasheet(HTML) 3 Page - Vishay Siliconix

  MALPEYD00BB510E02W Datasheet HTML 1Page - Vishay Siliconix MALPEYD00BB510E02W Datasheet HTML 2Page - Vishay Siliconix MALPEYD00BB510E02W Datasheet HTML 3Page - Vishay Siliconix MALPEYD00BB510E02W Datasheet HTML 4Page - Vishay Siliconix MALPEYD00BB510E02W Datasheet HTML 5Page - Vishay Siliconix MALPEYD00BB510E02W Datasheet HTML 6Page - Vishay Siliconix MALPEYD00BB510E02W Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 25125
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 21-Aug-08
3
EYD
Aluminum Capacitors
Power Printed Wiring Style
Vishay Roederstein
DIMENSIONS in millimeters AND AVAILABLE FORMS continued
Fig.5 Printed wiring pin version
Fig.6 Mounting hole pattern viewed from the component side
MOUNTING
When a number of capacitors are connected in a bank, they must not be closer together than 15 mm, when no derating of ripple
current and/or temperature is applied.
Pin numbers 2, 3 and 4 (if present) must be free from the electrical circuit.
Note
(1) Unless otherwise specified, all electrical values apply at
Ta = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %
ORDERING EXAMPLE
10 000 µF/25 V; ± 20 %
Nominal case size: Ø 30 x 40 mm
Ordering code: MALPEYD00BB510E02W
1 = Positive terminal
5 = Negative terminal
Case Ø D = 40 mm
L
Ø D + 1 max.
L + 1 max.
5.1 ± 0.1
+
-
1 = Positive terminal
5 = Negative terminal
Case Ø D = 40 mm
1.3
(5 x)
2.5
20 ± 0.1
20 ± 0.1
10 ± 0.1
17.5 ± 0.1
1
2
3
4
5
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL CASE SIZE
Ø D x L
Ø Dmax.
Lmax.
MASS
(g)
PACKAGING QUANTITIES
(units per box)
CARDBOARD BOX DIMENSIONS
L x W x H
25 x 30
26
35
≈ 24
100
290 x 280 x 50
25 x 40
26
45
≈ 28
100
290 x 280 x 60
30 x 40
31
45
≈ 38
100
340 x 330 x 60
35 x 40
36
45
≈ 51
50
390 x 198 x 60
35 x 50
36
55
≈ 66
50
390 x 198 x 70
40 x 40
41
45
≈ 78
50
440 x 223 x 60
40 x 50
41
55
≈ 82
50
440 x 223 x 70
40 x 70
41
75
≈ 110
25
230 x 230 x 90
40 x 100
41
105
≈ 176
25
230 x 230 x 120
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz
IR
rated RMS ripple current at 100 Hz,
85 °C or at 20 kHz, 70 °C
IL1
max. leakage current after 1 minute at UR
IL5
max. leakage current after 5 minutes at UR
ESR
max. equivalent series resistance at 100 Hz
Z
max. impedance at 10 kHz


Similar Part No. - MALPEYD00BB510E02W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALPEYV00AB268R02W VISHAY-MALPEYV00AB268R02W Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
MALPEYV00AB268X02W VISHAY-MALPEYV00AB268X02W Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
MALPEYV00AB315N02W VISHAY-MALPEYV00AB315N02W Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
MALPEYV00AB368L02W VISHAY-MALPEYV00AB368L02W Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
MALPEYV00AB415J02W VISHAY-MALPEYV00AB415J02W Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
More results

Similar Description - MALPEYD00BB510E02W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EYV VISHAY-EYV Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
MALLEY01AV447C02W VISHAY-MALLEY01AV447C02W Datasheet
88Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
EYK VISHAY-EYK_13 Datasheet
262Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 08-Apr-13
EY VISHAY-EY_13 Datasheet
101Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 09-Apr-13
EYC VISHAY-EYC Datasheet
109Kb / 9P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
EYZ VISHAY-EYZ Datasheet
468Kb / 8P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 25-Aug-08
EYK VISHAY-EYK Datasheet
89Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 02-Aug-11
053PEC-PW VISHAY-053PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
051PEC-PW VISHAY-051PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 17-Feb-12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com