Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MALLEYK01AV447E02W Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MALLEYK01AV447E02W
Description  Aluminum Capacitors Power Printed Wiring Style
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALLEYK01AV447E02W Datasheet(HTML) 4 Page - Vishay Siliconix

  MALLEYK01AV447E02W Datasheet HTML 1Page - Vishay Siliconix MALLEYK01AV447E02W Datasheet HTML 2Page - Vishay Siliconix MALLEYK01AV447E02W Datasheet HTML 3Page - Vishay Siliconix MALLEYK01AV447E02W Datasheet HTML 4Page - Vishay Siliconix MALLEYK01AV447E02W Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 25128
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 03-Nov-08
239
EYK
Aluminum Capacitors
Power Printed Wiring Style
Vishay Roederstein
LIFETIME TABLE rated voltage:
≤ 100 V
Notes
IR
100 Hz alternating current (A) at upper category temperature TUC taken from datasheet
I
User current (A)
Ta
Ambient temperature of capacitor (°C)
ΔT
0 Surface temperature rise of capacitor caused by AC load (°C)
L
Lifetime multiplier
100
680
25 x 30
1.74
3.30
0.41
0.14
190
130
MALLEYK01AV368L02W
1000
25 x 40
2.34
4.44
0.60
0.20
130
90
MALLEYK01AB410L02W
1500
30 x 40
2.95
5.59
0.90
0.30
95
67
MALLEYK01BB415L02W
2200
35 x 40
3.69
7.00
1.32
0.44
71
53
MALLEYK01CB422L02W
3300
35 x 50
4.37
8.29
1.98
0.66
55
41
MALLEYK01CD433L02W
3300
40 x 40
4.16
7.89
1.98
0.66
64
48
MALLEYK01DB433L02W
4700
40 x 50
5.21
9.88
2.82
0.94
49
38
MALLEYK01DD447L02W
6800
40 x 70
6.97
13.22
4.08
1.36
35
28
MALLEYK01DG468L02W
10 000
40 x 100
9.50
18.00
6.00
2.00
26
21
MALLEYK01DM510L02W
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85 °C
(A)
IR
20 kHz
70 °C
(A)
IL1
1min
(mA)
IL5
5min
(mA)
ESR
100 Hz
(m
Ω)
Z
10 kHz
(m
Ω)
ORDERING CODE
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
≤ 250 V versions
Us = 1.15 x UR
Reverse voltage
Urev ≤ 1V
Current
Leakage current
After 1 minute at UR
IL1 ≤ 0.006 CR × UR +4µA
After 5 minutes at UR
IL5 ≤ 0.002 CR × UR +4µA
Inductance
Equivalent series inductance (ESL)
Case Ø D = 25 mm
max. 25 nH
Case Ø D = 30 and 35 mm
max. 30 nH
Case Ø D = 40 mm
max. 35 nH
INTERRELATION BETWEEN ALTERNATING CURRENT, AMBIENT TEMPERATURE AND LIFETIME
I/IR (frequency dependent)
SURFACE
TEMPERATURE
RISE
LIFETIME MULTIPLIER (depending on I/IR and Ta)
FREQUENCY (Hz)
AMBIENT TEMPERATURE Ta (°C)
50
100
250
500
1000
> 2500
ΔT
0 (°C)
40
45
50
55
60
65
70
75
80
85
0.19
0.20
0.21
0.22
0.23
0.24
0.2
63
40
26
17
11
7.4
5.0
3.4
2.4
1.64
0.39
0.40
0.42
0.44
0.46
0.47
0.6
57
36
23
15
10
6.8
4.6
3.2
2.2
1.53
0.58
0.60
0.62
0.66
0.69
0.71
1.3
48
31
20
13
8.9
6.0
4.1
2.8
2.0
1.38
0.78
0.80
0.83
0.88
0.92
0.95
2.1
39
25
17
11
7.5
5.1
3.5
2.4
1.7
1.21
0.97
1.00
1.04
1.10
1.15
1.18
3.2
30
20
13
9.0
6.1
4.2
2.9
2.0
1.4
1.00
1.17
1.20
1.25
1.31
1.38
1.42
4.4
22
15
10
7.0
4.8
3.4
2.3
1.7
1.2
1.36
1.40
1.46
1.53
1.61
1.66
6.0
16
11
7.7
5.3
3.7
2.6
1.8
1.3
1.55
1.60
1.67
1.75
1.84
1.89
7.9
11
8.0
5.6
3.9
2.8
2.0
1.4
1.0
1.75
1.80
1.87
1.97
2.07
2.13
10
7.8
5.5
3.9
2.8
2.0
1.4
1.0
1.94
2.00
2.08
2.19
2.30
2.37
12
5.3
3.8
2.7
2.0
1.4
1.0
combination
2.14
2.20
2.29
2.41
2.53
2.60
15
3.5
2.5
1.8
1.3
not
2.33
2.40
2.50
2.63
2.76
2.84
17
2.2
1.6
1.2
permitted
2.53
2.60
2.71
2.85
2.99
3.08
20
1.4
1.1


Similar Part No. - MALLEYK01AV447E02W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALLEYK01AV510C02W VISHAY-MALLEYK01AV510C02W Datasheet
262Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 08-Apr-13
More results

Similar Description - MALLEYK01AV447E02W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EYV VISHAY-EYV Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
MALLEY01AV447C02W VISHAY-MALLEY01AV447C02W Datasheet
88Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
EYD VISHAY-EYD Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
EYK VISHAY-EYK_13 Datasheet
262Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 08-Apr-13
EY VISHAY-EY_13 Datasheet
101Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 09-Apr-13
EYC VISHAY-EYC Datasheet
109Kb / 9P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
EYZ VISHAY-EYZ Datasheet
468Kb / 8P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 25-Aug-08
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 02-Aug-11
053PEC-PW VISHAY-053PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
051PEC-PW VISHAY-051PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 17-Feb-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com