Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VDRS07D020XYE Datasheet(PDF) 9 Page - Vishay Siliconix

Part # VDRS07D020XYE
Description  a disc of low-ß ceramic material with two tinned solid copper leads
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRS07D020XYE Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button VDRS07D020XYE Datasheet HTML 5Page - Vishay Siliconix VDRS07D020XYE Datasheet HTML 6Page - Vishay Siliconix VDRS07D020XYE Datasheet HTML 7Page - Vishay Siliconix VDRS07D020XYE Datasheet HTML 8Page - Vishay Siliconix VDRS07D020XYE Datasheet HTML 9Page - Vishay Siliconix VDRS07D020XYE Datasheet HTML 10Page - Vishay Siliconix VDRS07D020XYE Datasheet HTML 11Page - Vishay Siliconix VDRS07D020XYE Datasheet HTML 12Page - Vishay Siliconix VDRS07D020XYE Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
www.vishay.com
For technical questions, contact: nlr@vishay.com
Document Number: 29081
24
Revision: 09-Oct-08
2381 59. ...../VDRS.......E
Vishay BCcomponents
Varistors
DIMENSIONS OF REELS IN MILLIMETERS
L
P0
P1
D0
W0
W2
W1
W
T1
t
H0
P
p
p
T
A0
1 min.
h
h
F
d
D
TAPED VERSION WITH KINKED LEADS
(only for 2381 592 ...../VDRS05.....E and
2381 593 ...../VDRS07.....E)
L
P0
P1
D0
W0
W2
W1
W
T1
t
H0
F
d
D
P
p
p
T
h
h
A0
TAPED VERSION WITH FLANGED LEADS
(only for 2381 592 ...../VDRS05.....E and
2381 593 ...../VDRS07.....E)
P0
P1
D0
W0
W2
W1
W
F
H0
T
h
h
D
P
p
p
d
A0
T1
t
1 min.
TAPED VERSION WITH KINKED LEADS
(only for 2381 594 ...../VDRS10.....E and
2381 595 ...../VDRS14.....E)
±
+
-
356
max.
56 max.
+
-
±
356
max.
60 max.
For 2381 592 ...../
VDRS05.....E and
2381 593 ...../VDRS07.....E
For 2381 594 ...../
VDRS10.....E and
2381 595 ...../VDRS14.....E


Similar Part No. - VDRS07D020XYE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRS07B014xyE VISHAY-VDRS07B014xyE Datasheet
228Kb / 20P
   VDR Metal Oxide Varistors Standard
Revision: 19-Jun-15
VDRS07B014XYE VISHAY-VDRS07B014XYE Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
VDRS07B017xyE VISHAY-VDRS07B017xyE Datasheet
228Kb / 20P
   VDR Metal Oxide Varistors Standard
Revision: 19-Jun-15
VDRS07B017XYE VISHAY-VDRS07B017XYE Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
VDRS07B020xyE VISHAY-VDRS07B020xyE Datasheet
228Kb / 20P
   VDR Metal Oxide Varistors Standard
Revision: 19-Jun-15
More results

Similar Description - VDRS07D020XYE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2322-592-2006 VISHAY-2322-592-2006 Datasheet
281Kb / 14P
   The varistors consist of a disc of low-ceramic material with two tinned solid copper leads.
Revision: 10-Oct-03
logo
Belden Inc.
133107A BELDEN-133107A Datasheet
87Kb / 3P
   TWO 22 AWG (7X30) TINNED COPPER, DATALENE
logo
List of Unclassifed Man...
RL2005-27K ETC2-RL2005-27K Datasheet
45Kb / 2P
   Uncoated Disc With Radial Leads
1347358 ETC2-1347358 Datasheet
96Kb / 2P
   22 AWG solid tinned copper conductors, PVC insulation,
1351662 ETC2-1351662 Datasheet
100Kb / 3P
   22 AWG solid tinned copper conductors, polypropylene insulation
logo
Pasternack Enterprises,...
PE-SR405TN-STRAIGHT PASTERNACK-PE-SR405TN-STRAIGHT Datasheet
367Kb / 3P
   RG405 Tinned Coax Cable with Tinned Copper Outer Conductor
PE-SR402TN-STRAIGHT PASTERNACK-PE-SR402TN-STRAIGHT Datasheet
373Kb / 3P
   RG402 Tinned Coax Cable with Tinned Copper Outer Conductor
logo
List of Unclassifed Man...
1351827 ETC2-1351827 Datasheet
101Kb / 3P
   22 AWG solid tinned copper conductors, twisted pairs, Datalene
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
   AWG Tinned Copper
logo
List of Unclassifed Man...
1351271 ETC2-1351271 Datasheet
102Kb / 3P
   22 AWG solid tinned copper conductors, twisted pairs, Datalene insulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com