Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MALPEYD00CB533C02W Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MALPEYD00CB533C02W
Description  Aluminum Capacitors Power Printed Wiring Style
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALPEYD00CB533C02W Datasheet(HTML) 6 Page - Vishay Siliconix

  MALPEYD00CB533C02W Datasheet HTML 1Page - Vishay Siliconix MALPEYD00CB533C02W Datasheet HTML 2Page - Vishay Siliconix MALPEYD00CB533C02W Datasheet HTML 3Page - Vishay Siliconix MALPEYD00CB533C02W Datasheet HTML 4Page - Vishay Siliconix MALPEYD00CB533C02W Datasheet HTML 5Page - Vishay Siliconix MALPEYD00CB533C02W Datasheet HTML 6Page - Vishay Siliconix MALPEYD00CB533C02W Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 25125
6
Revision: 21-Aug-08
EYD
Vishay Roederstein
Aluminum Capacitors
Power Printed Wiring Style
LIFETIME TABLE rated voltage:
≤ 100 V
Notes
IR
100 Hz alternating current (A) at upper category temperature TUC taken from datasheet
I
User current (A)
Ta
Ambient temperature of capacitor (°C)
ΔT
0 Surface temperature rise of capacitor caused by AC load (°C)
L
Lifetime multiplier
LIFETIME TABLE rated voltage: > 100 V
Notes
IR
100 Hz alternating current (A) at upper category temperature TUC taken from datasheet
I
User current (A)
Ta
Ambient temperature of capacitor (°C)
ΔT
0 Surface temperature rise of capacitor caused by AC load (°C)
L
Lifetime multiplier
INTERRELATION BETWEEN ALTERNATING CURRENT, AMBIENT TEMPERATURE AND LIFETIME
I/IR (frequency dependent)
SURFACE
TEMPERATURE
RISE
LIFETIME MULTIPLIER (depending on I/IR and Ta)
FREQUENCY (Hz)
AMBIENT TEMPERATURE Ta (°C)
50
100
250
500
1000
> 2500
ΔT
0 (°C)
40
45
50
55
60
65
70
75
80
85
0.19
0.20
0.21
0.22
0.23
0.24
0.2
63
40
26
17
11
7.4
5.0
3.4
2.4
1.64
0.39
0.40
0.42
0.44
0.46
0.47
0.6
57
36
23
15
10
6.8
4.6
3.2
2.2
1.53
0.58
0.60
0.62
0.66
0.69
0.71
1.3
48
31
20
13
8.9
6.0
4.1
2.8
2.0
1.38
0.78
0.80
0.83
0.88
0.92
0.95
2.1
39
25
17
11
7.5
5.1
3.5
2.4
1.7
1.21
0.97
1.00
1.04
1.10
1.15
1.18
3.2
30
20
13
9.0
6.1
4.2
2.9
2.0
1.4
1.00
1.17
1.20
1.25
1.31
1.38
1.42
4.4
22
15
10
7.0
4.8
3.4
2.3
1.7
1.2
1.36
1.40
1.46
1.53
1.61
1.66
6.0
16
11
7.7
5.3
3.7
2.6
1.8
1.3
1.55
1.60
1.67
1.75
1.84
1.89
7.9
11
8.0
5.6
3.9
2.8
2.0
1.4
1.0
1.75
1.80
1.87
1.97
2.07
2.13
10
7.8
5.5
3.9
2.8
2.0
1.4
1.0
1.94
2.00
2.08
2.19
2.30
2.37
12
5.3
3.8
2.7
2.0
1.4
1.0
combination
2.14
2.20
2.29
2.41
2.53
2.60
15
3.5
2.5
1.8
1.3
not
2.33
2.40
2.50
2.63
2.76
2.84
17
2.2
1.6
1.2
permitted
2.53
2.60
2.71
2.85
2.99
3.08
20
1.4
1.1
INTERRELATION BETWEEN ALTERNATING CURRENT, AMBIENT TEMPERATURE AND LIFETIME
I/IR (frequency dependent)
SURFACE
TEMPERATURE
RISE
LIFETIME MULTIPLIER (depending on I/IR and Ta)
FREQUENCY (Hz)
AMBIENT TEMPERATURE Ta (°C)
50
100
250
500
1000
> 2500
ΔT
0 (°C)
40
45
50
55
60
65
70
75
80
85
0.16
0.20
0.25
0.27
0.28
0.29
0.2
94
60
38
25
17
11
7.5
5.1
2.4
1.64
0.32
0.40
0.49
0.54
0.57
0.59
0.6
83
53
35
23
15
10
6.9
3.2
2.2
1.54
0.48
0.60
0.74
0.81
0.85
0.88
1.2
68
45
30
20
13
9.0
6.2
2.8
2.0
1.39
0.64
0.80
0.98
1.07
1.13
1.18
2.0
54
36
24
16
11
7.6
5.3
2.5
1.7
1.22
0.80
1.00
1.23
1.34
1.42
1.47
3.1
41
28
19
13
9.0
6.3
2.9
2.1
1.5
1.00
0.96
1.20
1.47
1.61
1.70
1.76
4.9
30
21
15
10
7.1
5
2.4
1.7
1.2
1.12
1.40
1.72
1.88
1.98
2.06
6.7
21
15
11
7.7
5.5
2.6
1.9
1.3
1.28
1.60
1.96
2.15
2.27
2.35
8.6
15
11
7.9
5.7
2.7
2.0
1.4
1.0
1.44
1.80
2.21
2.42
2.55
2.65
11
10
7.6
5.6
2.7
2.0
1.5
1.1
1.60
2.00
2.45
2.69
2.83
2.94
13
7.0
5.3
2.6
2.0
1.5
1.1
combination
1.76
2.20
2.70
2.95
3.12
3.23
15
3.2
2.4
1.8
1.4
1.0
not
1.92
2.40
2.94
3.22
3.40
3.53
18
2.1
1.6
1.2
permitted
2.08
2.60
3.19
3.49
3.68
3.82
20
1.4
1.1


Similar Part No. - MALPEYD00CB533C02W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALPEYV00AB268R02W VISHAY-MALPEYV00AB268R02W Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
MALPEYV00AB268X02W VISHAY-MALPEYV00AB268X02W Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
MALPEYV00AB315N02W VISHAY-MALPEYV00AB315N02W Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
MALPEYV00AB368L02W VISHAY-MALPEYV00AB368L02W Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
MALPEYV00AB415J02W VISHAY-MALPEYV00AB415J02W Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
More results

Similar Description - MALPEYD00CB533C02W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EYV VISHAY-EYV Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
MALLEY01AV447C02W VISHAY-MALLEY01AV447C02W Datasheet
88Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
EYK VISHAY-EYK_13 Datasheet
262Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 08-Apr-13
EY VISHAY-EY_13 Datasheet
101Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 09-Apr-13
EYC VISHAY-EYC Datasheet
109Kb / 9P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
EYZ VISHAY-EYZ Datasheet
468Kb / 8P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 25-Aug-08
EYK VISHAY-EYK Datasheet
89Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 02-Aug-11
053PEC-PW VISHAY-053PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
051PEC-PW VISHAY-051PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 17-Feb-12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com