Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100B110KBO1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 100B110KBO1
Description  1 5/16 (33.3 mm) Single Turn Wirewound Precision Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

100B110KBO1 Datasheet(HTML) 2 Page - Vishay Siliconix

  100B110KBO1 Datasheet HTML 1Page - Vishay Siliconix 100B110KBO1 Datasheet HTML 2Page - Vishay Siliconix 100B110KBO1 Datasheet HTML 3Page - Vishay Siliconix 100B110KBO1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model 100
1 5/16" (33.3 mm) Single Turn Wirewound
Precision Potentiometer
Vishay Spectrol
Document Number: 57034
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 28-Jun-07
81
DIMENSIONS in inches (millimeters)
MECHANICAL SPECIFICATIONS
PARAMETER
Rotation
360° (continuous)
Bearing Type
Servo mount: Ball bearing
Bushing mount: Sleeve bearing
Ganging
6 sections maximum, terminal alignment, added sections,
within ± 10° of section 1 terminals
Torque (Maximums)
Servo, 1 Section
Bushing, 1 Section
Each Additional Section
STARTING
0.60 oz. - in (43.20 g - cm)
1.00 oz. - in (72.00 g - cm)
0.30 oz. - in (21.60 g - cm)
RUNNING
0.30 oz. - in (21.60 g - cm)
0.75 oz. - in (54.00 g - cm)
0.30 oz. - in (21.60 g - cm)
Mechanical Tolerances (Maximums):
Shaft Runout (TIR/In)
Pilot Dia. Runout (TIR)
Lateral Runout (TIR)
Shaft End Play
Shaft Radial Play
BUSHING
0.002" (0.05 cm)
0.002" (0.05 cm)
0.005" (0.13 cm)
0.005" (0.13 cm)
0.004" (0.10 cm)
SERVO
0.002" (0.05 cm)
0.002" (0.05 cm)
0.002" (0.05 cm)
0.005" (0.13 cm)
0.002" (0.05 cm)
Moment of Inertia
1.0 g - cm2 per section maximum
Weight
Single Section
Each Additional Section
2.0 oz. maximum (56.7 g)
0.75 oz. maximum (21.3 g)
0.242 MIN.
(6.15)
0.705
(17.91)
1
2
3
0.562
(14.27)
Ø 0.125
(3.18)
0.875R
(22.22) MAX.
22 1/2°
TYP.
BUSHING MOUNT: 100B...
SERVO MOUNT: 100S...
3/
8 - 32 UNEF 2A
MTG. FACE
0.062 (1.57)
± 0.031
Ø 0.4062 MTG.
(10.32)
+ 0.0000
- 0.0010
0.2497
(6.34)
Ø 1.312
(33.32)
0.062
(1.57)
0.375
(9.52)
± 0.031
± 0.010
0.875
(22.22)
± 0.031
MTG. FACE
Ø 1.312
(33.32)
Ø 1.1875
(30.16)
MTG.
Ø 1.187
(30.15)
MAX.
Ø 1.312
(33.32)
0.2497
(6.34)
+ 0.0000
- 0.0003 Ø
0.062 (1.57)
0.062 (1.57)
0.073 (1.85)
0.562
(14.27)
± 0.031
0.800
(20.32)
± 0.010
0.337 MIN.
(8.56)
13
2
1
1
ADD 0.566 ± 0.002 (14.38) FOR EACH
ADDITIONAL SECTION
TOLERANCES: UNLESS OTHERWISE NOTED.
DECIMALS ± 0.005 ANGLES ± 2 °
1
CW
SCHEMATIC
+ 0.0000
- 0.0003
+ 0.0000
- 0.0005


Similar Part No. - 100B110KBO1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
100B1130130XXXX VISHAY-100B1130130XXXX Datasheet
343Kb / 4P
   1 5/16" (33.3 mm) Single Turn Wirewound Precision PotentiometerS
01-Jan-2022
100B1130222XXXX VISHAY-100B1130222XXXX Datasheet
343Kb / 4P
   1 5/16" (33.3 mm) Single Turn Wirewound Precision PotentiometerS
01-Jan-2022
100B1130470XXXX VISHAY-100B1130470XXXX Datasheet
343Kb / 4P
   1 5/16" (33.3 mm) Single Turn Wirewound Precision PotentiometerS
01-Jan-2022
More results

Similar Description - 100B110KBO1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
100 VISHAY-100 Datasheet
343Kb / 4P
   1 5/16" (33.3 mm) Single Turn Wirewound Precision PotentiometerS
01-Jan-2022
logo
List of Unclassifed Man...
5311 ETC2-5311 Datasheet
76Kb / 3P
   1-5/16 Diameter Single Turn Wirewound Precision Potentiometer
logo
Vishay Siliconix
MODEL122 VISHAY-MODEL122 Datasheet
277Kb / 4P
   1 1/16 (27 mm) Single Turn Wirewound Precision Potentiometer
Revision: 03-Jul-07
138 VISHAY-138 Datasheet
76Kb / 3P
   1 5/16" (33.3 mm) Industrial Single Turn, Bushing Mount, Conductive Plastic Potentiometer
01-Jan-2022
MODEL202 VISHAY-MODEL202 Datasheet
419Kb / 4P
   1 3/4 (44.5 mm) Single Turn Wirewound Precision Potentiometer
Revision: 20-Jun-07
202 VISHAY-202 Datasheet
116Kb / 4P
   1 3/4" (44.5 mm) Single Turn Wirewound Precision Potentiometer
01-Jan-2022
702 VISHAY-702 Datasheet
103Kb / 4P
   (22.2 mm) Single Turn Wirewound (Precision Potentiometer)s
01-Jan-2022
302 VISHAY-302_V01 Datasheet
99Kb / 4P
   2" (50.8 mm) Single Turn Wirewound Precision Potentiometer
01-Jan-2022
302 VISHAY-302 Datasheet
101Kb / 4P
   2" (50.8 mm) Single Turn Wirewound Precision Potentiometer
Revision: 22-Nov-16
MODEL402 VISHAY-MODEL402 Datasheet
273Kb / 4P
   3 (76.2 mm) Single Turn Wirewound Precision Potentiometer
Revision: 15-Jun-07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com