Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WBCR00816000K Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WBCR00816000K
Description  Thin Film, Back-Contact Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WBCR00816000K Datasheet(HTML) 2 Page - Vishay Siliconix

  WBCR00816000K Datasheet HTML 1Page - Vishay Siliconix WBCR00816000K Datasheet HTML 2Page - Vishay Siliconix WBCR00816000K Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 61023
For technical questions, contact: efi@vishay.com
www.vishay.com
Revision: 12-Mar-08
55
BCR
Thin Film, Back-Contact Resistor
Vishay Electro-Films
DIMENSIONS in inches
Note:
• Notched shaded area represents top bonding pad. The backside of the chip constitutes the second resistor connection.
SCHEMATIC
Options:
Gold bonding pads, 15 kÅ minimum thickness
Consult Applications Engineer
TYPICAL RANGE
1.6 k
Ω - 1 MΩ
0.016
0.020
0.020
TYPICAL RANGE
180
Ω - 2.2 kΩ
TYPICAL RANGE
24
Ω - 220 Ω
0.004
TYPICAL RANGE
10
Ω - 23 Ω
Bond Pad
Back of Chip
MECHANICAL SPECIFICATIONS in inches
PARAMETER
Chip Size
0.020 x 0.020 ± 0.002 (0.50 x 0.50 ± 0.05 mm)
Chip Thickness
0.010 ± 0.003 (0.253 ± 0.05 mm)
Chip Substrate Material
Oxidized silicon, 10 kÅ minimum SiO2
Resistor Material
Tantalum nitride, self-passivating
Bonding Pad Size
0.004 x 0.004 (0.100 x 0.100 mm)
Number of Pads
1
Pad Material
10 kÅ minimum aluminum
Backing
3 kÅ minimum gold
Recommended Attachment Method
Eutectic or conductive epoxy
ORDERING INFORMATION
Example: 100 % visual, 16 k
Ω, ± 1 %, ± 250 ppm/°C TCR, aluminum pads, class H visual inspection
W
INSPECTION/
PACKAGING
W = 100 % visually inspected
parts in matrix tray per
MIL-STD-883
X = Sample, visually inspected
parts loaded in matrix trays
(4 % AQL)
BCR
PRODUCT
FAMILY
008
PROCESS
CODE
See Process Code
table
1600
RESISTANCE
VALUE
Use first 4 digits
significant digits of the
resistance
1
MULTIPLIER
CODE
B = 0.01
A = 0.1
0 = 1
1 = 10
2 = 100
3 = 1000
F
TOLERANCE
CODE
B = 0.1 %
C = 0.2 %
D = 0.5 %
F = 1.0 %
G = 2.0 %
H = 2.5 %
J = 5.0 %
K = 10 %


Similar Part No. - WBCR00816000K

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
WBCR0202AA011002BA TTELEC-WBCR0202AA011002BA Datasheet
359Kb / 3P
   Wire Bondable Chip Resistors
WBCR0202AA011002BB TTELEC-WBCR0202AA011002BB Datasheet
359Kb / 3P
   Wire Bondable Chip Resistors
WBCR0202AA011002BC TTELEC-WBCR0202AA011002BC Datasheet
359Kb / 3P
   Wire Bondable Chip Resistors
WBCR0202AA011002BD TTELEC-WBCR0202AA011002BD Datasheet
359Kb / 3P
   Wire Bondable Chip Resistors
WBCR0202AA011002BF TTELEC-WBCR0202AA011002BF Datasheet
359Kb / 3P
   Wire Bondable Chip Resistors
More results

Similar Description - WBCR00816000K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BCR VISHAY-BCR_15 Datasheet
77Kb / 3P
   Thin Film, Back-Contact Resistor
Revision: 25-Feb-13
BCR VISHAY-BCR_V01 Datasheet
76Kb / 3P
   Thin Film, Back-Contact Resistor
01-Jan-2022
IGBR VISHAY-IGBR Datasheet
144Kb / 5P
   Thin Film, High Power Back-Contact Resistor
QFM VISHAY-QFM Datasheet
75Kb / 3P
   Thin Film, Top-Contact Resistor
Revision: 05-Apr-13
SFM VISHAY-SFM Datasheet
74Kb / 3P
   Thin Film Top-Contact Resistor
Revision: 25-Feb-13
SFN VISHAY-SFN Datasheet
96Kb / 3P
   NiCr Thin Film, Top-Contact Resistor
Revision: 11-Sep-13
SC3 VISHAY-SC3_15 Datasheet
138Kb / 3P
   NiCr Thin Film, Top-Contact Resistor
Revision: 05-Apr-13
MSFM VISHAY-MSFM Datasheet
82Kb / 3P
   Thin Film, Top-Contact Miniature Resistor
Revision: 26-Jan-15
QFX VISHAY-QFX Datasheet
75Kb / 3P
   Thin Film, Top-Contact Megohm Resistor
Revision: 05-Apr-13
QFN VISHAY-QFN Datasheet
77Kb / 3P
   NiCr Thin Film, Top-Contact Resistor
Revision: 05-Apr-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com