Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VDRS20G017XYE Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VDRS20G017XYE
Description  a disc of low-ß ceramic material with two tinned solid copper leads
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRS20G017XYE Datasheet(HTML) 1 Page - Vishay Siliconix

  VDRS20G017XYE Datasheet HTML 1Page - Vishay Siliconix VDRS20G017XYE Datasheet HTML 2Page - Vishay Siliconix VDRS20G017XYE Datasheet HTML 3Page - Vishay Siliconix VDRS20G017XYE Datasheet HTML 4Page - Vishay Siliconix VDRS20G017XYE Datasheet HTML 5Page - Vishay Siliconix VDRS20G017XYE Datasheet HTML 6Page - Vishay Siliconix VDRS20G017XYE Datasheet HTML 7Page - Vishay Siliconix VDRS20G017XYE Datasheet HTML 8Page - Vishay Siliconix VDRS20G017XYE Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.vishay.com
For technical questions, contact: nlr@vishay.com
Document Number: 29081
16
Revision: 09-Oct-08
2381 59. ...../VDRS.......E
Vishay BCcomponents
Varistors
ORDERING INFORMATION
The varistors are available in a number of packaging options:
• Bulk
• On tape on reel
• On tape in ammopack
The basic ordering code for each option is given in tables
mutitled Varistors on Tape on Reel, Varistors on Tape in
Ammopack and Varistors in Bulk. To complete the catalog
number and to determine the required operating parameters,
see Electrical Data and Ordering Information table.
FEATURES
• Zinc oxide disc, epoxy coated
• Straight leads
• Straight leads with flange (2381 592 and 593 series only)
• Kinked leads
• Component in accordance to RoHS 2002/95/EC and
WEEE 2002/96/EC
• Certified according to UL1449, VDE/IEC 61051 and CSA
APPLICATION
• Suppression of transients
DESCRIPTION
The varistors consist of a disc of low-ß ceramic material with
two tinned solid copper leads. They are coated with a layer
of
ochre
coloured
epoxy,
which
provides
electrical,
mechanical and climatic protection. The encapsulation is
resistant to all cleaning solvents in accordance with
“IEC 60068-2-45”.
MOUNTING
The varistors are suitable for processing on automatic
insertion and cutting and bending equipment.
Varistors with flanged leads provide better positioning on
printed-circuit boards (PCB) and more accurate control over
component height. This is important for hand mounting and
automatic insertion techniques; see outlines of flanged leads
drawing.
Typical Soldering
235 °C, duration: 5 s (Pb-bearing)
245 °C, duration
: 5 s (Lead (Pb)-free)
Resistance to soldering heat
260 °C, duration: 10 s max.
MARKING
The varistors are marked with the following information:
• Maximum continuous RMS voltage
• Series number (592, 593, 594, 595 or 596)
• Manufacturers logo
• Date of manufacture (YYWW)
INFLAMMABILITY
The varistors are non-flammable.
The encapsulation is made of flammable resistant epoxy in
accordance with UL94V-0.
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Maximum continuous voltage:
RMS
14 to 680
V
DC
18 to 895
V
Maximum non-repetitive transient
current INRP (8 x 20 µs)
100 to 6500
A
Robustness of terminations
10
N
Drop test:
Height of fall
1
m
Detailed specification
based on
CECC 42000
Storage temperature
- 40 to + 125
°C
Operating temperature
- 40 to + 85
°C
RoHS
COMPLIANT
ELECTRICAL DATA AND ORDERING INFORMATION
MAXIMUM
CONTINUOUS
VOLTAGE
VOLTAGE (3)
at 1 mA
MAXIMUM
VOLTAGE at
STATED
CURRENT
MAXIMUM
ENERGY (4)
(10 x 1000 µs)
MAXIMUM
NON-REP.
TRANSIENT
CURRENT (5)
INRP (8 x 20 µs)
TYPICAL
CAPACITANCE
at 1 kHz
CATALOG NUMBERS (1)
RMS (2)
(V)
DC
(V)
(V)
V
(V)
I
(A)
(J)
(A)
(pF)
12 NC (6)
SAP (7)
14
18
22
48
1.0
0.5
100
1300
2381 592 x140y
VDRS05A014xyE
43
2.5
1.7
250
2800
2381 593 x140y
VDRS07B014xyE
43
5.0
4.3
500
6000
2381 594 x140y
VDRS10D014xyE
43
10.0
5.4
1000
15 000
2381 595 x140y
VDRS14G014xyE
43
20.0
8.0
2000
30 000
2381 596 x140y
VDRS20M014ByE
17
22
27
60
1.0
0.7
100
1050
2381 592 x170y
VDRS05A017xyE
53
2.5
2.0
250
2000
2381 593 x170y
VDRS07B017xyE
53
5.0
5.3
500
4000
2381 594 x170y
VDRS10D017xyE
53
10.0
6.9
1000
10 000
2381 595 x170y
VDRS14G017xyE
53
20.0
10.0
2000
20 000
2381 596 x170y
VDRS20M017ByE


Similar Part No. - VDRS20G017XYE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRS20M014ByE VISHAY-VDRS20M014ByE Datasheet
228Kb / 20P
   VDR Metal Oxide Varistors Standard
Revision: 19-Jun-15
VDRS20M014BYE VISHAY-VDRS20M014BYE Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
VDRS20M017ByE VISHAY-VDRS20M017ByE Datasheet
228Kb / 20P
   VDR Metal Oxide Varistors Standard
Revision: 19-Jun-15
VDRS20M017BYE VISHAY-VDRS20M017BYE Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
VDRS20M020ByE VISHAY-VDRS20M020ByE Datasheet
228Kb / 20P
   VDR Metal Oxide Varistors Standard
Revision: 19-Jun-15
More results

Similar Description - VDRS20G017XYE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2322-592-2006 VISHAY-2322-592-2006 Datasheet
281Kb / 14P
   The varistors consist of a disc of low-ceramic material with two tinned solid copper leads.
Revision: 10-Oct-03
logo
Belden Inc.
133107A BELDEN-133107A Datasheet
87Kb / 3P
   TWO 22 AWG (7X30) TINNED COPPER, DATALENE
logo
List of Unclassifed Man...
RL2005-27K ETC2-RL2005-27K Datasheet
45Kb / 2P
   Uncoated Disc With Radial Leads
1347358 ETC2-1347358 Datasheet
96Kb / 2P
   22 AWG solid tinned copper conductors, PVC insulation,
1351662 ETC2-1351662 Datasheet
100Kb / 3P
   22 AWG solid tinned copper conductors, polypropylene insulation
logo
Pasternack Enterprises,...
PE-SR405TN-STRAIGHT PASTERNACK-PE-SR405TN-STRAIGHT Datasheet
367Kb / 3P
   RG405 Tinned Coax Cable with Tinned Copper Outer Conductor
PE-SR402TN-STRAIGHT PASTERNACK-PE-SR402TN-STRAIGHT Datasheet
373Kb / 3P
   RG402 Tinned Coax Cable with Tinned Copper Outer Conductor
logo
List of Unclassifed Man...
1351827 ETC2-1351827 Datasheet
101Kb / 3P
   22 AWG solid tinned copper conductors, twisted pairs, Datalene
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
   AWG Tinned Copper
logo
List of Unclassifed Man...
1351271 ETC2-1351271 Datasheet
102Kb / 3P
   22 AWG solid tinned copper conductors, twisted pairs, Datalene insulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com