Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VDRH14MO20XYE Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VDRH14MO20XYE
Description  High Surge Suppression Varistors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRH14MO20XYE Datasheet(HTML) 1 Page - Vishay Siliconix

  VDRH14MO20XYE Datasheet HTML 1Page - Vishay Siliconix VDRH14MO20XYE Datasheet HTML 2Page - Vishay Siliconix VDRH14MO20XYE Datasheet HTML 3Page - Vishay Siliconix VDRH14MO20XYE Datasheet HTML 4Page - Vishay Siliconix VDRH14MO20XYE Datasheet HTML 5Page - Vishay Siliconix VDRH14MO20XYE Datasheet HTML 6Page - Vishay Siliconix VDRH14MO20XYE Datasheet HTML 7Page - Vishay Siliconix VDRH14MO20XYE Datasheet HTML 8Page - Vishay Siliconix VDRH14MO20XYE Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
www.vishay.com
For technical questions, contact: nlr@vishay.com
Document Number: 29082
34
Revision: 09-Oct-08
2381 58. ...../VDRH.......E
Vishay BCcomponents
High Surge Suppression Varistors
The encapsulation is made of flammable resistant epoxy in
accordance with UL94V-0.
ORDERING INFORMATION
The varistors are available in a number of packaging options:
• Bulk
• On tape on reel
• On tape in ammopack
The basic ordering code for each option is given in tables
titled Varistors on Tape on Reel, Varistors on Tape in
Ammopack and Varistors in Bulk. To complete the catalog
number and to determine the required operating parameters,
see Electrical Data and Ordering Information table.
FEATURES
Zinc oxide disc, epoxy coated
Straight or kinked leads
• Component in accordance to RoHS 2002/95/EC and
WEEE 2002/96/EC
• Certified according to UL1449, VDE/IEC 61051 and CSA
APPLICATION
Supression of transients
DESCRIPTION
The varistors consist of a disc of low-ß ceramic material with
two tinned solid copper leads. They are coated with a layer
of
ochre
coloured
epoxy,
which
provides
electrical,
mechanical and climatic protection. The encapsulation is
resistant to all cleaning solvents in accordance with
“IEC 60068-2-45”.
MOUNTING
The varistors are suitable for processing on automatic
insertion and cutting and bending equipment.
Typical Soldering
235 °C, duration: 5 s (Pb-bearing)
245 °C, duration: 5 s (Lead (Pb)-free)
Resistance to soldering heat
260 °C; duration: 10 s max.
MARKING
The varistors are marked with the following information:
• Maximum continuous RMS voltage
• Series number (582, 583, 584, 585 or 586)
• Manufacture logo
Date of manufacture (YYWW)
INFLAMMABILITY
The varistors are non-flammable.
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Maximum continuous voltage:
RMS
11to680
V
DC
14 to 895
V
Maximum non-repetitive transient
current INRP (8 x 20 µs)
250 to 10 000
A
Robustness of terminations
10
N
Drop test:
Height of fall
1
m
Detailed specification
based on
CECC 42000
Storage temperature
- 40 to + 150
°C
Operating temperature
- 40 to + 125
°C
RoHS
COMPLIANT
ELECTRICAL DATA AND ORDERING INFORMATION
MAXIMUM
CONTINUOUS
VOLTAGE
VOLTAGE (3)
at 1 mA
MAXIMUM
VOLTAGE
at STATED
CURRENT
MAXIMUM
ENERGY (4)
(10 X 1000 µS)
MAXIMUM
NON-REP.
TRANSIENT
CURRENT (5)
INRP (8 x 20 µs)
TYPICAL
CAPACITANCE
at 1 kHz
CATALOG NUMBERS (1)
RMS (2)
(V)
DC
(V)
(V)
V
(V)
I
(A)
(J)
(A)
(pF)
12 NC (6)
SAP (7)
11
14
18
40
1.0
0.7
250
1600
2381 582 x110y
VDRH05B011xyE
36
2.5
1.5
500
3600
2381 583 x110y
VDRH07D011xyE
36
5.0
2.6
1000
8000
2381 584 x110y
VDRH10G011xyE
36
10.0
5.2
2000
20 000
2381 585 x110y
VDRH14M011xyE
36
20.0
13.0
3000
40 000
2381 586 x110y
VDRH20R011ByE


Similar Part No. - VDRH14MO20XYE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH14M011xyE VISHAY-VDRH14M011xyE Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
VDRH14M011XYE VISHAY-VDRH14M011XYE Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH14M014xyE VISHAY-VDRH14M014xyE Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
VDRH14M014XYE VISHAY-VDRH14M014XYE Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH14M017xyE VISHAY-VDRH14M017xyE Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
More results

Similar Description - VDRH14MO20XYE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH10G040BKE VISHAY-VDRH10G040BKE Datasheet
245Kb / 20P
   VDR Metal Oxide Varistors High Surge
Revision: 29-Oct-12
VDRH VISHAY-VDRH Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
logo
List of Unclassifed Man...
SVC471D ETC1-SVC471D Datasheet
2Mb / 17P
   CERAMIC SURGE ABSORBERS (VARISTORS)
CNR-07D241K ETC1-CNR-07D241K Datasheet
1Mb / 24P
   METAL OXIDE VARISTORS TRANSIENT / SURGE ABSORBERS
logo
Panasonic Semiconductor
ERZ-V10D390 PANASONIC-ERZ-V10D390 Datasheet
4Mb / 30P
   Varistors (ZNR Surge Absorber) Type D
14-Dec-20
logo
Littelfuse
LVSP0015TXR LITTELFUSE-LVSP0015TXR Datasheet
253Kb / 2P
   LVSP Surge Suppression Fuse
Rev: 081220
V22CH8 LITTELFUSE-V22CH8 Datasheet
301Kb / 5P
   Surface Mount Varistors - Transient Voltage Surge Suppressor
logo
Kemet Corporation
VG0603S020R014 KEMET-VG0603S020R014 Datasheet
1Mb / 13P
   Surface Mount Varistors VG Series ESD Suppression
logo
Vishay Siliconix
VDRUS VISHAY-VDRUS Datasheet
179Kb / 15P
   VDR Metal Oxide Varistors Ultra Surge High Operating Temperature 125 °C
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com