Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDN60 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # HDN60
Description  Hermetic Metal Film Resistors, Military/Established Reliability, MIL-PRF-55182 Qualified, Type RNR, Characteristics E and C
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HDN60 Datasheet(HTML) 2 Page - Vishay Siliconix

  HDN60 Datasheet HTML 1Page - Vishay Siliconix HDN60 Datasheet HTML 2Page - Vishay Siliconix HDN60 Datasheet HTML 3Page - Vishay Siliconix HDN60 Datasheet HTML 4Page - Vishay Siliconix HDN60 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: 66001
For technical questions, contact: ff2aresistors@vishay.com
www.vishay.com
Revision: 03-Jul-08
57
HDN (Military RNR/RNN)
Hermetic Metal Film Resistors, Military/Established
Reliability, MIL-PRF-55182 Qualified, Type RNR,
Characteristics E and C
Vishay Angstrohm
Notes
(1) MODEL RNC: For characteristics C and E (per MIL-PRF-55182) terminal model RNR shall be used as a substitute
(2) For RNR75 only: Characteristic J (± 25 ppm/°C) is also available
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: RNR55E49R9BSM76 (preferred part number format)
MIL STYLE (1)
CHARACTERISTIC (2)
RESISTANCE
VALUE
TOLERANCE
CODE
FAILURE RATE
PACKAGING
SPECIAL
RNR = Solderable only
RNN = Weldable only
(see Standard Electrical
Specifications Table)
E = 25 ppm
C = 50 ppm
3 digit significant
figure, followed by
a multiplier
10R0 = 10
Ω
49R9 = 49.9
Ω
2152 = 21.5 k
Ω
3014 = 3.01 M
Ω
B = ± 0.1 %
D = ± 0.5 %
F = ± 1.0 %
M = 1.0 %/1000 h
P = 0.1 %/1000 h
R = 0.01 %/1000 h
S = 0.001 %/1000 h
M76 = Tin/Lead,
Foil Bag
(55, 57, 60 ,65, 70)
M77 = Tin/Lead,
Foil Bag (75 only)
BSL = Tin/Lead,
Foil Bag,
Single Lot Date Code
RJ7 = Tin/Lead,
T/R (55, 57, 60)
RJ8 = Tin/Lead,
T/R (65, 70, 75)
RSL = Tin/Lead,
Foil Bag,
Single Lot Date Code
Blank = Standard
(Dash Number)
(up to 3 digits)
From 1 - 999
as applicable
65 = Hot Solder
Dip (55’s)
1 = Hot Solder
Dip (57’s)
1 = Hot Solder
Dip (60’s)
65 = Hot Solder
Dip (65’s)
4 = Hot Solder
Dip (70’s)
1 = Hot Solder
Dip (75’s)
Historical Part Numbering: RNR55E49R9BS (will continue to be accepted)
RNR55
E
49R9
B
S
MIL STYLE
CHARACTERISTIC
RESISTANCE
VALUE
TOLERANCE
CODE
FAILURE
RATE
POWER DERATING
CAGE CODE: 17745
120
100
80
60
40
20
0
AMBIENT TEMPERATURE IN °C
25
50
75
100
125
150
175
125 °C
55
E
4
R
9
B
9
NR
SM
7
R
6


Similar Part No. - HDN60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HDN1075 SIEMENS-HDN1075 Datasheet
82Kb / 1P
   0.28(7MM) SEVEN SEGMANT NUMERIC DISPLAY SOW CURRENT
HDN1075G SIEMENS-HDN1075G Datasheet
82Kb / 1P
   0.28(7MM) SEVEN SEGMANT NUMERIC DISPLAY SOW CURRENT
HDN1075O SIEMENS-HDN1075O Datasheet
82Kb / 1P
   0.28(7MM) SEVEN SEGMANT NUMERIC DISPLAY SOW CURRENT
HDN1075O SIEMENS-HDN1075O Datasheet
511Kb / 5P
   SEVEN SEGMENT DISPLAY 7MM LOW CURRENT VERSION
HDN1077G SIEMENS-HDN1077G Datasheet
82Kb / 1P
   0.28(7MM) SEVEN SEGMANT NUMERIC DISPLAY SOW CURRENT
More results

Similar Description - HDN60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HDN VISHAY-HDN_15 Datasheet
90Kb / 4P
   Metal Film Resistors, Military/Established Reliability,Hermetically-Sealed, MIL-PRF-55182 Qualified, Precision, Type RNR, Characteristics E and C
Revision: 15-Nov-12
RNC55H1502FSB14 VISHAY-RNC55H1502FSB14 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-55182 Qualified
Revision: 21-Sep-12
ERC VISHAY-ERC Datasheet
184Kb / 3P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-55182 Qualified, Type RNC, Characteristics J, H, K
Revision: 08-Jul-08
RLR07C1500GR VISHAY-RLR07C1500GR Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
ERL VISHAY-ERL_15 Datasheet
146Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 25-Aug-15
RLR05C475 VISHAY-RLR05C475 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 11-Nov-13
RLR07C2001FM VISHAY-RLR07C2001FM Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
ERL VISHAY-ERL Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
RLR05C4753FRB14 VISHAY-RLR05C4753FRB14 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability,MIL-PRF-39017 Qualified, Type RLR
Revision: 11-Nov-13
RLR20C1000GRB14 VISHAY-RLR20C1000GRB14 Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com