Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ23B18-V Datasheet(PDF) 6 Page - Vishay Siliconix

Part # AZ23B18-V
Description  Small Signal Zener Diodes, Dual
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AZ23B18-V Datasheet(HTML) 6 Page - Vishay Siliconix

  AZ23B18-V Datasheet HTML 1Page - Vishay Siliconix AZ23B18-V Datasheet HTML 2Page - Vishay Siliconix AZ23B18-V Datasheet HTML 3Page - Vishay Siliconix AZ23B18-V Datasheet HTML 4Page - Vishay Siliconix AZ23B18-V Datasheet HTML 5Page - Vishay Siliconix AZ23B18-V Datasheet HTML 6Page - Vishay Siliconix AZ23B18-V Datasheet HTML 7Page - Vishay Siliconix AZ23B18-V Datasheet HTML 8Page - Vishay Siliconix AZ23B18-V Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
6
Document Number 85759
Rev. 1.5, 24-Mar-06
AZ23-V-Series
Vishay Semiconductors
Layout for RthJA test
Thickness: Fiberglass 0.059 in. (1.5 mm)
Copper leads 0.012 in. (0.3 mm)
Figure 13. Breakdown Characteristics
18112
10
20
30
0
40 V
V
Z
mA
30
20
10
0
l
z
5 mA
Test Current I
Z
T
j = 25 °C
12
15
18
22
27
33
10
36
Figure 14. Breakdown Characteristics
18113
mA
10
8
6
4
2
0
l
z
10
20
30
40
50
60
70
8090
0
100 V
V
Z
5 mA
Test Current I
Z
T
j = 25 °C
43
51
47
39
17451
15 (0.59)
12 (0.47)
0.8 (0.03)
5 (0.2)
7.5 (0.3)
3 (0.12)
1 (0.4)
1 (0.4)
2 (0.8)
2 (0.8)
1.5 (0.06)
5.1 (0.2)


Similar Part No. - AZ23B18-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AZ23B18-V VISHAY-AZ23B18-V Datasheet
112Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.7, 22-Nov-11
AZ23B18-V VISHAY-AZ23B18-V Datasheet
112Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.7, 22-Nov-11
AZ23B18-V-G VISHAY-AZ23B18-V-G Datasheet
116Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.2, 31-Aug-11
More results

Similar Description - AZ23B18-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AZ23C12-V-GS08 VISHAY-AZ23C12-V-GS08 Datasheet
122Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.3, 08-Feb-13
AZ23C4V7-V-GS08 VISHAY-AZ23C4V7-V-GS08 Datasheet
122Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.3, 08-Feb-13
MMBZ27VDA-G VISHAY-MMBZ27VDA-G Datasheet
91Kb / 4P
   Small Signal Zener Diodes, Dual
Rev. 1.0., 04-Mar-13
DZ23 VISHAY-DZ23 Datasheet
120Kb / 7P
   Small Signal Zener Diodes, Dual
Rev. 2.0, 08-Nov-16
MMBZ15VDC VISHAY-MMBZ15VDC Datasheet
74Kb / 4P
   Small Signal Zener Diodes, Dual
Rev. 1.4, 08-Jul-04
AZ23 VISHAY-AZ23_V01 Datasheet
135Kb / 8P
   Small Signal Zener Diodes, Dual
01-Jan-2022
AZ23-G VISHAY-AZ23-G_V01 Datasheet
122Kb / 8P
   Small Signal Zener Diodes, Dual
01-Jan-2022
AZ23C5V6-V-GS08 VISHAY-AZ23C5V6-V-GS08 Datasheet
112Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.7, 22-Nov-11
DZ23-V VISHAY-DZ23-V Datasheet
119Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.8, 02-Feb-12
DZ23-G VISHAY-DZ23-G_V01 Datasheet
132Kb / 8P
   Small Signal Zener Diodes, Dual
01-Jan-2022
AZ23-G VISHAY-AZ23-G Datasheet
132Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.4, 04-Mar-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com