Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VDRH10BO17XYE Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VDRH10BO17XYE
Description  High Surge Suppression Varistors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRH10BO17XYE Datasheet(HTML) 3 Page - Vishay Siliconix

  VDRH10BO17XYE Datasheet HTML 1Page - Vishay Siliconix VDRH10BO17XYE Datasheet HTML 2Page - Vishay Siliconix VDRH10BO17XYE Datasheet HTML 3Page - Vishay Siliconix VDRH10BO17XYE Datasheet HTML 4Page - Vishay Siliconix VDRH10BO17XYE Datasheet HTML 5Page - Vishay Siliconix VDRH10BO17XYE Datasheet HTML 6Page - Vishay Siliconix VDRH10BO17XYE Datasheet HTML 7Page - Vishay Siliconix VDRH10BO17XYE Datasheet HTML 8Page - Vishay Siliconix VDRH10BO17XYE Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.vishay.com
For technical questions, contact: nlr@vishay.com
Document Number: 29082
36
Revision: 09-Oct-08
2381 58. ...../VDRH.......E
Vishay BCcomponents
High Surge Suppression Varistors
75
210
5.0
5.5
800
240
2381 582 x750y
VDRH05E075xyE
200
10.0
11.0
1750
530
2381 583 x750y
VDRH07K075xyE
100
120
200
25.0
22.0
3500
1000
2381 584 x750y
VDRH10S075xyE
200
50.0
44.0
6000
1900
2381 585 x750y
VDRH14V075xyE
200
100.0
88.0
10 000
3800
2381 586 x750y
VDRH20X075ByE
95
260
5.0
6.5
800
180
2381 582 x950y
VDRH05E095xyE
250
10.0
13.0
1750
450
2381 583 x950y
VDRH07K095xyE
125
150
250
25.0
25.0
3500
800
2381 584 x950y
VDRH10S095xyE
250
50.0
53.0
6000
1500
2381 585 x950y
VDRH14V095xyE
250
100.0
106.0
10 000
3000
2381 586 x950y
VDRH20X095ByE
115
320
5.0
8.0
800
150
2381 582 x111y
VDRH05E115xyE
300
10.0
16.0
1750
390
2381 583 x111y
VDRH07K115xyE
150
180
300
25.0
32.0
3500
680
2381 584 x111y
VDRH10S115xyE
300
50.0
65.0
6000
1320
2381 585 x111y
VDRH14V115xyE
300
100.0
130.0
10 000
2640
2381 586 x111y
VDRH20X115ByE
130
355
5.0
8.5
800
130
2381 582 x131y
VDRH05E130xyE
340
10.0
17.5
1750
320
2381 583 x131y
VDRH07K130xyE
170
205
340
25.0
35.0
3500
580
2381 584 x131y
VDRH10S130xyE
340
50.0
70.0
6000
1050
2381 585 x131y
VDRH14V130xyE
340
100.0
140.0
10 000
2100
2381 586 x131y
VDRH20X130ByE
140
380
5.0
9.0
800
120
2381 582 x141y
VDRH05E140xyE
360
10.0
19.0
1750
290
2381 583 x141y
VDRH07K140xyE
180
220
360
25.0
39.0
3500
540
2381 584 x141y
VDRH10S140xyE
360
50.0
78.0
6000
950
2381 585 x141y
VDRH14V140xyE
360
100.0
155.0
10 000
1900
2381 586 x141y
VDRH20X140ByE
150
415
5.0
10.5
800
110
2381 582 x151y
VDRH05E150xyE
395
10.0
21.0
1750
270
2381 583 x151y
VDRH07K150xyE
200
240
395
25.0
42.0
3500
490
2381 584 x151y
VDRH10S150xyE
395
50.0
84.0
6000
850
2381 585 x151y
VDRH14V150xyE
395
100.0
168.0
10 000
1700
2381 586 x151y
VDRH20X150ByE
175
475
5.0
11.0
800
90
2381 582 x171y
VDRH05E175xyE
455
10.0
24.0
1750
230
2381 583 x171y
VDRH07K175xyE
225
275
455
25.0
49.0
3500
430
2381 584 x171y
VDRH10S175xyE
455
50.0
99.0
6000
750
2381 585 x171y
VDRH14V175xyE
455
100.0
190.0
10 000
1500
2381 586 x171y
VDRH20X175ByE
195
525
5.0
12.0
800
80
2381 582 x191y
VDRH05E195xyE
455
10.0
26.0
1750
210
2381 583 x191y
VDRH07K195xyE
250
300
455
25.0
52.0
3500
380
2381 584 x191y
VDRH10S195xyE
455
50.0
105.0
6000
690
2381 585 x191y
VDRH14V195xyE
455
100.0
210.0
10 000
1350
2381 586 x191y
VDRH20X195ByE
210
575
5.0
13.0
800
75
2381 582 x211y
VDRH05E210xyE
505
10.0
28.0
1750
190
2381 583 x211y
VDRH07K210xyE
275
330
505
25.0
58.0
3500
350
2381 584 x211y
VDRH10S210xyE
505
50.0
115.0
6000
610
2381 585 x211y
VDRH14V210xyE
505
100.0
228.0
10 000
1250
2381 586 x211y
VDRH20X210ByE
ELECTRICAL DATA AND ORDERING INFORMATION
MAXIMUM
CONTINUOUS
VOLTAGE
VOLTAGE (3)
at 1 mA
MAXIMUM
VOLTAGE
at STATED
CURRENT
MAXIMUM
ENERGY (4)
(10 X 1000 µS)
MAXIMUM
NON-REP.
TRANSIENT
CURRENT (5)
INRP (8 x 20 µs)
TYPICAL
CAPACITANCE
at 1 kHz
CATALOG NUMBERS (1)
RMS (2)
(V)
DC
(V)
(V)
V
(V)
I
(A)
(J)
(A)
(pF)
12 NC (6)
SAP (7)


Similar Part No. - VDRH10BO17XYE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH10G011xyE VISHAY-VDRH10G011xyE Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
VDRH10G011XYE VISHAY-VDRH10G011XYE Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH10G014xyE VISHAY-VDRH10G014xyE Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
VDRH10G014XYE VISHAY-VDRH10G014XYE Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH10G017xyE VISHAY-VDRH10G017xyE Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
More results

Similar Description - VDRH10BO17XYE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH10G040BKE VISHAY-VDRH10G040BKE Datasheet
245Kb / 20P
   VDR Metal Oxide Varistors High Surge
Revision: 29-Oct-12
VDRH VISHAY-VDRH Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
logo
List of Unclassifed Man...
SVC471D ETC1-SVC471D Datasheet
2Mb / 17P
   CERAMIC SURGE ABSORBERS (VARISTORS)
CNR-07D241K ETC1-CNR-07D241K Datasheet
1Mb / 24P
   METAL OXIDE VARISTORS TRANSIENT / SURGE ABSORBERS
logo
Panasonic Semiconductor
ERZ-V10D390 PANASONIC-ERZ-V10D390 Datasheet
4Mb / 30P
   Varistors (ZNR Surge Absorber) Type D
14-Dec-20
logo
Littelfuse
LVSP0015TXR LITTELFUSE-LVSP0015TXR Datasheet
253Kb / 2P
   LVSP Surge Suppression Fuse
Rev: 081220
V22CH8 LITTELFUSE-V22CH8 Datasheet
301Kb / 5P
   Surface Mount Varistors - Transient Voltage Surge Suppressor
logo
Kemet Corporation
VG0603S020R014 KEMET-VG0603S020R014 Datasheet
1Mb / 13P
   Surface Mount Varistors VG Series ESD Suppression
logo
Vishay Siliconix
VDRUS VISHAY-VDRUS Datasheet
179Kb / 15P
   VDR Metal Oxide Varistors Ultra Surge High Operating Temperature 125 °C
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com