Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2381595X271Y Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 2381595X271Y
Description  a disc of low-ß ceramic material with two tinned solid copper leads
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2381595X271Y Datasheet(HTML) 4 Page - Vishay Siliconix

  2381595X271Y Datasheet HTML 1Page - Vishay Siliconix 2381595X271Y Datasheet HTML 2Page - Vishay Siliconix 2381595X271Y Datasheet HTML 3Page - Vishay Siliconix 2381595X271Y Datasheet HTML 4Page - Vishay Siliconix 2381595X271Y Datasheet HTML 5Page - Vishay Siliconix 2381595X271Y Datasheet HTML 6Page - Vishay Siliconix 2381595X271Y Datasheet HTML 7Page - Vishay Siliconix 2381595X271Y Datasheet HTML 8Page - Vishay Siliconix 2381595X271Y Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Document Number: 29081
For technical questions, contact: nlr@vishay.com
www.vishay.com
Revision: 09-Oct-08
19
2381 59. ...../VDRS.......E
Varistors
Vishay BCcomponents
Notes
(1) The products are certified according to UL (E98144), VDE (40002622) and CSA (219883)
(2) The sinusoidal voltage is assumed as the normal operating condition. If a non-sinusoidal voltage is present, type selection should be based
on multiplying the peak voltage by a factor of 0.707.
(3) The voltage measured at 1 mA meets the requirements of “paragraph 4.3 of CECC specification 42000”.
The tolerance on the voltage at 1 mA is ± 10 %.
(4) High energy surges are generally of longer duration. The maximum energy for one pulse of 10 x 1000 µs is given as a reference for longer
duration pulses. This pulse can be characterised by peak current (Ip) and pulse width t2 (virtual time of half Ip value, following “IEC 60060-2,
section 6” ). If Vp is the clamping voltage corresponding to Ip, the energy absorbed in the varistor is determined by the formula:
where:
a) K is dependent on the value of t2 when the value of t1 is between 8 µs and 10 µs; see Peak Current as a Function of Pulse Width drawing
(5) A current wave of 8 x 20 µs (requirement of “paragraph B.2.10.1 of CECC specification 42000” ) is used as a standard for pulse current and
clamping voltage ratings. The maximum non-repetitive transient current is given for one pulse applied during the life of the component.
(6) For composition of the 12NC part number replace “x” and “y” by figures from the sections “Varistors in Bulk”, “Varistors on Tape in Ammopack”
and “Varistors on Tape on Reel”.
(7) For composition of the SAP part number:
Replace “x” by
B for bulk type
Replace “y” by S for straight leads
T for tape and reel
F for straight leads with flange (bulk only)
A for tape and ammopack
G for straight leads with flange and H0 = 16 mm (tape and reel/ammo)
H for straight leads with flange and H0 = 18.25 mm (tape and reel/ammo)
K for kinked leads (bulk only)
L for kinked leads with H0 = 16 mm (tape and reel/ammo)
M for kinked leads with H0 = 18.25 mm (tape and reel/ammo)
420
560
680
1100
5.0
20.0
400
35
2381 592 x421y
VDRS05C420xyE
1120
10.0
56.0
1200
85
2381 593 x421y
VDRS07H420xyE
1120
25.0
73.0
2500
165
2381 594 x421y
VDRS10P420xyE
1120
50.0
120.0
4500
250
2381 595 x421y
VDRS14T420xyE
1120
100.0
344.0
6500
510
2381 596 x421y
VDRS20W420ByE
460
615
750
1200
5.0
21.0
400
30
2381 592 x461y
VDRS05C460xyE
1240
10.0
63.0
1200
75
2381 593 x461y
VDRS07H460xyE
1240
25.0
82.0
2500
150
2381 594 x461y
VDRS10P460xyE
1240
50.0
135.0
4500
225
2381 595 x461y
VDRS14T460xyE
1240
100.0
360.0
6500
460
2381 596 x461y
VDRS20W460ByE
510
670
820
1355
25.0
89.0
2500
135
2381 594 x511y
VDRS10P510xyE
1355
50.0
145.0
4500
220
2381 595 x511y
VDRS14T510xyE
1355
100.0
376.0
6500
450
2381 596 x511y
VDRS20W510ByE
550
745
910
1500
25.0
98.0
2500
120
2381 594 x551y
VDRS10P550xyE
1500
50.0
160.0
4500
180
2381 595 x551y
VDRS14T550xyE
1500
100.0
408.0
6500
370
2381 596 x551y
VDRS20W550ByE
625
825
1000
1650
100.0
448.0
6500
320
2381 596 x621y
VDRS20W625ByE
680
895
1100
1815
100.0
496.0
6500
270
2381 596 x681y
VDRS20W680ByE
ELECTRICAL DATA AND ORDERING INFORMATION
MAXIMUM
CONTINUOUS
VOLTAGE
VOLTAGE (3)
at 1 mA
MAXIMUM
VOLTAGE at
STATED
CURRENT
MAXIMUM
ENERGY (4)
(10 x 1000 µs)
MAXIMUM
NON-REP.
TRANSIENT
CURRENT (5)
INRP (8 x 20 µs)
TYPICAL
CAPACITANCE
at 1 kHz
CATALOG NUMBERS (1)
RMS (2)
(V)
DC
(V)
(V)
V
(V)
I
(A)
(J)
(A)
(pF)
12 NC (6)
SAP (7)
EK x V
p x Ip x t2
=


Similar Part No. - 2381595X271Y

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
238156001 GENERAL-238156001 Datasheet
73Kb / 1P
   Sound, Alarm & Security Cable
logo
Vishay Siliconix
23815741 VISHAY-23815741 Datasheet
130Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 15-Jun-05
2381582X110Y VISHAY-2381582X110Y Datasheet
337Kb / 21P
   High Surge Suppression Varistors
Revision: 09-Oct-08
2381582X111Y VISHAY-2381582X111Y Datasheet
337Kb / 21P
   High Surge Suppression Varistors
Revision: 09-Oct-08
2381582X131Y VISHAY-2381582X131Y Datasheet
337Kb / 21P
   High Surge Suppression Varistors
Revision: 09-Oct-08
More results

Similar Description - 2381595X271Y

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2322-592-2006 VISHAY-2322-592-2006 Datasheet
281Kb / 14P
   The varistors consist of a disc of low-ceramic material with two tinned solid copper leads.
Revision: 10-Oct-03
logo
Belden Inc.
133107A BELDEN-133107A Datasheet
87Kb / 3P
   TWO 22 AWG (7X30) TINNED COPPER, DATALENE
logo
List of Unclassifed Man...
RL2005-27K ETC2-RL2005-27K Datasheet
45Kb / 2P
   Uncoated Disc With Radial Leads
1347358 ETC2-1347358 Datasheet
96Kb / 2P
   22 AWG solid tinned copper conductors, PVC insulation,
1351662 ETC2-1351662 Datasheet
100Kb / 3P
   22 AWG solid tinned copper conductors, polypropylene insulation
logo
Pasternack Enterprises,...
PE-SR405TN-STRAIGHT PASTERNACK-PE-SR405TN-STRAIGHT Datasheet
367Kb / 3P
   RG405 Tinned Coax Cable with Tinned Copper Outer Conductor
PE-SR402TN-STRAIGHT PASTERNACK-PE-SR402TN-STRAIGHT Datasheet
373Kb / 3P
   RG402 Tinned Coax Cable with Tinned Copper Outer Conductor
logo
List of Unclassifed Man...
1351827 ETC2-1351827 Datasheet
101Kb / 3P
   22 AWG solid tinned copper conductors, twisted pairs, Datalene
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
   AWG Tinned Copper
logo
List of Unclassifed Man...
1351271 ETC2-1351271 Datasheet
102Kb / 3P
   22 AWG solid tinned copper conductors, twisted pairs, Datalene insulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com