Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2381595X251Y Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 2381595X251Y
Description  a disc of low-ß ceramic material with two tinned solid copper leads
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2381595X251Y Datasheet(HTML) 3 Page - Vishay Siliconix

  2381595X251Y Datasheet HTML 1Page - Vishay Siliconix 2381595X251Y Datasheet HTML 2Page - Vishay Siliconix 2381595X251Y Datasheet HTML 3Page - Vishay Siliconix 2381595X251Y Datasheet HTML 4Page - Vishay Siliconix 2381595X251Y Datasheet HTML 5Page - Vishay Siliconix 2381595X251Y Datasheet HTML 6Page - Vishay Siliconix 2381595X251Y Datasheet HTML 7Page - Vishay Siliconix 2381595X251Y Datasheet HTML 8Page - Vishay Siliconix 2381595X251Y Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.vishay.com
For technical questions, contact: nlr@vishay.com
Document Number: 29081
18
Revision: 09-Oct-08
2381 59. ...../VDRS.......E
Vishay BCcomponents
Varistors
140
180
220
350
5.0
6.3
400
120
2381 592 x141y
VDRS05C140xyE
370
10.0
21.0
1200
290
2381 593 x141y
VDRS07H140xyE
370
25.0
33.0
2500
540
2381 594 x141y
VDRS10P140xyE
370
50.0
57.0
4500
950
2381 595 x141y
VDRS14T140xyE
360
100.0
124.0
6500
1900
2381 596 x141y
VDRS20W140ByE
150
200
240
395
5.0
7.1
400
110
2381 592 x151y
VDRS05C150xyE
400
10.0
20.0
1200
270
2381 593 x151y
VDRS07H150xyE
400
25.0
36.0
2500
490
2381 594 x151y
VDRS10P150xyE
400
50.0
59.0
4500
850
2381 595 x151y
VDRS14T150xyE
395
100.0
134.0
6500
1700
2381 596 x151y
VDRS20W150ByE
175
225
275
410
5.0
7.3
400
90
2381 592 x171y
VDRS05C175xyE
455
10.0
23.0
1200
230
2381 593 x171y
VDRS07H175xyE
455
25.0
41.0
2500
430
2381 594 x171y
VDRS10P175xyE
455
50.0
67.0
4500
750
2381 595 x171y
VDRS14T175xyE
455
100.0
158.0
6500
1500
2381 596 x171y
VDRS20W175ByE
230
300
360
560
5.0
10.0
400
70
2381 592 x231y
VDRS05C230xyE
600
10.0
30.0
1200
170
2381 593 x231y
VDRS07H230xyE
600
25.0
54.0
2500
320
2381 594 x231y
VDRS10P230xyE
600
50.0
88.0
4500
540
2381 595 x231y
VDRS14T230xyE
595
100.0
208.0
6500
1100
2381 596 x231y
VDRS20W230ByE
250
320
390
600
5.0
11.0
400
60
2381 592 x251y
VDRS05C250xyE
650
10.0
33.0
1200
160
2381 593 x251y
VDRS07H250xyE
650
25.0
58.0
2500
300
2381 594 x251y
VDRS10P250xyE
650
50.0
96.0
4500
480
2381 595 x251y
VDRS14T250xyE
650
100.0
240.0
6500
960
2381 596 x251y
VDRS20W250ByE
275
350
430
695
5.0
12.0
400
55
2381 592 x271y
VDRS05C275xyE
710
10.0
36.0
1200
140
2381 593 x271y
VDRS07H275xyE
710
25.0
63.0
2500
270
2381 594 x271y
VDRS10P275xyE
710
50.0
104.0
4500
440
2381 595 x271y
VDRS14T275xyE
710
100.0
264.0
6500
900
2381 596 x271y
VDRS20W275ByE
300
385
470
750
5.0
13.0
400
50
2381 592 x301y
VDRS05C300xyE
800
10.0
40.0
1200
130
2381 593 x301y
VDRS07H300xyE
800
25.0
71.0
2500
240
2381 594 x301y
VDRS10P300xyE
800
50.0
117.0
4500
400
2381 595 x301y
VDRS14T300xyE
775
100.0
280.0
6500
810
2381 596 x301y
VDRS20W300ByE
320
420
510
800
5.0
15.0
400
45
2381 592 x321y
VDRS05C320xyE
850
10.0
44.0
1200
120
2381 593 x321y
VDRS07H320xyE
850
25.0
77.0
2500
220
2381 594 x321y
VDRS10P320xyE
850
50.0
120.0
4500
370
2381 595 x321y
VDRS14T320xyE
842
100.0
296.0
6500
750
2381 596 x321y
VDRS20W320ByE
350
460
560
940
5.0
19.5
400
42
2381 592 x351y
VDRS05C350xyE
920
10.0
39.0
1200
110
2381 593 x351y
VDRS07H350xyE
920
25.0
78.0
2500
200
2381 594 x351y
VDRS10P350xyE
920
50.0
156.0
4500
325
2381 595 x351y
VDRS14T350xyE
920
100.0
312.0
6500
660
2381 596 x351y
VDRS20W350ByE
385
505
620
1000
5.0
18.0
400
40
2381 592 x381y
VDRS05C385xyE
1025
10.0
51.0
1200
95
2381 593 x381y
VDRS07H385xyE
1025
25.0
67.0
2500
180
2381 594 x381y
VDRS10P385xyE
1025
50.0
110.0
4500
280
2381 595 x381y
VDRS14T385xyE
1025
100.0
328.0
6500
570
2381 596 x381y
VDRS20W385ByE
ELECTRICAL DATA AND ORDERING INFORMATION
MAXIMUM
CONTINUOUS
VOLTAGE
VOLTAGE (3)
at 1 mA
MAXIMUM
VOLTAGE at
STATED
CURRENT
MAXIMUM
ENERGY (4)
(10 x 1000 µs)
MAXIMUM
NON-REP.
TRANSIENT
CURRENT (5)
INRP (8 x 20 µs)
TYPICAL
CAPACITANCE
at 1 kHz
CATALOG NUMBERS (1)
RMS (2)
(V)
DC
(V)
(V)
V
(V)
I
(A)
(J)
(A)
(pF)
12 NC (6)
SAP (7)


Similar Part No. - 2381595X251Y

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
238156001 GENERAL-238156001 Datasheet
73Kb / 1P
   Sound, Alarm & Security Cable
logo
Vishay Siliconix
23815741 VISHAY-23815741 Datasheet
130Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 15-Jun-05
2381582X110Y VISHAY-2381582X110Y Datasheet
337Kb / 21P
   High Surge Suppression Varistors
Revision: 09-Oct-08
2381582X111Y VISHAY-2381582X111Y Datasheet
337Kb / 21P
   High Surge Suppression Varistors
Revision: 09-Oct-08
2381582X131Y VISHAY-2381582X131Y Datasheet
337Kb / 21P
   High Surge Suppression Varistors
Revision: 09-Oct-08
More results

Similar Description - 2381595X251Y

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2322-592-2006 VISHAY-2322-592-2006 Datasheet
281Kb / 14P
   The varistors consist of a disc of low-ceramic material with two tinned solid copper leads.
Revision: 10-Oct-03
logo
Belden Inc.
133107A BELDEN-133107A Datasheet
87Kb / 3P
   TWO 22 AWG (7X30) TINNED COPPER, DATALENE
logo
List of Unclassifed Man...
RL2005-27K ETC2-RL2005-27K Datasheet
45Kb / 2P
   Uncoated Disc With Radial Leads
1347358 ETC2-1347358 Datasheet
96Kb / 2P
   22 AWG solid tinned copper conductors, PVC insulation,
1351662 ETC2-1351662 Datasheet
100Kb / 3P
   22 AWG solid tinned copper conductors, polypropylene insulation
logo
Pasternack Enterprises,...
PE-SR405TN-STRAIGHT PASTERNACK-PE-SR405TN-STRAIGHT Datasheet
367Kb / 3P
   RG405 Tinned Coax Cable with Tinned Copper Outer Conductor
PE-SR402TN-STRAIGHT PASTERNACK-PE-SR402TN-STRAIGHT Datasheet
373Kb / 3P
   RG402 Tinned Coax Cable with Tinned Copper Outer Conductor
logo
List of Unclassifed Man...
1351827 ETC2-1351827 Datasheet
101Kb / 3P
   22 AWG solid tinned copper conductors, twisted pairs, Datalene
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
   AWG Tinned Copper
logo
List of Unclassifed Man...
1351271 ETC2-1351271 Datasheet
102Kb / 3P
   22 AWG solid tinned copper conductors, twisted pairs, Datalene insulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com