Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VDRH07BO14XYE Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VDRH07BO14XYE
Description  High Surge Suppression Varistors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRH07BO14XYE Datasheet(HTML) 5 Page - Vishay Siliconix

  VDRH07BO14XYE Datasheet HTML 1Page - Vishay Siliconix VDRH07BO14XYE Datasheet HTML 2Page - Vishay Siliconix VDRH07BO14XYE Datasheet HTML 3Page - Vishay Siliconix VDRH07BO14XYE Datasheet HTML 4Page - Vishay Siliconix VDRH07BO14XYE Datasheet HTML 5Page - Vishay Siliconix VDRH07BO14XYE Datasheet HTML 6Page - Vishay Siliconix VDRH07BO14XYE Datasheet HTML 7Page - Vishay Siliconix VDRH07BO14XYE Datasheet HTML 8Page - Vishay Siliconix VDRH07BO14XYE Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
www.vishay.com
For technical questions, contact: nlr@vishay.com
Document Number: 29082
38
Revision: 09-Oct-08
2381 58. ...../VDRH.......E
Vishay BCcomponents
High Surge Suppression Varistors
Notes
(1) The products are certified according to UL (E98144), VDE (40013495) and CSA (219883)
(2) The sinusoidal voltage is assumed as the normal operating condition. If a non-sinusoidal voltage is present, type selection should be based
on multiplying the peak voltage by a factor of 0.707.
(3) The voltage measured at 1 mA meets the requirements of “paragraph 4.3 of CECC specification 42000“.
The tolerance on the voltage at 1 mA is ± 10 %.
(4) High energy surges are generally of longer duration. The maximum energy for one pulse of 10 x 1000 µs is given as a reference for longer
duration pulses. This pulse can be characterised by peak current (Ip) and pulse width t2 (virtual time of half Ip value, following “IEC 60060-2,
section 6“). If Vp is the clamping voltage corresponding to Ip, the energy absorbed in the varistor is determined by the formula:
where:
a) K is dependant on the value of t2 when the value of t1 is between 8 µs and 10 µs; see Peak Current as a Function of Pulse Width drawing
(5) A current wave of 8 x 20 µs (requirement of “paragraph B.2.10.1 of CECC specification 42000” ) is used as a standard for pulse current and
clamping voltage ratings. The maximum non-repetitive transient current is given for one pulse applied during the life of the component.
(6) For composition of the 12NC part number replace “x” and “y” by figures from the sections “Varistors in Bulk”, “Varistors on Tape in Ammopack”
and “Varistors on “Tape on Reel”
(7) For composition of the SAP part number:
Replace “x” by
B for bulk type
Replace “y” by
S for straight leads
T for tape and reel
K for kinked leads (bulk only)
A for tape and ammopack
L for kinked leads with H0 = 16 mm (tape and reel/ammo)
M for kinked leads with H0 = 18.25 mm (tape and reel/ammo)
485
640
780
1290
10.0
59.0
1750
65
2381 583 x481y
VDRH07K485xyE
1290
25.0
116.0
3500
145
2381 584 x481y
VDRH10S485xyE
1290
50.0
233.0
6000
220
2381 585 x481y
VDRH14V485xyE
1290
100.0
450.0
10 000
400
2381 586 x481y
VDRH20X485ByE
510
670
820
1355
10.0
60.0
1750
62
2381 583 x511y
VDRH07K510xyE
1355
25.0
118.0
3500
135
2381 584 x511y
VDRH10S510xyE
1355
50.0
235.0
6000
220
2381 585 x511y
VDRH14V510xyE
1355
100.0
460.0
10 000
400
2381 586 x511y
VDRH20X510ByE
550
1500
25.0
127.0
3500
120
2381 584 x551y
VDRH10S550xyE
745
910
1500
50.0
255.0
6000
180
2381 585 x551y
VDRH14V550xyE
1500
100.0
510.0
10 000
320
2381 586 x551y
VDRH20X550ByE
625
1650
25.0
140.0
3500
105
2381 584 x6216
VDRH10S625ByE
825
1000
1650
50.0
283.0
6000
165
2381 585 x6216
VDRH14V625ByE
1650
100.0
566.0
10 000
280
2381 586 x6216
VDRH20X625ByE
680
1815
25.0
155.0
3500
80
2381 584 x6816
VDRH10S680ByE
895
1100
1815
50.0
310.0
6000
150
2381 585 x6816
VDRH14V680ByE
1815
100.0
620.0
10 000
250
2381 586 x6816
VDRH20X680ByE
ELECTRICAL DATA AND ORDERING INFORMATION
MAXIMUM
CONTINUOUS
VOLTAGE
VOLTAGE (3)
at 1 mA
MAXIMUM
VOLTAGE
at STATED
CURRENT
MAXIMUM
ENERGY (4)
(10 X 1000 µS)
MAXIMUM
NON-REP.
TRANSIENT
CURRENT (5)
INRP (8 x 20 µs)
TYPICAL
CAPACITANCE
at 1 kHz
CATALOG NUMBERS (1)
RMS (2)
(V)
DC
(V)
(V)
V
(V)
I
(A)
(J)
(A)
(pF)
12 NC (6)
SAP (7)
EK x V
p x Ip x t2
=


Similar Part No. - VDRH07BO14XYE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH07D011xyE VISHAY-VDRH07D011xyE Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
VDRH07D011XYE VISHAY-VDRH07D011XYE Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH07D014xyE VISHAY-VDRH07D014xyE Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
VDRH07D014XYE VISHAY-VDRH07D014XYE Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH07D017xyE VISHAY-VDRH07D017xyE Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
More results

Similar Description - VDRH07BO14XYE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH10G040BKE VISHAY-VDRH10G040BKE Datasheet
245Kb / 20P
   VDR Metal Oxide Varistors High Surge
Revision: 29-Oct-12
VDRH VISHAY-VDRH Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
logo
List of Unclassifed Man...
SVC471D ETC1-SVC471D Datasheet
2Mb / 17P
   CERAMIC SURGE ABSORBERS (VARISTORS)
CNR-07D241K ETC1-CNR-07D241K Datasheet
1Mb / 24P
   METAL OXIDE VARISTORS TRANSIENT / SURGE ABSORBERS
logo
Panasonic Semiconductor
ERZ-V10D390 PANASONIC-ERZ-V10D390 Datasheet
4Mb / 30P
   Varistors (ZNR Surge Absorber) Type D
14-Dec-20
logo
Littelfuse
LVSP0015TXR LITTELFUSE-LVSP0015TXR Datasheet
253Kb / 2P
   LVSP Surge Suppression Fuse
Rev: 081220
V22CH8 LITTELFUSE-V22CH8 Datasheet
301Kb / 5P
   Surface Mount Varistors - Transient Voltage Surge Suppressor
logo
Kemet Corporation
VG0603S020R014 KEMET-VG0603S020R014 Datasheet
1Mb / 13P
   Surface Mount Varistors VG Series ESD Suppression
logo
Vishay Siliconix
VDRUS VISHAY-VDRUS Datasheet
179Kb / 15P
   VDR Metal Oxide Varistors Ultra Surge High Operating Temperature 125 °C
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com